Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD550FHG Datasheet(PDF) 1 Page - Rohm

Part # BD550FHG
Description  AC/DC Controller IC for non-dimmable LED lighting
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD550FHG Datasheet(HTML) 1 Page - Rohm

  BD550FHG Datasheet HTML 1Page - Rohm BD550FHG Datasheet HTML 2Page - Rohm BD550FHG Datasheet HTML 3Page - Rohm BD550FHG Datasheet HTML 4Page - Rohm BD550FHG Datasheet HTML 5Page - Rohm BD550FHG Datasheet HTML 6Page - Rohm BD550FHG Datasheet HTML 7Page - Rohm BD550FHG Datasheet HTML 8Page - Rohm BD550FHG Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Datasheet
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays
.
1/17
TSZ02201-0F1F0C300020-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
2013.07.25 Rev.001
TSZ22111・14・001
www.rohm.com
AC/DC Drivers
AC/DC Controller IC
for non-dimmable LED lighting
BD550FHG
●General Description
LED driver BD550FHG supports both isolated and
non-isolated devices. IC enables simple design of
low-power electrical converters.
With switching MOSFET and current detection resistor
as external devices, it enables more freedom in design.
Since the peak current control is utilized, peak current
is controlled in each cycle, application excels wide
bandwidth and transient response.
BD550FHG includes various protective functions such
as soft start function, burst function, per-cycle over
current limiter, VCC overvoltage protection and
overload protection.
An external latch pin (COMP pin) is provided, so that
latch stopping (OFF) can be set by external signals.
This function is available as overheating protection and
over output voltage protection.
The PWM switching frequency is fixed at 65 kHz.
A frequency hopping function is included which contributes
to low EMI.
●Features
PWM frequency of 65kHz
PWM current mode method
Low circuit current when UVLO is ON
(12
μA at VCC=12V)
Low circuit current without load
(Burst operation when load is light)
Built-in SW frequency hopping function
250nsec leading-edge blanking
VCC UVLO / OVP
Per-cycle over current protection circuit
Soft start
Output overload protection (Self-restart protection)
External latch function for COMP pin
(Over heating protection function)
●Key Specifications
 Power Supply Voltage range:
8.5V to 25.0V
 Operating Current:
Normal:
0.60mA (Typ)
Burst:
0.40mA (Typ)
 Oscillation Frequency:
65kHz
(Typ)
 Operating Temperature range:
-40°C to +110°C
●Package
W(Typ) x D (Typ) x H (Max)
SSOP6
2.90mm x 2.80mm x1.25mm
●Applications
 Electrical machineries for LED lighting
●Typical Application Circuit
Figure 1,
Application Diagram (Non-Isolated Type)


Similar Part No. - BD550FHG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD550 ETC-BD550 Datasheet
62Kb / 2P
   SILICON TRANSISTOR FOR QUASI - COMPLEMENTARY- SYMMETRY AUDIO AMPLIFIERS
logo
Inchange Semiconductor ...
BD550 ISC-BD550 Datasheet
72Kb / 2P
   isc Silicon NPN Power Transistors
logo
List of Unclassifed Man...
BD550B ETC-BD550B Datasheet
62Kb / 2P
   SILICON TRANSISTOR FOR QUASI - COMPLEMENTARY- SYMMETRY AUDIO AMPLIFIERS
logo
Inchange Semiconductor ...
BD550B ISC-BD550B Datasheet
72Kb / 2P
   isc Silicon NPN Power Transistors BD550B
logo
Pan Jit International I...
BD550S PANJIT-BD550S Datasheet
113Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - BD550FHG

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CLEDAC02 CYPRESS-CY8CLEDAC02 Datasheet
1Mb / 20P
   AC-DC Controller for Dimmable LED Lighting
logo
Rohm
BD555BKFV ROHM-BD555BKFV Datasheet
737Kb / 13P
   BD555BKFV AC/DC Controller IC for mains dimmable LED lighting
logo
SIFIRST TECHNOLOGIES NA...
SFL678 SIFIRST-SFL678 Datasheet
49Kb / 2P
   AC/DC PSR Controller for Dimmable LED Lighting
logo
Rohm
BD521GOFJ ROHM-BD521GOFJ Datasheet
1Mb / 20P
   AC/DC controller IC for LED lighting
logo
NXP Semiconductors
SSL2103 NXP-SSL2103 Datasheet
414Kb / 21P
   SMPS controller IC for dimmable LED lighting
Rev. 2-25 November 2010
logo
Asahi Kasei Microsystem...
AP1651BEL AKM-AP1651BEL Datasheet
1Mb / 28P
   Dimmable LED driver IC for Lighting
logo
NXP Semiconductors
SSL2101 NXP-SSL2101 Datasheet
118Kb / 22P
   SMPS IC for dimmable LED lighting
Rev. 04-28 August 2009
logo
Rohm
BM521Q25F ROHM-BM521Q25F Datasheet
1Mb / 20P
   AC/DC controller IC for LED lighting Included 650V MOSFET
logo
ADTech
ADT6051 ADTECH-ADT6051 Datasheet
269Kb / 4P
   Dimmable CC / CV IC for LED Lighting
logo
NXP Semiconductors
SSL2102 NXP-SSL2102 Datasheet
116Kb / 21P
   Mains LED driver IC for dimmable LED lighting
Rev. 01-29 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com