Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD550FHG-TR Datasheet(PDF) 8 Page - Rohm

Part # BD550FHG-TR
Description  AC/DC Controller IC for non-dimmable LED lighting
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD550FHG-TR Datasheet(HTML) 8 Page - Rohm

Back Button BD550FHG-TR Datasheet HTML 4Page - Rohm BD550FHG-TR Datasheet HTML 5Page - Rohm BD550FHG-TR Datasheet HTML 6Page - Rohm BD550FHG-TR Datasheet HTML 7Page - Rohm BD550FHG-TR Datasheet HTML 8Page - Rohm BD550FHG-TR Datasheet HTML 9Page - Rohm BD550FHG-TR Datasheet HTML 10Page - Rohm BD550FHG-TR Datasheet HTML 11Page - Rohm BD550FHG-TR Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8/17
Datasheet
Datasheet
BD550FHG
TSZ02201-0F1F0C300020-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
2013.07.25 Rev.001
www.rohm.com
TSZ22111・15・001
0.0 
2.0 
4.0 
6.0 
8.0 
10.0 
12.0 
14.0 
16.0 
18.0 
20.0 
0
20
40
60
80
100
120
140
160
180
200
Temparature T[℃ ]
RTt(typ3.7kΩ)
Detect
( 6 ) COMP Pin External Latch Function
IC is latched when the COMP pin voltage goes below VLATCH (0.5V Typ). A latch timer for TLATCH (100us Typ) added to
prevent operation errors caused by noise.
The COMP pin is pulled up by RLATCH (25.9kΩ Typ), and when RT (3.7kΩ Typ) is pulled down at the COMP pin, latch
protection is operated. Some application examples are shown in Figure 10, Figure 11, and Figure 12.
Overheating Protection by NTC Thermistor
A thermistor is attached to the COMP pin so that latching can be stopped when overheating occurs.
In the case of this application, it should be designed so that the thermistor resistance becomes RT (3.70kΩ Typ) when
overheating is detected.
(Figure 10 and Figure 11 are application circuit examples in which latch operation occurs when Ta = 110℃)
The variation in RT (=3.70kΩ Typ) shown in an electrical property includes only IC.
Please add the variation of external thermistor resistance to it and design.
Figure 10, COMP Pin Overheating Protection Application
Figure 11, Temperature-Thermistor Resistance Value


Similar Part No. - BD550FHG-TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD550 ETC-BD550 Datasheet
62Kb / 2P
   SILICON TRANSISTOR FOR QUASI - COMPLEMENTARY- SYMMETRY AUDIO AMPLIFIERS
logo
Inchange Semiconductor ...
BD550 ISC-BD550 Datasheet
72Kb / 2P
   isc Silicon NPN Power Transistors
logo
List of Unclassifed Man...
BD550B ETC-BD550B Datasheet
62Kb / 2P
   SILICON TRANSISTOR FOR QUASI - COMPLEMENTARY- SYMMETRY AUDIO AMPLIFIERS
logo
Inchange Semiconductor ...
BD550B ISC-BD550B Datasheet
72Kb / 2P
   isc Silicon NPN Power Transistors BD550B
logo
Pan Jit International I...
BD550S PANJIT-BD550S Datasheet
113Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - BD550FHG-TR

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CLEDAC02 CYPRESS-CY8CLEDAC02 Datasheet
1Mb / 20P
   AC-DC Controller for Dimmable LED Lighting
logo
Rohm
BD555BKFV ROHM-BD555BKFV Datasheet
737Kb / 13P
   BD555BKFV AC/DC Controller IC for mains dimmable LED lighting
logo
SIFIRST TECHNOLOGIES NA...
SFL678 SIFIRST-SFL678 Datasheet
49Kb / 2P
   AC/DC PSR Controller for Dimmable LED Lighting
logo
Rohm
BD521GOFJ ROHM-BD521GOFJ Datasheet
1Mb / 20P
   AC/DC controller IC for LED lighting
logo
NXP Semiconductors
SSL2103 NXP-SSL2103 Datasheet
414Kb / 21P
   SMPS controller IC for dimmable LED lighting
Rev. 2-25 November 2010
logo
Asahi Kasei Microsystem...
AP1651BEL AKM-AP1651BEL Datasheet
1Mb / 28P
   Dimmable LED driver IC for Lighting
logo
NXP Semiconductors
SSL2101 NXP-SSL2101 Datasheet
118Kb / 22P
   SMPS IC for dimmable LED lighting
Rev. 04-28 August 2009
logo
Rohm
BM521Q25F ROHM-BM521Q25F Datasheet
1Mb / 20P
   AC/DC controller IC for LED lighting Included 650V MOSFET
logo
ADTech
ADT6051 ADTECH-ADT6051 Datasheet
269Kb / 4P
   Dimmable CC / CV IC for LED Lighting
logo
NXP Semiconductors
SSL2102 NXP-SSL2102 Datasheet
116Kb / 21P
   Mains LED driver IC for dimmable LED lighting
Rev. 01-29 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com