Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V3632 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT72V3632
Description  3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3632 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT72V3632 Datasheet HTML 7Page - Integrated Device Technology IDT72V3632 Datasheet HTML 8Page - Integrated Device Technology IDT72V3632 Datasheet HTML 9Page - Integrated Device Technology IDT72V3632 Datasheet HTML 10Page - Integrated Device Technology IDT72V3632 Datasheet HTML 11Page - Integrated Device Technology IDT72V3632 Datasheet HTML 12Page - Integrated Device Technology IDT72V3632 Datasheet HTML 13Page - Integrated Device Technology IDT72V3632 Datasheet HTML 14Page - Integrated Device Technology IDT72V3632 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
11
COMMERCIAL TEMPERATURERANGE
IDT72V3622/72V3632/72V3642 CMOS 3.3V SyncBiFIFOTM
256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FIFO WRITE/READ OPERATION
The state of the port A data (A0-A35) outputs is controlled by port A Chip
Select (
CSA) and port A Write/Read select (W/RA). The A0-A35 outputs are
in the high-impedance state when either
CSA or W/RA is HIGH. The A0-A35
outputs are active when both
CSA and W/RA are LOW.
Data is loaded into FIFO1 from the A0-A35 inputs on a LOW-to-HIGH
transition of CLKA when
CSA is LOW, W/RA is HIGH, ENA is HIGH , MBA is
LOW, and
FFA/IRA is HIGH. Data is read from FIFO2 to the A0-A35 outputs
by a LOW-to-HIGH transition of CLKA when
CSAisLOW,W/RAisLOW,ENA
is HIGH, MBA is LOW, and
EFA/ORA is HIGH (see Table 2). FIFO reads and
writes on port A are independent of any concurrent port B operation. Write and
Read cycle timing diagrams for Port A can be found in Figure 4 and 7.
TheportBcontrolsignalsareidenticaltothoseofportAwiththeexception
thattheportBWrite/Readselect(
W/RB)istheinverseoftheportAWrite/Read
select(W/
RA).ThestateoftheportBdata(B0-B35)outputsiscontrolledbythe
port B Chip Select (
CSB) and port B Write/Read select (W/RB). The B0-B35
outputs are in the high-impedance state when either
CSB is HIGH or W/RB
is LOW. The B0-B35 outputs are active when
CSBisLOWandW/RBisHIGH.
Data is loaded into FIFO2 from the B0-B35 inputs on a LOW-to-HIGH
transition of CLKB when
CSB is LOW, W/RB is LOW, ENB is HIGH, MBB is
LOW, and
FFB/IRB is HIGH. Data is read from FIFO1 to the B0-B35 outputs
byaLOW-to-HIGHtransitionofCLKBwhen
CSBisLOW,W/RBisHIGH,ENB
is HIGH, MBB is LOW, and
EFB/ORBisHIGH(seeTable3).FIFOreadsand
writes on port B are independent of any concurrent port A operation. Write and
Read cycle timing diagrams for Port B can be found in Figure 5 and 6.
The setup and hold time constraints to the port Clocks for the port Chip
SelectsandWrite/Readselectsareonlyforenablingwriteandreadoperations
andarenotrelatedtohigh-impedancecontrolofthedataoutputs.Ifaportenable
is LOW during a clock cycle, the port’s Chip Select and Write/Read select may
change states during the setup and hold time window of the cycle.
WhenoperatingtheFIFOinFWFTmodeandtheOutputReadyflagisLOW,
the next word written is automatically sent to the FIFO’s output register by the
LOW-to-HIGHtransitionoftheportclockthatsetstheOutputReadyflagHIGH.
When the Output Ready flag is HIGH, subsequent data is clocked to the output
registers only when a read is selected using the port’s Chip Select, Write/Read
select, Enable, and Mailbox select.
When operating the FIFO in IDT Standard mode, the first word will cause
the Empty Flag to change state on the second LOW-to-HIGH transition of the
Read Clock. The data word will not be automatically sent to the output register.
Instead, data residing in the FIFO's memory array is clocked to the output
register only when a read is selected using the port’s Chip Select, Write/Read
select, Enable, and Mailbox select.
SYNCHRONIZED FIFO FLAGS
Each FIFO is synchronized to its port clock through at least two flip-flop
stages. This is done to improve flag signal reliability by reducing the probability
of metastable events when CLKA and CLKB operate asynchronously to one
another.
EFA/ORA, AEA, FFA/IRA, and AFA are synchronized to CLKA.
EFB/ORB, AEB, FFB/IRB, and AFB are synchronized to CLKB. Tables
4 and 5 show the relationship of each port flag to FIFO1 and FIFO2.
EMPTY/OUTPUT READY FLAGS (
EFA/ORA, EFB/ORB)
These are dual purpose flags. In the FWFT mode, the Output Ready
(ORA, ORB) function is selected. When the Output Ready flag is HIGH,
CSB
W/RB
ENB
MBB
CLKB
Data B (B0-B35) I/O
Port Function
H
X
X
X
X
High-Impedance
None
L
L
L
X
X
Input
None
LL
H
L
Input
FIFO2 write
LL
H
H
Input
Mail2 write
L
H
L
L
X
Output
None
LH
H
L
Output
FIFO1 read
L
H
L
H
X
Output
None
LH
H
H
Output
Mail1 read (set
MBF1 HIGH)
TABLE 3 — PORT B ENABLE .UNCTION TABLE
TABLE 2 — PORT A ENABLE .UNCTION TABLE
CSA
W/
RA
ENA
MBA
CLKA
Data A (A0-A35) I/O
Port Function
H
X
X
X
X
High-Impedance
None
L
H
L
X
X
Input
None
LH
H
L
Input
FIFO1 write
LH
H
H
Input
Mail1 write
L
L
L
L
X
Output
None
LL
H
L
Output
FIFO2 read
L
L
L
H
X
Output
None
LL
H
H
Output
Mail2 read (set
MBF2 HIGH)


Similar Part No. - IDT72V3632

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3632 IDT-IDT72V3632 Datasheet
210Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
logo
Renesas Technology Corp
IDT72V3632 RENESAS-IDT72V3632 Datasheet
385Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
More results

Similar Description - IDT72V3632

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624 Datasheet
362Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT72V3622 RENESAS-IDT72V3622 Datasheet
385Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
IDT723622 RENESAS-IDT723622 Datasheet
370Kb / 25P
   CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
logo
Integrated Device Techn...
IDT72V3626 IDT-IDT72V3626 Datasheet
329Kb / 36P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT72V3626 RENESAS-IDT72V3626 Datasheet
742Kb / 37P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2009
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
logo
Integrated Device Techn...
IDT723622 IDT-IDT723622 Datasheet
294Kb / 26P
   CMOS SyncBiFIFOO 256 x 36 x 2, 512 x 36 x 2, 1024 x 36 x 2
logo
Renesas Technology Corp
72V3631 RENESAS-72V3631 Datasheet
450Kb / 21P
   3.3 VOLT CMOS SyncFIFOTM 512 x 36 1,024 x 36
Oct.29.21
IDT723626 RENESAS-IDT723626 Datasheet
404Kb / 36P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 1,024 x 36 x 2
MARCH 2018
logo
Integrated Device Techn...
IDT72V3623 IDT-IDT72V3623 Datasheet
289Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING 256 x 36, 512 x 36, 1,024 x 36
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com