Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD555BKFV Datasheet(PDF) 5 Page - Rohm

Part # BD555BKFV
Description  AC/DC Controller IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD555BKFV Datasheet(HTML) 5 Page - Rohm

  BD555BKFV_13 Datasheet HTML 1Page - Rohm BD555BKFV_13 Datasheet HTML 2Page - Rohm BD555BKFV_13 Datasheet HTML 3Page - Rohm BD555BKFV_13 Datasheet HTML 4Page - Rohm BD555BKFV_13 Datasheet HTML 5Page - Rohm BD555BKFV_13 Datasheet HTML 6Page - Rohm BD555BKFV_13 Datasheet HTML 7Page - Rohm BD555BKFV_13 Datasheet HTML 8Page - Rohm BD555BKFV_13 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5/12
Datasheet
Datasheet
BD555BKFV
TSZ02201-0W1W0C300010-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
30.July.2013 Rev.003
www.rohm.com
TSZ22111
・15・001
●Absolute Maximum Ratings
Parameter
Symbol
Maximum rating
Unit
Supply voltage (SUP terminal)
VSUP
40
V
Internal supply regulator voltage (VDDH terminal)
VVDDH
15.5
V
SW output current
ISW
600
*1
mA
BLDR output current
IBLDR
60
*1
mA
WLBD, ISNS terminal voltage
VWBLD, VISNS
15.5
V
WBLD input current (strong load current)
ISBLD
300
*2
mA
DIM, DET, OSC, REF, FB terminal voltage
VDIM, VDET, VOSC, VREF, VFB
4.5
V
FB input current (VFB=4.5V)
IFB
4.0
mA
ISYS, PGND terminal voltage
VISYS, VPGND
+/- 0.5
V
Operating frequency
foperating
400
kHz
Maximum power dissipation
Pd
0.87
*4
W
Operating ambient temperature range
Ta
-40 ~ +110
°C
Storage temperature range
Tstorage
-55 ~ +150
°C
Maximum junction temperature
Tjunction,max
+150
°C
*1
ISW pulse current duration <100ns@foperating
*2
IBLDR pulse current duration <1us@fmains
never exceed 0.8*Pd
*3
IWBLD pulse current duration <300us@fmains
*4
SSOP-B14 package thermal resistance RθJA=143°C/W, mounted on a two-layer PCB of 70x70x1.6mm
3
Notice1: Due to in case of the applied voltage or operating ambient temperature range or etc. exceed the absolute maximum ratings, a damage maybe
occurs, and the damage mode (short or open or etc.) can not be supposed, please take a physical safety measure (such as add a fuse) while some special
modes in which the absolute maximum ratings may be exceeded are considered.
Notice2: The power dissipation in BD555BKFV is mainly decided by the switching frequency of the DCDC converter and the current which is applied to the
BLDR pin. Please make the power dissipation caused by those less than 80% of the maximum power dissipation of the package.
●Recommended Operating Range (Ta= -40 ~ +110°C)
Parameter
Symbol
Range
Unit
Supply voltage
VSUP
16 ~ 39
V
●Electrical Characteristics
Parameter
Symbol
Limits
Unit
Comments
Min.
Typ.
Max.
Internal Supply Regulator*
1
Startup current
ISUP,start
-
0.4
0.8
mA
In UVLO condition
Supply current ON
ISUP,NS
-
0.8
1.0
mA
No switching.
Supply current ON 1
ISUP,ON1
-
1.0
1.3
mA
No load on SW/BLDR, fSW =40kHz.
Supply current ON 2
ISUP,ON2
-
2
2.4
mA
No load on SW/BLDR, fSW =400kHz.
VDDH internal regulator voltage
VVDDH
10.0
11.5
15.0
V
VDDH load current IVDDH < 10mA
UVLO release voltage
VUVLO,rl
9.20
10.0
10.8
V
VDDH rising
UVLO trigger voltage
VUVLO,tr
VUVLO,tr - VUVLO,hys
V
VDDH falling
UVLO hysteresis
VUVLO,hys
0.75
1.00
1.25
V
Switching regulator
Minimum frequency
fSW_min
32
40
48
kHz
fSW = 9.0×10
6/R11 (kHz)±20%,
for frequency range 40KHz to 400KHz.
Maximum frequency
fSW_max
320
400
480
kHz
SW maximum duty cycle
δmax
70
75
80
%


Similar Part No. - BD555BKFV_13

ManufacturerPart #DatasheetDescription
logo
Rohm
BD555BKFV-E2 ROHM-BD555BKFV-E2 Datasheet
737Kb / 13P
   BD555BKFV AC/DC Controller IC for mains dimmable LED lighting
More results

Similar Description - BD555BKFV_13

ManufacturerPart #DatasheetDescription
logo
Rohm
BD521GOFJ ROHM-BD521GOFJ Datasheet
1Mb / 20P
   AC/DC controller IC for LED lighting
BM1P10CFJ ROHM-BM1P10CFJ Datasheet
1Mb / 35P
   PWM Controller IC for AC/DC Converter
03.Feb.2020 Rev.001
logo
List of Unclassifed Man...
LN5R12C ETC2-LN5R12C Datasheet
161Kb / 3P
   LN5R12C AC / DC Switching power supply controller IC
logo
Sony Corporation
CXA3809M SONY-CXA3809M Datasheet
462Kb / 62P
   AC-DC Controller
CXA3810M SONY-CXA3810M Datasheet
549Kb / 70P
   AC-DC Controller
logo
Rohm
BD550FHG ROHM-BD550FHG Datasheet
919Kb / 21P
   AC/DC Controller IC for non-dimmable LED lighting
BM521Q25F ROHM-BM521Q25F Datasheet
1Mb / 20P
   AC/DC controller IC for LED lighting Included 650V MOSFET
BD555BKFV ROHM-BD555BKFV Datasheet
737Kb / 13P
   BD555BKFV AC/DC Controller IC for mains dimmable LED lighting
logo
SHENZHEN FUMAN ELECTRON...
FM2109 FUMAN-FM2109 Datasheet
419Kb / 11P
   Step-up DC-DC Controller IC
logo
Infineon Technologies A...
ILD2111 INFINEON-ILD2111 Datasheet
1Mb / 66P
   Digital DC/DC Buck Controller IC
Revision 1.0, 2015-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com