Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD2808MUV-ME2 Datasheet(PDF) 4 Page - Rohm

Part # BD2808MUV-ME2
Description  24ch Constant Current LED Driver IC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2808MUV-ME2 Datasheet(HTML) 4 Page - Rohm

  BD2808MUV-ME2 Datasheet HTML 1Page - Rohm BD2808MUV-ME2 Datasheet HTML 2Page - Rohm BD2808MUV-ME2 Datasheet HTML 3Page - Rohm BD2808MUV-ME2 Datasheet HTML 4Page - Rohm BD2808MUV-ME2 Datasheet HTML 5Page - Rohm BD2808MUV-ME2 Datasheet HTML 6Page - Rohm BD2808MUV-ME2 Datasheet HTML 7Page - Rohm BD2808MUV-ME2 Datasheet HTML 8Page - Rohm BD2808MUV-ME2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
4/30
Datasheet
Datasheet
BD2808MUV-M
TSZ02201-0T3T0C500040-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
4.Jun.2015 Rev.002
www.rohm.com
TSZ22111・15・001
Description of Blocks
(1) Power Supply Start-up
The rise and fall time of a power supply can be from 10us to 1s.
Allow at least 0.1ms after VCC exceeds VUVLORise UVLO before commencing communication.
Input pin voltages must not exceed VCC or LED flicker may occur at start-up.
(2) LED Driver operation
Maximum LED current can be set by selecting the value of RISET.
The following formula gives the required value of RISET.
_
/
(Typ)
(3) Reset
Power on reset occurs when VCC voltage falls below VUVLOFall.
Software reset is by command. If reset occurs, all registers are cleared (set to 0)
(4) Protection function (XERR output)
When thermal shutdown, channel open, or ISET terminal short to ground are detected, the XERR terminal is pulled LOW.
All protection functions incorporate noise rejection. The XERR terminal output is low only during detection. (Latch and
intentional delay time are not provided.) These signals are also written into a register. The flag returns to “0” only when
the register is read.
The thermal shutdown operates at 175°C typically with 10°C of hysteresis, release therefore occurring at 165°C
typically. All the channels of are turned OFF automatically when thermal shut down operates.
When the RISET is out of range RISETSHT, a short to ground function prevents large current from flowing into the LEDs.
All channels of LED driver are turned OFF automatically.
A Channel OPEN is detected when VLED < VLOD.
The individual channel is turned OFF automatically and VLED becomes high impedance.
OPEN detection is not active if Brightness is set to 0.
The Error flag output pin (XERR pin) is in the same period with the OUT** pin and outputs a flag.
The flag stored in register retains the state once detected and is not changed until register is read.
VOUT*
VXERR
Register
(LEDOPEN)
It returns to "0" when the register is read.
VCC
Impossible
Register
access
Possible
Impossible
TrVCC
TfVCC
TACSS=min 0.1ms
VCCmin=3.0V


Similar Part No. - BD2808MUV-ME2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
BD280-1130-10/16 MACOM-BD280-1130-10/16 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
BD280-1130-1016 MACOM-BD280-1130-1016 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
BD280-1130-15/16 MACOM-BD280-1130-15/16 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
BD280-1130-1516 MACOM-BD280-1130-1516 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
BD280-1130-20/16 MACOM-BD280-1130-20/16 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
More results

Similar Description - BD2808MUV-ME2

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
TC1360 FUMAN-TC1360 Datasheet
350Kb / 10P
   LED constant current driver IC
logo
Sanyo Semicon Device
LV5233H SANYO-LV5233H Datasheet
199Kb / 8P
   24ch LED Driver
logo
ADTech
ADT6001 ADTECH-ADT6001 Datasheet
210Kb / 5P
   Constant current offline LED driver IC
logo
SHENZHEN FUMAN ELECTRON...
FM6024 FUMAN-FM6024 Datasheet
755Kb / 13P
   16-bit constant current LED driver IC
logo
ON Semiconductor
LV8498CT ONSEMI-LV8498CT Datasheet
85Kb / 8P
   Constant-current Driver IC
June, 2013
logo
SHENZHEN FUMAN ELECTRON...
TC5021 FUMAN-TC5021 Datasheet
711Kb / 14P
   16-bit constant current LED driver IC
logo
Shenzhen Huazhimei Semi...
HM7501 HMSEMI-HM7501 Datasheet
727Kb / 10P
   Single channel LED constant current driver IC
logo
Rohm
BD18377EFV-M ROHM-BD18377EFV-M Datasheet
888Kb / 32P
   12 Channel Constant Current LED Driver IC
logo
SHENZHEN FUMAN ELECTRON...
TC5020C FUMAN-TC5020C Datasheet
864Kb / 14P
   16-bit constant current LED driver IC
TC5123 FUMAN-TC5123 Datasheet
832Kb / 14P
   16-bit constant current LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com