Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70V9279L6PRF Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT70V9279L6PRF
Description  HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V9279L6PRF Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT70V9279L6PRF Datasheet HTML 1Page - Integrated Device Technology IDT70V9279L6PRF Datasheet HTML 2Page - Integrated Device Technology IDT70V9279L6PRF Datasheet HTML 3Page - Integrated Device Technology IDT70V9279L6PRF Datasheet HTML 4Page - Integrated Device Technology IDT70V9279L6PRF Datasheet HTML 5Page - Integrated Device Technology IDT70V9279L6PRF Datasheet HTML 6Page - Integrated Device Technology IDT70V9279L6PRF Datasheet HTML 7Page - Integrated Device Technology IDT70V9279L6PRF Datasheet HTML 8Page - Integrated Device Technology IDT70V9279L6PRF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
6.42
IDT70V9279/69S/L
High-Speed 32/16K x 16 Dual-Port Synchronous Static RAM
Industrial and Commercial Temperature Ranges
2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
102
101
100
99
98
97
96
95
94
93
92
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
72
70
69
68
67
66
65
91
71
N/C
N/C
N/C
A9R
A8R
A7R
A6R
A5R
A4R
A3R
A2R
A1R
A0R
N/C
CNTENR
CLKR
ADSR
VSS
VDD
N/C
A0L
A1L
A2L
A3L
A4L
A5L
A6L
A7L
A8L
A9L
N/C
N/C
N/C
N/C
I/O10L
I/O9L
VDD
N/C
I/O8L
N/C
N/C
VDD
I/O7L
I/O6L
I/O5L
I/O4L
VSS
I/O3L
I/O2L
VSS
I/O1L
I/O0L
VDD
VSS
I/O0R
I/O2R
I/O1R
VSS
I/O4R
I/O5R
I/O6R
VDD
I/O7R
N/C
N/C
I/O8R
N/C
VSS
I/O9R
I/O10R
VDD
I/O3R
70V9279/69PRF
PK-128(5)
128-Pin TQFP
Top View(6)
3743 drw 02
CNTENL
CLKL
ADSL
N/C
01/15/04
Description:
The IDT70V9279/69 is a high-speed 32/16K x 16 bit synchronous
Dual-Port RAM. The memory array utilizes Dual-Port memory cells to
allowsimultaneousaccessofanyaddressfrombothports.Registerson
control,data,andaddressinputsprovideminimalsetupandholdtimes.
The timing latitude provided by this approach allows systems to be
designed with very short cycle times.
Pin Configuration(2,3,4)
NOTES:
1. A14X is a NC for IDT70V9269.
2. All VDD pins must be connected to power supply.
3. All VSS pins must be connected to ground.
4. Package body is approximately 14mm x 20mm x 1.4mm.
5. This package code is used to reference the package diagram.
6. This text does not indicate orientation of the actual part-marking.
Withaninputdataregister,theIDT70V9279/69hasbeenoptimizedfor
applicationshavingunidirectionalorbidirectionaldataflowinbursts.An
automatic power down feature, controlled by CE0and CE1, permits the
on-chip circuitry of each port to enter a very low standby power mode.
Fabricated using IDT’s CMOS high-performance technology, these
devices typically operate on only 429mW of power.


Similar Part No. - IDT70V9279L6PRF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9269 IDT-IDT70V9269 Datasheet
190Kb / 15P
   HIGH-SPEED 3.3V 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9269L IDT-IDT70V9269L Datasheet
190Kb / 15P
   HIGH-SPEED 3.3V 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9269S IDT-IDT70V9269S Datasheet
190Kb / 15P
   HIGH-SPEED 3.3V 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9289L IDT-IDT70V9289L Datasheet
192Kb / 15P
   HIGH-SPEED 3.3V 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9289L IDT-IDT70V9289L Datasheet
327Kb / 19P
   HIGH-SPEED 3.3V 64K x18/x16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V9279L6PRF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V27 RENESAS-70V27 Datasheet
339Kb / 22P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
JANUARY 2019
logo
Integrated Device Techn...
IDT70V27S IDT-IDT70V27S Datasheet
192Kb / 22P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
IDT70V27S IDT-IDT70V27S_12 Datasheet
363Kb / 21P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
IDT70V27S IDT-IDT70V27S_18 Datasheet
243Kb / 21P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
IDT70V3579S IDT-IDT70V3579S_14 Datasheet
184Kb / 17P
   HIGH-SPEED 3.3V 32K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9089 IDT-IDT70V9089_14 Datasheet
168Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9179 RENESAS-70V9179 Datasheet
286Kb / 18P
   HIGH-SPEED 3.3V 32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Feb.18.20
logo
Integrated Device Techn...
IDT70V3379S IDT-IDT70V3379S_15 Datasheet
729Kb / 17P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9379L RENESAS-IDT70V9379L Datasheet
485Kb / 16P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT70V9089 IDT-IDT70V9089 Datasheet
332Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com