Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD6583MUV-A Datasheet(PDF) 3 Page - Rohm

Part # BD6583MUV-A
Description  6-Channel White LED Driver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6583MUV-A Datasheet(HTML) 3 Page - Rohm

  BD6583MUV-A_12 Datasheet HTML 1Page - Rohm BD6583MUV-A_12 Datasheet HTML 2Page - Rohm BD6583MUV-A_12 Datasheet HTML 3Page - Rohm BD6583MUV-A_12 Datasheet HTML 4Page - Rohm BD6583MUV-A_12 Datasheet HTML 5Page - Rohm BD6583MUV-A_12 Datasheet HTML 6Page - Rohm BD6583MUV-A_12 Datasheet HTML 7Page - Rohm BD6583MUV-A_12 Datasheet HTML 8Page - Rohm BD6583MUV-A_12 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Datasheet
3/32
BD6583MUV-A
TSZ02201-0G3G0C400180-1-2
03.Dec.2012 Rev.001
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111
・15・001
●Electrical Characteristics - continued
(Unless otherwise specified, VBAT=12V, RSTB=2.5V, Ta = +25
℃)
Parameter
Symbol
Limits
Unit
Condition
Min.
Typ.
Max.
[Switching Regulator]
Quiescent current 1
Iq1
-
0.6
3.4
µA
RSTB=0V, VBAT=12V
Quiescent current 2
Iq2
-
4.6
10
µA
RSTB=0V, VBAT=22V
Current consumption
Idd
-
3.4
5.1
mA VDET=0V,ISETH=24k
LED control voltage
VLED
0.4
0.5
0.6
V
Over current limit voltage
Ocp
70
100
130
mV *1
SBD open protect
Sop
-
-
0.1
V
Detect voltage of VDET pin
Switching frequency
fSW
0.8
1.0
1.2
MHz
Duty cycle limit
Duty
92.5
95.0
99.0
%
LED1-6=0.3V
Over voltage limit
Ovl
43.0
44.7
46.4
V
LED1-6=0.3V
[Current driver]
LED maximum current
ILMAX
-
-
25
mA
LED current accuracy
ILACCU
-
-
±5
%
ILED=16mA
LED current matching
ILMAT
-
-
±3
%
▪Each LED current/Average (LED1- 6)
▪ILED=16mA
ISET voltage
Iset
0.5
0.6
0.7
V
LED current limiter
ILOCP
35
60
90
mA
Current limit value at ISET resistor 4.7k
Ω setting
LED1, 2, 3, 4, 5, 6=0.5V
LED terminal Over voltage protect
LEDOVP
10.0
11.5
13.0
V
RSTB=PWMDRV=2.5V
*1 This parameter is tested with dc measurement.
●Pin Descriptions
PIN Name
In/Out
PIN number
Function
Terminal equivalent
circuit diagram
1
VDET
In
Detect input for SBD open and OVP
C
2
N.C.
-
No connect pin
F
3
GND
-
GND
B
4
SW
Out
Switching Tr drive terminal
G
5
SENSP
In
+ Side Current sense terminal
G
6
TEST
In
TEST input (Pull down 100k
Ω to GND)
G
7
SENSN
In
- Side Current sense terminal
A
8
GND
-
GND
B
9
ISETH
In
Resistor connection for
LED current setting at PWMDRV=H
A
10
ISETL
In
Resistor connection for
LED current setting at PWMDRV=L
A
11
PWMDRV
In
PWM input pin for power ON/OFF only driver
E
12
LED1
In
Current sink for LED1
C
13
LED2
In
Current sink for LED2
C
14
LED3
In
Current sink for LED3
C
15
GND
-
GND
B
16
LED4
In
Current sink for LED4
C
17
LED5
In
Current sink for LED5
C
18
LED6
In
Current sink for LED6
C
19
FAILSEL
In
Latch selectable pin of protect function
E
20
GND
-
GND
B
21
RSTB
In
Reset pin L :Reset
H :Reset cancel
E
22
VREG
Out
Regulator output / Internal power-supply
D
23
PWMPOW
In
PWM input pin for power ON/OFF
E
24
VBAT
In
Battery input
C
-
Thermal PAD
-
Heat radiation PAD of back side
Connect to GND
-


Similar Part No. - BD6583MUV-A_12

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6583MUV-A ROHM-BD6583MUV-A_11 Datasheet
1Mb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
More results

Similar Description - BD6583MUV-A_12

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2606MVV ROHM-BD2606MVV Datasheet
1Mb / 20P
   6-Channel Charge Pump White LED Driver
logo
Lowpower Semiconductor ...
LP3361 POWER-LP3361 Datasheet
250Kb / 6P
   6-Channel Constant Current White LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
logo
Monolithic Power System...
MP3386 MPS-MP3386 Datasheet
315Kb / 14P
   50V, 6 String White LED Driver
logo
Catalyst Semiconductor
CAT3606 CATALYST-CAT3606_08 Datasheet
367Kb / 12P
   6-Channel Low Noise Charge Pump White LED Driver
logo
ON Semiconductor
CAT3606HV4-T2 ONSEMI-CAT3606HV4-T2 Datasheet
360Kb / 12P
   6-Channel Low Noise Charge Pump White LED Driver
Doc. No. MD-5009 Rev. D
logo
Allegro MicroSystems
A8434 ALLEGRO-A8434 Datasheet
446Kb / 11P
   6-Channel High Efficiency Charge Pump White LED Driver
logo
SG Micro Corp
SGM3144 SGMICRO-SGM3144_16 Datasheet
2Mb / 12P
   6-Channel PWM Dimming Charge Pump White LED Driver
logo
ON Semiconductor
CAT3606 ONSEMI-CAT3606 Datasheet
259Kb / 11P
   6-Channel Low Noise Charge Pump White LED Driver
January, 2010 ??Rev. 3
logo
Catalyst Semiconductor
CAT3606 CATALYST-CAT3606 Datasheet
598Kb / 11P
   6-Channel Low Noise Charge Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com