Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD6586MUV Datasheet(PDF) 8 Page - Rohm

Part # BD6586MUV
Description  4-Channel White LED Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6586MUV Datasheet(HTML) 8 Page - Rohm

Back Button BD6586MUV Datasheet HTML 4Page - Rohm BD6586MUV Datasheet HTML 5Page - Rohm BD6586MUV Datasheet HTML 6Page - Rohm BD6586MUV Datasheet HTML 7Page - Rohm BD6586MUV Datasheet HTML 8Page - Rohm BD6586MUV Datasheet HTML 9Page - Rohm BD6586MUV Datasheet HTML 10Page - Rohm BD6586MUV Datasheet HTML 11Page - Rohm BD6586MUV Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Datasheet
8/20
BD6586MUV
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111
・15・001
TSZ02201-0G3G0C400190-1-2
10.Dec.2012 Rev.001
4.7
μF
VDET
SW
LED 4
4.7
μH
6LED x 4Parallel
GND
Each 20mA
2.2
μF
EN1
GND
24k
PGND
Battery
PWM
LED2
LED 3
Power
ON /OFF
SW
EN2
TEST
ISET
VBAT
SW
LED 1
TESTO
TRSW
GND
PGND
6V to 25V
Other Power Supply
2.7V to 5.5V
●The Separations of the IC Power Supply and Coil Power Supply
This IC can work in separating the power source in both IC power supply and coil power supply. With this application, it can
obtain that decrease of IC power consumption, and the applied voltage exceeds IC rating 5.5V.
That application is shown in below Figure 9. The higher voltage source is applied to the power source of coil that is
connected from an adapter etc. Next, the IC power supply is connected with a different coil power supply.
When the coil power supply is applied, it is no any problem even though IC power supply is the state of 0V. Although IC
power supply is set to 0V, pull-down resistance is arranged for the power off which cuts off the leak route from coil power
supply in IC inside, the leak route is cut off. And, there is no power on-off sequence of coil power supply and IC power
supply.
Figure 9. Each battery and coil power supply
●The Coil Selection
The DC/DC is designed by more than 4.7µH. When L value sets to a lower value, it is possibility that the specific
sub-harmonic oscillation of current mode DC / DC will be happened.
Please do not let L value to 3.3µH or below.
And, L value increases, the phase margin of DC / DC becomes to zero. Please enlarge the output capacitor value when you
increase L value.
Example)
4.7µH
=
output capacitor
2.2µF/50V
1pcs
6.8µH
=
output capacitor
2.2µF/50V
2pcs
10µH
=
output capacitor
2.2µF/50V
3pcs
This value is just examples, please made sure the final judgment is under an enough evaluation.
●The Adjustment of the Switching Wave Form
A switching wave form between the coil and the switch terminal can be adjusted by connecting a capacitor to TRSW.
Switching noise can be restrained though efficiency is made to decrease by connecting a capacitor.
Decide capacity value after the enough evaluation when you adjust switching noise.
TRSW
PGND
SW
TRSW
PGND
SW
Figure 10. The adjustment of the switching wave form


Similar Part No. - BD6586MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6586MUV ROHM-BD6586MUV Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6586MUV ROHM-BD6586MUV Datasheet
489Kb / 20P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6586MUV ROHM-BD6586MUV_11 Datasheet
489Kb / 20P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
More results

Similar Description - BD6586MUV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLED2043 TI1-TLED2043 Datasheet
209Kb / 15P
[Old version datasheet]   4-CHANNEL WHITE LED DRIVER
logo
Rohm
BD65D00MUV ROHM-BD65D00MUV Datasheet
985Kb / 40P
   4-Channel White LED Driver
logo
Lowpower Semiconductor ...
LP3164 POWER-LP3164 Datasheet
131Kb / 5P
   4-Channel Current Source White LED Driver
logo
Sipex Corporation
SP6687 SIPEX-SP6687 Datasheet
246Kb / 12P
   4 Channel Charge Pump White LED Driver
logo
Lowpower Semiconductor ...
LP3360 POWER-LP3360 Datasheet
225Kb / 6P
   4-Channel Constant Current White LED Driver
logo
ON Semiconductor
CAT3604AHV4-T2 ONSEMI-CAT3604AHV4-T2 Datasheet
238Kb / 11P
   4-Channel Regulated Charge Pump White LED Driver
November, 2010 ??Rev. 0
CAT3604HV4-T2 ONSEMI-CAT3604HV4-T2 Datasheet
388Kb / 12P
   4-Channel Regulated Charge Pump White LED Driver
Doc. No. MD-5009 Rev. D
logo
Seaward Electronics Inc...
SE3362 SEAWARD-SE3362 Datasheet
329Kb / 8P
   4-Channel Regulated Charge Pump White LED Driver
logo
Catalyst Semiconductor
CAT3604 CATALYST-CAT3604_08 Datasheet
411Kb / 12P
   4-Channel Regulated Charge Pump White LED Driver
logo
Power Analog Micoelectr...
PAM2701 PAM-PAM2701 Datasheet
387Kb / 14P
   4-Channel Regulated Charge Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com