Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8372HFP-M Datasheet(PDF) 10 Page - Rohm

Part # BD8372HFP-M
Description  1ch Source Driver for Automotive
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8372HFP-M Datasheet(HTML) 10 Page - Rohm

Back Button BD8372HFP-M_15 Datasheet HTML 6Page - Rohm BD8372HFP-M_15 Datasheet HTML 7Page - Rohm BD8372HFP-M_15 Datasheet HTML 8Page - Rohm BD8372HFP-M_15 Datasheet HTML 9Page - Rohm BD8372HFP-M_15 Datasheet HTML 10Page - Rohm BD8372HFP-M_15 Datasheet HTML 11Page - Rohm BD8372HFP-M_15 Datasheet HTML 12Page - Rohm BD8372HFP-M_15 Datasheet HTML 13Page - Rohm BD8372HFP-M_15 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
10/25
BD8372HFP-M
BD8372EFJ-M
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
09.Dec.2015 Rev.001
TSZ02201-0T1T0C700150-1-2
2.
Method of Setting Current
The IC regulates the voltage at ISETL/ISETH to VISET (0.8V typ) across the external resistor to set IOUT.
Then IOUT is set by setting STOP High or Low.
VIN
STOP
IOUT
PBUS
+B
LED
OPEN
Current
Control
H/Lmode
Switch
0.8V(typ)
GND
Iref_l
Iref_l
ISETL
ISETH
0.8V(typ)
RISETL
RISETH
Figure 14. Current setting method
 L mode (STOP=Low)
 H mode (STOP=High)
exp)
exp)
A
R
V
I
ISETL
IOUT
250
8
.
0
mA
k
V
I
k
R
OUT
I
ISETL
5
250
40
8
.
0
6
.
1
A
R
V
I
ISETH
IOUT
2500
8
.
0
mA
k
V
I
k
R
OUT
I
ISETH
50
2500
40
8
.
0
40
IOUT Output current VS ISET connect resistance
0.0010
0.0100
0.1000
1.0000
1.00E+03
1.00E+04
1.00E+05
1.00E+06
RISET[
Ω ]
H mo de
L mo de
R_ISET setting range
short protection
open protection
RISET[
Ω]
IOUT Output Current vs ISET Connect Resistance


Similar Part No. - BD8372HFP-M_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8372HFP-MTR ROHM-BD8372HFP-MTR Datasheet
545Kb / 17P
   LED Drivers for Automotive Light
More results

Similar Description - BD8372HFP-M_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BD83740HFP-M ROHM-BD83740HFP-M Datasheet
1Mb / 32P
   1ch Source Driver for Automotive
BD83732HFP-M ROHM-BD83732HFP-M_16 Datasheet
2Mb / 33P
   1ch Source Driver for Automotive
BD8374HFP-M ROHM-BD8374HFP-M_16 Datasheet
2Mb / 33P
   1ch Source Driver for Automotive
BD8374HFP-M ROHM-BD8374HFP-M Datasheet
1Mb / 29P
   50V 500mA 1ch Source Driver for Automotive
BD6941FM ROHM-BD6941FM_15 Datasheet
1Mb / 17P
   Automotive 1ch H Bridge Driver
BD9555FVM-C ROHM-BD9555FVM-C Datasheet
928Kb / 15P
   50V 1ch Timer IC for Automotive
BD6886GUL ROHM-BD6886GUL Datasheet
285Kb / 6P
   1ch Motor Driver
BD6875GSW ROHM-BD6875GSW Datasheet
269Kb / 6P
   1ch Motor Driver
BD18326NUF-M ROHM-BD18326NUF-M Datasheet
1Mb / 39P
   40 V 600 mA 1ch Constant Current Driver for Automotive LED Lamps
BD18336NUF-M ROHM-BD18336NUF-M Datasheet
2Mb / 38P
   40 V 600 mA 1ch Constant Current Driver for Automotive LED Lamps
04.Jun.2020 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com