Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9422EFV Datasheet(PDF) 2 Page - Rohm

Part # BD9422EFV
Description  White LED Driver for large LCD panel
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9422EFV Datasheet(HTML) 2 Page - Rohm

  BD9422EFV Datasheet HTML 1Page - Rohm BD9422EFV Datasheet HTML 2Page - Rohm BD9422EFV Datasheet HTML 3Page - Rohm BD9422EFV Datasheet HTML 4Page - Rohm BD9422EFV Datasheet HTML 5Page - Rohm BD9422EFV Datasheet HTML 6Page - Rohm BD9422EFV Datasheet HTML 7Page - Rohm BD9422EFV Datasheet HTML 8Page - Rohm BD9422EFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Datasheet
Datasheet
2/26
TSZ02201-0F1F0C100210-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
1.Sep.2015 Rev.006
www.rohm.com
TSZ22111・15・001
BD9422EFV
●Absolute maximum ratings (Ta=25°C)
Parameter
Symbol
Ratings
Unit
Operating Temperature Range
Ta(opr)
-40 to +85
°C
Storage Temperature Range
Tstg
-55 to +150
°C
Power Dissipation
Pd
4.7 *1
W
Thermal resistance between junction and case
θjc
7 *2
°C/W
Maximum Junction Temperature
Tjmax
150
°C
Maximum LED output current
ILED
400 *3 *4
mA
*1 In the case of mounting 4 layer glass epoxy base-plate of 70mm×70mm×1.6mm, 37.6mW is reduced at 1°C above Ta=25℃.
*2 In the case of mounting 4 layer glass epoxy base-plate of 70mm×70mm×1.6mm.
*3 Wide VF variation of LED increases loss at the driver, which results in rise in package temperature. Therefore, the board needs to be designed
with attention paid to heat radiation.
*4 This current value is per 1ch. It needs be used within a range not exceeding Pd.
●Operating Ratings (Ta = 25°C)
Parameter
Symbol
Range
Unit
Power supply voltage
VCC
9 to 35
V
DC/DC oscillation frequency
FCT
100 to 1250 *5
kHz
VREF input voltage
VREF
0.2 to 2.5
V
LSP terminal input voltage
VLSP
0.8 to 3
V
FB terminal output voltage
VFB
0 to 3.3
V
M_DET terminal output voltage
VM_DET
0 to REG9V
V
The operating conditions written above are constants of the IC unit. Be careful enough when setting the constant in the actual set.
●External Components Recommended Range
Item
Symbol
Setting Range
Unit
VCC terminal connection capacitance
CVCC
1.0 to 10
μF
Soft-start set capacitance
SS
0.001 to 1.0
μF
Timer latch set capacitance
CP
0.001 to 2.7
μF
Operating frequency set resistance
RT
12 to 150
kΩ
REG9V terminal connection capacitance
CREG9V
2.2 to 10
μF
The values described above are constants for a single IC. Adequate attention must be paid to setting of a constant for an actual set of parts
●Pin Configuration
●Physical Dimension Tape and Marking Diagram
VCC
FAIL
REG9V
N.C.
N
PGND
CS
OVP
M_DET
SUMPWM
LED2
LED1
LED3
LED4
LED6
LED5
STB
PWM1
PWM2
PWM3
PWM4
PWM5
FB
S2
CP
S3
S4
S6
S5
AGND
UVLO
LSP
LED_LV
VREF
RT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
FAIL_RST
S1
FAIL_MODE
PWM6
SS
Figure 3.
LOT No.
BD9422EFV
Figure 4.
HTSSOP-B40


Similar Part No. - BD9422EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9422EFV ROHM-BD9422EFV Datasheet
1Mb / 28P
   White LED Driver for large LCD panel
More results

Similar Description - BD9422EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9397EFV ROHM-BD9397EFV_15 Datasheet
1Mb / 31P
   White LED Driver for large LCD panel
BD9397EFV ROHM-BD9397EFV Datasheet
862Kb / 30P
   White LED Driver for large LCD panel
BD9422EFV ROHM-BD9422EFV Datasheet
1Mb / 28P
   White LED Driver for large LCD panel
logo
BCD Semiconductor Manuf...
AP3068 BCDSEMI-AP3068 Datasheet
393Kb / 15P
   WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
logo
Monolithic Power System...
MP4603 MPS-MP4603 Datasheet
515Kb / 18P
   White LED Driver for Large LCD TV Backlights
logo
Rohm
BD94062F ROHM-BD94062F Datasheet
2Mb / 35P
   1ch Buck Type White LED Driver for Large LCD
15.May.2018 Rev.002
BD9413F ROHM-BD9413F Datasheet
1Mb / 37P
   1ch Boost up type White LED Driver for large LCD
BD9428 ROHM-BD9428 Datasheet
759Kb / 29P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD9479FV ROHM-BD9479FV Datasheet
862Kb / 29P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD9394FP ROHM-BD9394FP Datasheet
1Mb / 31P
   White LED Driver for large LCD Panels (DCDC Converter type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com