Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9428 Datasheet(PDF) 4 Page - Rohm

Part # BD9428
Description  White LED Driver for large LCD Panels (DCDC Converter type)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9428 Datasheet(HTML) 4 Page - Rohm

  BD9428 Datasheet HTML 1Page - Rohm BD9428 Datasheet HTML 2Page - Rohm BD9428 Datasheet HTML 3Page - Rohm BD9428 Datasheet HTML 4Page - Rohm BD9428 Datasheet HTML 5Page - Rohm BD9428 Datasheet HTML 6Page - Rohm BD9428 Datasheet HTML 7Page - Rohm BD9428 Datasheet HTML 8Page - Rohm BD9428 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Datasheet
Datasheet
4/25
TSZ02201-0F1F0C100290-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
16.Oct.2013 Rev.001
www.rohm.com
TSZ22111・15・001
BD9428
●Electrical Characteristics (Unless otherwise noted, Ta = 25
oC, VCC=24V)
Parameter
Symbol
Limit
Unit
Condition
Min.
Typ.
Max.
[STB Block]
STB pin high-level voltage
STBH
2
-
35
V
VSTB=SWEEP UP
STB pin low-level voltage
STBL
-0.3
-
0.8
V
VSTB=SWEEP DOWN
STB pin pull-down resistance
RSTB
500
1000
1500
k
VSTB=3V
[PWM Block]
PWM pin high-level voltage
PWMH
2
-
35
V
VPWM=SWEEP UP
PWM pin low-level voltage
PWML
-0.3
-
0.8
V
VPWM= SWEEP DOWN
PWM pin pull-down resistance
RPWM
180
300
420
k
VPWM=3V
[Failure Indication Block (Open Drain)]
FAIL pin on resistance
RFAIL
250
500
1000
VFAIL=1V
FAIL pin leakage current
ILFAIL
-2
0
2
uA
VFAIL=5V


Similar Part No. - BD9428

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD942 ISC-BD942 Datasheet
116Kb / 2P
   isc Silicon PNP Power Transistor
logo
New Jersey Semi-Conduct...
BD942 NJSEMI-BD942 Datasheet
132Kb / 2P
   Silicon PNP Power Transistor
logo
Rohm
BD9420F ROHM-BD9420F Datasheet
1Mb / 31P
   White LED Driver for large LCD Panels (DCDC Converter Type)
BD9420F ROHM-BD9420F Datasheet
1Mb / 32P
   White LED Driver for large LCD Panels (DCDC Converter Type)
BD9420F-XX ROHM-BD9420F-XX Datasheet
1Mb / 32P
   White LED Driver for large LCD Panels (DCDC Converter Type)
More results

Similar Description - BD9428

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9420F ROHM-BD9420F Datasheet
1Mb / 31P
   White LED Driver for large LCD Panels (DCDC Converter Type)
BD9421F ROHM-BD9421F_15 Datasheet
1Mb / 31P
   White LED Driver for large LCD Panels (DCDC Converter Type)
BD93941EFV ROHM-BD93941EFV_15 Datasheet
1Mb / 31P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD9479FV ROHM-BD9479FV Datasheet
862Kb / 29P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD9394FP ROHM-BD9394FP Datasheet
1Mb / 31P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD9421F ROHM-BD9421F Datasheet
1Mb / 30P
   White LED Driver for large LCD Panels (DCDC Converter Type)
BD9479FV ROHM-BD9479FV_15 Datasheet
1Mb / 30P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD93942F ROHM-BD93942F Datasheet
1Mb / 30P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD9420F ROHM-BD9420F_15 Datasheet
1Mb / 32P
   White LED Driver for large LCD Panels (DCDC Converter Type)
BD9483F ROHM-BD9483F Datasheet
1Mb / 32P
   White LED Driver for large LCD Panels (DCDC Converter type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com