Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9488F Datasheet(PDF) 8 Page - Rohm

Part # BD9488F
Description  Boost 1channel white LED driver For large LCDs
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9488F Datasheet(HTML) 8 Page - Rohm

Back Button BD9488F_14 Datasheet HTML 4Page - Rohm BD9488F_14 Datasheet HTML 5Page - Rohm BD9488F_14 Datasheet HTML 6Page - Rohm BD9488F_14 Datasheet HTML 7Page - Rohm BD9488F_14 Datasheet HTML 8Page - Rohm BD9488F_14 Datasheet HTML 9Page - Rohm BD9488F_14 Datasheet HTML 10Page - Rohm BD9488F_14 Datasheet HTML 11Page - Rohm BD9488F_14 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
Datasheet
Datasheet
8/38
TSZ02201-0F1F0C100040-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
27.May 2014 Rev.003
www.rohm.com
TSZ22111・15・001
BD9488F
●2.3 Typical performance Curves
0.0
0.5
1.0
1.5
2.0
7
9
11
13
15
17
VCC[V]
1
10
100
1000
10000
10
100
1000
RT[kΩ]
0
20
40
60
80
100
120
0.5
1.5
2.5
3.5
4.5
FB[V]
-120
-100
-80
-60
-40
-20
0
0.5
1.5
2.5
3.5
4.5
FB[V]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
02
46
ADIM[V]
Figure 6. Operating current (ICC) vs VCC
Figure 7. GATE frequency vs RT
Figure 8. FB sink current vs FB voltage
Figure 9. FB source current vs FB voltage
Figure 10. ISENSE feedback voltage vs ADIM


Similar Part No. - BD9488F_14

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9488FXX ROHM-BD9488FXX Datasheet
1Mb / 39P
   Boost 1channel white LED driver For large LCDs
More results

Similar Description - BD9488F_14

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9488F ROHM-BD9488F Datasheet
1Mb / 39P
   Boost 1channel white LED driver For large LCDs
BD9285F ROHM-BD9285F Datasheet
1Mb / 39P
   Boost 1channel white LED driver For large LCDs
BD9413F ROHM-BD9413F Datasheet
1Mb / 37P
   1ch Boost up type White LED Driver for large LCD
BD9489F ROHM-BD9489F_16 Datasheet
1Mb / 40P
   1ch Boost up type White LED Driver for large LCD
BD9486F ROHM-BD9486F Datasheet
896Kb / 37P
   1ch Boost up type White LED Driver for large LCD
BD9486F ROHM-BD9486F_16 Datasheet
1Mb / 38P
   1ch Boost up type White LED Driver for large LCD
BD9409F ROHM-BD9409F Datasheet
2Mb / 37P
   1ch Boost up type White LED Driver for large LCD
BD9411F ROHM-BD9411F Datasheet
1Mb / 38P
   1ch Boost up Type White LED Driver for large LCD
BD9408FV ROHM-BD9408FV Datasheet
1Mb / 37P
   1ch Boost Up Type White LED Driver for Large LCD
BD9271KUT ROHM-BD9271KUT Datasheet
1Mb / 38P
   White LED Diver for Backlight of Medium/Large-sized LCDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com