Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9489F-E2 Datasheet(PDF) 11 Page - Rohm

Part # BD9489F-E2
Description  1ch Boost up type White LED Driver for large LCD
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9489F-E2 Datasheet(HTML) 11 Page - Rohm

Back Button BD9489F-E2 Datasheet HTML 7Page - Rohm BD9489F-E2 Datasheet HTML 8Page - Rohm BD9489F-E2 Datasheet HTML 9Page - Rohm BD9489F-E2 Datasheet HTML 10Page - Rohm BD9489F-E2 Datasheet HTML 11Page - Rohm BD9489F-E2 Datasheet HTML 12Page - Rohm BD9489F-E2 Datasheet HTML 13Page - Rohm BD9489F-E2 Datasheet HTML 14Page - Rohm BD9489F-E2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Datasheet
Datasheet
11/36
TSZ02201-0F1F0C100250-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
15.Feb.2016 Rev.003
www.rohm.com
TSZ22111・15・001
BD9489F
○Pin 13: DIMOUT
This is the output pin for external dimming NMOS. The table below shows the rough output
logic of each operation state, and the output H level is REG58. Please refer to “3.5 Timing
Chart” for detailed explanations, because DIMOUT logic has an exceptional behavior.
Please insert the resistor RDIM between the dimming MOS gate to improve the over shoot
of LED current, as PWM turns from low to high.
Status
DIMOUT output
Normal
Same logic to PWM
Abnormal
GND Level
○Pin 14: GATE
This is the output terminal for driving the gate of the boost MOSFET. The high level
is REG58. Frequency can be set by the resistor connected to RT. Refer to <RT> pin description for the frequency setting.
When PWM=L, IC holds the OVP voltage at the edge of PWM=H to L, and operates to hold the adjacent voltage. Please
refer to section “3.5 Timing Chart”.
When PWM=L, IC outputs the necessary boost pulse to startup or to keep the output voltage. Please refer to section “2.8
The Retaining Function of The Output Voltage”.
As the retaining of the output voltage is enable, the GATE pulse is not output at the boundary of PWM logic such as High
to Low, or as Low to High.
Figure16. The GATE waveform as PWM dimming
As the retaining of the output voltage is disable, the GATE pulse is synchronized with the timing of PWM=L -> H
○Pin 15: CS
The CS pin has two functions.
1. DC / DC current mode Feedback terminal
The inductor current is converted to the CS pin voltage by the sense resistor RCS.
This voltage compared to the voltage set by error amplifier controls the output
pulse.
2. Inductor current limit (OCP) terminal
The CS terminal also has an over current protection (OCP). If the voltage is more
than 0.4V(typ.), the switching operation will be stopped compulsorily. And the
next boost pulse will be restarted to normal frequency.
In addition, the CS voltage is more than 1.0V(typ.) during four GATE clocks, IC
will be latch off. As above OCP operation, if the current continues to flow
nevertheless GATE=L because of the destruction of the boost MOS, IC will stops
the operation completely.
Both of the above functions are enabled after 300ns (typ) when GATE pin
asserts high, because the Leading Edge Blanking function (LEB) is included
into this IC to prevent the effect of noise.
Please refer to section “3.3.1 OCP Setting / Calculation Method for the Current Rating of DCDC Parts”, for detailed
explanation.
If the capacitance Cs in the right figure is increased to a micro order, please be careful that the limited value of NMOS
drain current Id is more than the simple calculation. Because the current Id flows not only through Rcs but also through
Cs, as the CS pin voltage moves according to Id.
○Pin 16: REG58
This is the 5.8V(typ.) output pin. Available current is 15mA (min).
And this terminal is also used as timer for discharging DCDC output capacitor.
Please refer to section“3.2.2 Shutdown Method and REG58 Capacitance Setting”, for detailed explanation.
Figure 15. DIMOUT terminal circuit
example
Figure 17. CS terminal circuit example


Similar Part No. - BD9489F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9489F ROHM-BD9489F Datasheet
1Mb / 39P
   DCDC converter with current mode
More results

Similar Description - BD9489F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9408FV ROHM-BD9408FV Datasheet
1Mb / 37P
   1ch Boost Up Type White LED Driver for Large LCD
BD9413F ROHM-BD9413F Datasheet
1Mb / 37P
   1ch Boost up type White LED Driver for large LCD
BD9486F ROHM-BD9486F Datasheet
896Kb / 37P
   1ch Boost up type White LED Driver for large LCD
BD9486F ROHM-BD9486F_16 Datasheet
1Mb / 38P
   1ch Boost up type White LED Driver for large LCD
BD9409F ROHM-BD9409F Datasheet
2Mb / 37P
   1ch Boost up type White LED Driver for large LCD
BD9411F ROHM-BD9411F Datasheet
1Mb / 38P
   1ch Boost up Type White LED Driver for large LCD
BD94062F ROHM-BD94062F Datasheet
2Mb / 35P
   1ch Buck Type White LED Driver for Large LCD
15.May.2018 Rev.002
BM531Q11 ROHM-BM531Q11 Datasheet
1Mb / 24P
   1ch Buck Type (Quasi-Resonant Control) White LED Driver for Large LCD
BD9397EFV ROHM-BD9397EFV_15 Datasheet
1Mb / 31P
   White LED Driver for large LCD panel
BD9397EFV ROHM-BD9397EFV Datasheet
862Kb / 30P
   White LED Driver for large LCD panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com