Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9489F-E2 Datasheet(PDF) 5 Page - Rohm

Part # BD9489F-E2
Description  1ch Boost up type White LED Driver for large LCD
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9489F-E2 Datasheet(HTML) 5 Page - Rohm

  BD9489F-E2 Datasheet HTML 1Page - Rohm BD9489F-E2 Datasheet HTML 2Page - Rohm BD9489F-E2 Datasheet HTML 3Page - Rohm BD9489F-E2 Datasheet HTML 4Page - Rohm BD9489F-E2 Datasheet HTML 5Page - Rohm BD9489F-E2 Datasheet HTML 6Page - Rohm BD9489F-E2 Datasheet HTML 7Page - Rohm BD9489F-E2 Datasheet HTML 8Page - Rohm BD9489F-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Datasheet
Datasheet
5/36
TSZ02201-0F1F0C100250-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
15.Feb.2016 Rev.003
www.rohm.com
TSZ22111・15・001
BD9489F
2.1 Pin Function
No.
Pin
Name
IN/OUT
Function
Rating [V]
1
VCC
In
Power supply pin
-0.3 to 36
2
STB
In
IC ON/OFF pin
-0.3 to 20
3
OVP
In
Over voltage protection detection pin
-0.3 to 20
4
UVLO
In
Under voltage lock out detection pin
-0.3 to 20
5
SS
Out
Slow start setting pin
-0.3 to 7
6
PWM
In
External PWM dimming signal input pin
-0.3 to 20
7
CP
Out
Charge timer for abnormal state
-0.3 to 7
8
ADIM
In
ADIM signal input pin
-0.3 to 20
9
RT
Out
DC/DC switching frequency setting pin
-0.3 to 7
10
FB
Out
Error amplifier output pin
-0.3 to 7
11
ISENSE
In
LED current detection input pin
-0.3 to 7
12
GND
-
-
13
DIMOUT
Out
Dimming signal output for NMOS
-0.3 to 7
14
GATE
Out
DC/DC switching output pin
-0.3 to 7
15
CS
In
DC/DC output current detect pin,
OCP input pin
-0.3 to 7
16
REG58
Out
5.8V output voltage pin and shutdown
timer pin
-0.3 to 7


Similar Part No. - BD9489F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9489F ROHM-BD9489F Datasheet
1Mb / 39P
   DCDC converter with current mode
More results

Similar Description - BD9489F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9408FV ROHM-BD9408FV Datasheet
1Mb / 37P
   1ch Boost Up Type White LED Driver for Large LCD
BD9413F ROHM-BD9413F Datasheet
1Mb / 37P
   1ch Boost up type White LED Driver for large LCD
BD9486F ROHM-BD9486F Datasheet
896Kb / 37P
   1ch Boost up type White LED Driver for large LCD
BD9486F ROHM-BD9486F_16 Datasheet
1Mb / 38P
   1ch Boost up type White LED Driver for large LCD
BD9409F ROHM-BD9409F Datasheet
2Mb / 37P
   1ch Boost up type White LED Driver for large LCD
BD9411F ROHM-BD9411F Datasheet
1Mb / 38P
   1ch Boost up Type White LED Driver for large LCD
BD94062F ROHM-BD94062F Datasheet
2Mb / 35P
   1ch Buck Type White LED Driver for Large LCD
15.May.2018 Rev.002
BM531Q11 ROHM-BM531Q11 Datasheet
1Mb / 24P
   1ch Buck Type (Quasi-Resonant Control) White LED Driver for Large LCD
BD9397EFV ROHM-BD9397EFV_15 Datasheet
1Mb / 31P
   White LED Driver for large LCD panel
BD9397EFV ROHM-BD9397EFV Datasheet
862Kb / 30P
   White LED Driver for large LCD panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com