Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD18378EFV-M Datasheet(PDF) 5 Page - Rohm

Part # BD18378EFV-M
Description  Advanced 12 Channel Constant Current LED Driver IC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD18378EFV-M Datasheet(HTML) 5 Page - Rohm

  BD18378EFV-M Datasheet HTML 1Page - Rohm BD18378EFV-M Datasheet HTML 2Page - Rohm BD18378EFV-M Datasheet HTML 3Page - Rohm BD18378EFV-M Datasheet HTML 4Page - Rohm BD18378EFV-M Datasheet HTML 5Page - Rohm BD18378EFV-M Datasheet HTML 6Page - Rohm BD18378EFV-M Datasheet HTML 7Page - Rohm BD18378EFV-M Datasheet HTML 8Page - Rohm BD18378EFV-M Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5/26
BD18378EFV-M
TSZ02201-0W1W0C500020-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.co
m
TSZ22111・15・001
04. Dec. 2015 Rev.004
Protection circuitry and diagnostic
o
LED Short Detection
A short event is detected when the voltage across the LED falls below the short detection threshold
VSCth. The SHORT detection current which is flowing during LED active (PWM =”LOW”), will cause a typical
output current offset of 20µA. After a detected LED short event, the corresponding bit of the Gen_SHORT
detection register and the ANY_SHORT_OPEN_FLAG from the STATUS register remain high until cleared by
the controller. The SHORT detection is also performed, when the LED is not activated, using small sink
currents for small time intervals (20us) to avoid LED flicker. In order for the detection to be available at
non-activated LED state the PWM duty cycle must be <99.2% at a frequency of 200Hz.
o
LED Open Detection
During an open event the output device will be fully ON, pulling VDx low. An open event is detected when
voltage VDx at the output pin falls below VOth. The OPEN detection current, Ipulldown which is flowing during LED
active (PWM
= “LOW”), will cause a typical output current offset of 20µA. After a LED open event has been
detected the corresponding bit of the Gen_OPEN detection register and ANY_SHORT_OPEN_FLAG from the
STATUS register remain high until cleared by the controller. The OPEN detection is also performed, when the
LED is not activated, using small sink currents for small time intervals (20us) to avoid LED flicker. In order for
the detection to be available at non-activated LED state the PWM duty cycle must be <99.2% at a frequency of
200Hz.
Note: In order to distinguish between diagnostics (LED Short Detection and LED Open Detection) at ON and
OFF, the corresponding detection must be enabled and corresponding state of the channel must be checked
(enabled/disabled).
o
Short to Ground Detection
The chip can perform output short to ground diagnosis during non-activated LED state. After LED short and
open at channel off diagnosis, a short to ground can be also detected. In order for the detection to be available
at non-activated LED state the PWM duty cycle must be <99.2% at a frequency of 200Hz.
The diagnostic is activated or deactivated by the EN_SHORT_TO_GND register.
After an output short to ground has been detected the corresponding bit of the SHORT_TO_GND detection
register and ANY_SHORT_TO_GND_FLAG from the STATUS register remain high until cleared by the
controller.
Note: In case both the Open Detection and Short to GND Detection are active at the same time and the voltage
VDx at the output pin falls below VSGth also the corresponding bit of the Gen_OPEN detection register and
ANY_SHORT_OPEN_FLAG from the STATUS register remain high until cleared by the controller.
Figure 4. Diagnostic diagram
o
IREF Fault Detection (Limp Home functionality)
The chip can perform IREF short and open diagnostic on the external resistor. In case of an error the
REXT_FAULT flag is set and latched and an internal current reference is used to set a typical output current of
IREF_LH. If the fault condition is removed the chip can be reset to the normal operating state by a POR event.
EN_CHANNEL
PWM
Diagnostic
CHANNEL ACTIVE
CHANNEL NOT ACTIVE
PWM ACTIVE
PWM NOT ACTIVE
tdiag_off
20us
SHORT/OPEN
@ON
PULL_UP@ON
PULL_UP@OFF
SHORT/
OPEN
@OFF
SHORT
TO GND


Similar Part No. - BD18378EFV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD18377EFV-M ROHM-BD18377EFV-M Datasheet
888Kb / 32P
   12 Channel Constant Current LED Driver IC
BD18377EFV-ME2 ROHM-BD18377EFV-ME2 Datasheet
888Kb / 32P
   12 Channel Constant Current LED Driver IC
More results

Similar Description - BD18378EFV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD18377EFV-M ROHM-BD18377EFV-M Datasheet
888Kb / 32P
   12 Channel Constant Current LED Driver IC
logo
Shenzhen Huazhimei Semi...
HM7501 HMSEMI-HM7501 Datasheet
727Kb / 10P
   Single channel LED constant current driver IC
logo
SHENZHEN FUMAN ELECTRON...
TC1360 FUMAN-TC1360 Datasheet
350Kb / 10P
   LED constant current driver IC
logo
ADTech
ADT6001 ADTECH-ADT6001 Datasheet
210Kb / 5P
   Constant current offline LED driver IC
logo
Rohm
BD2808MUV-M ROHM-BD2808MUV-M Datasheet
959Kb / 34P
   24ch Constant Current LED Driver IC
logo
ON Semiconductor
LC75760UJA ONSEMI-LC75760UJA Datasheet
530Kb / 65P
   LED Driver, 12?릀hannel, Constant Current
July, 2018 ??Rev. 0
logo
SHENZHEN FUMAN ELECTRON...
FM6253 FUMAN-FM6253 Datasheet
739Kb / 17P
   16-channel EPWM constant current output LED driver IC
FM6153K FUMAN-FM6153K Datasheet
678Kb / 17P
   16-channel PWM constant current output LED driver IC
FM6153S FUMAN-FM6153S Datasheet
701Kb / 17P
   16-channel PWM constant current output LED driver IC
FM6153Q FUMAN-FM6153Q Datasheet
628Kb / 16P
   16-channel PWM constant current output LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com