Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N6281 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 1N6281
Description  TRANSZORB Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N6281 Datasheet(HTML) 4 Page - Vishay Siliconix

  1N6281 Datasheet HTML 1Page - Vishay Siliconix 1N6281 Datasheet HTML 2Page - Vishay Siliconix 1N6281 Datasheet HTML 3Page - Vishay Siliconix 1N6281 Datasheet HTML 4Page - Vishay Siliconix 1N6281 Datasheet HTML 5Page - Vishay Siliconix 1N6281 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
0
50
100
150
200
0
25
50
75
100
25
75
125
175
5
10
100
500
10
100
1,000
10,000
1
10
100
10
100
200
0
25
50
75
100
125
150
175
200
0
1.0
2.0
3.0
5.0
4.0
6.0
8.0
7.0
TA — Ambient Temperature (°C)
Fig. 2 – Pulse Derating Curve
Fig. 4 - Typical Junction Capacitance
Fig. 6 - Maximum Non-repetitive Peak Forward
Surge Current Unidirectional Only
V(BR), Breakdown Voltage (V)
Unidirectional
Bidirectional
8.3ms Single Half Sine-Wave
(JEDEC Method) TJ = TJ max.
Fig. 5 – Steady State Power
Derating Curve
TL — Lead Temperature (°C)
L = 0.375" (9.5mm)
Lead Lengths
1.6 x 1.6 x .040"
(40 x 40 x 1mm)
Copper Heat Sinks
Number of Cycles at 60 HZ
VR = Rated
Stand-off Voltage
VR = 0
f = 1 MHz
Vsig = 50mVp-p
TJ = 25°C
60 HZ
Resistive or
Inductive Load
0
50
100
150
Fig. 3 – Pulse Waveform
TJ = 25°C
Pulse Width (td)
is defined as the point
where the peak current
decays to 50% of IPPM
tr = 10µsec.
Peak Value
IPPM
Half Value — IPP
IPPM
2
td
10/1000µsec. Waveform
as defined by R.E.A.
0
1.0
2.0
3.0
4.0
t — Time (ms)
Fig. 1 – Peak Pulse Power Rating Curve
0.1
1
10
100
0.1µs
1.0µs10µs
td — Pulse Width (sec.)
100µs
1.0ms
10ms
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)
www.vishay.com
Document Number 88301
4
30-Oct-02
1.5KE Series and 1N6267 thru 1N6303A
Vishay Semiconductors
formerly General Semiconductor


Similar Part No. - 1N6281

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1N6281 TRSYS-1N6281 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chongqing Pingwei Enter...
1N6281 CHONGQING-1N6281 Datasheet
62Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
1N6281 LUGUANG-1N6281 Datasheet
1Mb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Dc Components
1N6281 DCCOM-1N6281 Datasheet
740Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
GOOD-ARK Electronics
1N6281 GOOD-ARK-1N6281 Datasheet
626Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
More results

Similar Description - 1N6281

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P6KE22A-E3 VISHAY-P6KE22A-E3 Datasheet
324Kb / 16P
   TRANSZORB Transient Voltage Suppressors
Revision: 22-Oct-08
TGL41-33A-E3-96 VISHAY-TGL41-33A-E3-96 Datasheet
88Kb / 5P
   TRANSZorb Transient Voltage Suppressors
Revision: 11-Dec-12
5KP24A-E3 VISHAY-5KP24A-E3 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
P6KE47A-E3 VISHAY-P6KE47A-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE170CA-E3 VISHAY-P6KE170CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE43CA-E3 VISHAY-P6KE43CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
1.5KE6.8 VISHAY-1.5KE6.8 Datasheet
115Kb / 8P
   TRANSZORB Transient Voltage Suppressors
20-Jun-06
BZW04P-5V8 VISHAY-BZW04P-5V8_11 Datasheet
393Kb / 6P
   TransZorb Transient Voltage Suppressors
Revision: 12-Jul-11
ICTE5 VISHAY-ICTE5 Datasheet
80Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 07-May-10
5KP33AHE3-54 VISHAY-5KP33AHE3-54 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
1N6377HE373 VISHAY-1N6377HE373 Datasheet
89Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com