Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSS214N Datasheet(PDF) 3 Page - ZP Semiconductor

Part # BSS214N
Description  OptiMOS?? Small-Signal-Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

BSS214N Datasheet(HTML) 3 Page - ZP Semiconductor

  BSS214N Datasheet HTML 1Page - ZP Semiconductor BSS214N Datasheet HTML 2Page - ZP Semiconductor BSS214N Datasheet HTML 3Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-
107
143
pF
Output capacitance
C oss
-46
62
Reverse transfer capacitance
Crss
-6
-
Turn-on delay time
t d(on)
-
4.1
-
ns
Rise time
t r
-
7.8
-
Turn-off delay time
t d(off)
-
6.8
-
Fall time
t f
-
1.4
-
Gate Charge Characteristics
Gate to source charge
Q gs
-
0.24
-
nC
Gate to drain charge
Q gd
-
0.2
-
Gate charge total
Q g
-
0.8
-
Gate plateau voltage
V plateau
-
2.2
-
V
Reverse Diode
Diode continous forward current
I S
-
-
0.5
A
Diode pulse current
I S,pulse
--
6
Diode forward voltage
V SD
V GS=0 V, I F=1.5 A,
T j=25 °C
-
0.8
1.1
V
Reverse recovery time
t rr
-
8.4
-
ns
Reverse recovery charge
Q rr
-
1.7
-
nC
V R=10 V, I F=1.5 A,
di F/dt =100 A/µs
T A=25 °C
Values
V GS=0 V, V DS=10 V,
f
=1 MHz
V DD=10 V, V GS=4.5 V,
I D=1.5 A, R G=6 Ω
V DD=10 V, I D=1.5 A,
V GS=0 to 5 V
BSS214N
3 of 3
sales@zpsemi.com
www.zpsemi.com


Similar Part No. - BSS214N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSS214N INFINEON-BSS214N Datasheet
299Kb / 9P
   OptiMOS?? Small-Signal-Transistor
Rev 2.2 2010-03-25
logo
TY Semiconductor Co., L...
BSS214N TYSEMI-BSS214N Datasheet
126Kb / 3P
   OptiMOS 2 Small-Signal-Transistor
logo
Infineon Technologies A...
BSS214NW INFINEON-BSS214NW Datasheet
236Kb / 9P
   OptiMOS?? Small-Signal-Transistor
Rev 2.1 2009-02-11
More results

Similar Description - BSS214N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSS205N INFINEON-BSS205N Datasheet
271Kb / 9P
   OptiMOS?? Small-Signal-Transistor
Rev 2.3 2010-03-25
BSS306N INFINEON-BSS306N Datasheet
271Kb / 9P
   OptiMOS?? Small-Signal-Transistor
Rev 2.2 2010-03-25
BSS316N INFINEON-BSS316N Datasheet
278Kb / 9P
   OptiMOS?? Small-Signal-Transistor
Rev 2.2 2010-03-25
BSS816NW INFINEON-BSS816NW Datasheet
234Kb / 9P
   OptiMOS?? Small-Signal-Transistor
Rev 2.2 2009-02-11
BSO4822 INFINEON-BSO4822 Datasheet
100Kb / 8P
   OptiMOS Small-Signal-Transistor
2002-01-28
BSL806N INFINEON-BSL806N Datasheet
241Kb / 9P
   OptiMOS?? Small-Signal-Transistor
2010-03-29
BSL306N INFINEON-BSL306N_13 Datasheet
367Kb / 9P
   OptiMOS?? Small-Signal-Transistor
Rev 2.4 2013-11-06
BSS123N INFINEON-BSS123N Datasheet
633Kb / 9P
   OptiMOS??Small-Signal-Transistor
Rev 2.3 2012-11-21
BSP373N INFINEON-BSP373N Datasheet
569Kb / 9P
   OptiMOS??Small-Signal-Transistor
Rev 2.0 2013-04-04
logo
ZP Semiconductor
BSS205N ZPSEMI-BSS205N Datasheet
211Kb / 3P
   OptiMOS?? Small-Signal-Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com