Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70T24L25BF Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT70T24L25BF
Description  HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70T24L25BF Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT70T24L25BF Datasheet HTML 1Page - Integrated Device Technology IDT70T24L25BF Datasheet HTML 2Page - Integrated Device Technology IDT70T24L25BF Datasheet HTML 3Page - Integrated Device Technology IDT70T24L25BF Datasheet HTML 4Page - Integrated Device Technology IDT70T24L25BF Datasheet HTML 5Page - Integrated Device Technology IDT70T24L25BF Datasheet HTML 6Page - Integrated Device Technology IDT70T24L25BF Datasheet HTML 7Page - Integrated Device Technology IDT70T24L25BF Datasheet HTML 8Page - Integrated Device Technology IDT70T24L25BF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
6.42
IDT70T35/34L (IDT70T/25/24L)
PRELIMINARY
High-Speed 2.5V 8/4K x 18 (8/4K x 16) Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
5
C10
I/O3R
D8
NC
C8
I/O10R
A9
I/O9R
D9
I/O5R
C9
NC
B9
I/O8R
D10
I/O1R
C7
I/O14R
B8
I/O11R
A8
I/O12R
A10
I/O7R
D7
I/O13R
B7
OER
A7
VSS
B6
R/
WR
C6
I/O15R
D6
LBR
A5
VSS
B5
SEMR
C5
UBR
D5
A11R
A4
CER
B4
A10R
C4
A7R
D4
NC
A12R(1)
B3
A8R
C3
A5R
D3
A2R
D2
INTR
C2
A4R
B2
NC
A2
A9R
A1
A6R
B1
NC
C1
A3R
D1
A1R
E1
M/
S
E2
BUSYR
E3
A0R
E4
A1L
F1
VSS
F2
BUSYL
F3
A0L
F4
NC
G1
INTL
G2
A3L
G3
A6L
G4
NC
H1
A2L
H2
A5L
H3
A10L
H4
LBL
J1
A4L
J2
A8L
J3
A11L
J4
SEML
K1
A7L
K2
A9L
K3
A12L(1)
K4
UBL
A6
VSS
B10
I/O6R
E5
VSS
E6
VSS
E7
I/O4R
E8
I/O2R
E9
I/O0R
E10
VDD
F5
VDD
F6
VSS
F8
I/O13L
F9
I/O14L
F10
I/O15L
G5
VSS
G6
I/O3L
G7
NC
G8
I/O11L
G9
VSS
G10
I/O12L
H5
CEL
H6
I/O1L
H7
I/O7L
H8
NC
H9
NC
H10
I/O10L
J5
R/
WL
J6
OEL
J7
I/O4L
J8
I/O6L
J9
VSS
J10
I/O9L
K5
VDD
K6
VDD
K7
I/O0L
K8
I/O2L
K9
I/O5L
K10
I/O8L
F7
VDD
,
12/06/02
5639 drw 05
A3
IDT70T25/24 Pin Configurations(cont'd) (1,2,3,4)
IDT70T25/24BF
BF100(5)
100-Pin fpBGA
Top View(6)
2. All VDD pins must be connected to power supply.
3. All VSS pins must be connected to ground.
4. BF-100 package body is approximately 10mm x 10mm x 1.4mm with 0.8mm ball pitch.
NOTES:
1.
A12 is a NC for IDT70T24.
5. This package code is used to reference the package diagram.
6. This text does not indicate orientation of the actual part marking.


Similar Part No. - IDT70T24L25BF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T15A20BF IDT-IDT70T15A20BF Datasheet
158Kb / 18P
   HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
IDT70T15A20BFI IDT-IDT70T15A20BFI Datasheet
158Kb / 18P
   HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
IDT70T15A20PF IDT-IDT70T15A20PF Datasheet
158Kb / 18P
   HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
IDT70T15A20PFI IDT-IDT70T15A20PFI Datasheet
158Kb / 18P
   HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
IDT70T15A25BF IDT-IDT70T15A25BF Datasheet
158Kb / 18P
   HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70T24L25BF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V35 IDT-IDT70V35 Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70P35 IDT-IDT70P35 Datasheet
293Kb / 22P
   HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V35 RENESAS-70V35 Datasheet
570Kb / 26P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
OCTOBER 2019
logo
Integrated Device Techn...
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT70T9359 IDT-IDT70T9359 Datasheet
214Kb / 16P
   HIGH-SPEED 2.5V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S Datasheet
200Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S_15 Datasheet
673Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7B134 CYPRESS-CY7B134 Datasheet
588Kb / 15P
   4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
CY7B146 CYPRESS-CY7B146 Datasheet
382Kb / 12P
   4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com