Electronic Components Datasheet Search |
|
IDT72V3632L10PQF Datasheet(PDF) 4 Page - Integrated Device Technology |
|
IDT72V3632L10PQF Datasheet(HTML) 4 Page - Integrated Device Technology |
4 / 29 page 4 IDT72V3622/72V3632/72V3642 CMOS 3.3V SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2 COMMERCIAL TEMPERATURERANGE Symbol Name I/O Description A0-A35 Port A Data I/0 36-bit bidirectional data port for side A. AEA Port A Almost- O Programmable Almost-Empty flag synchronized to CLKA. It is LOW when the number of words in FIFO2 is Empty Flag (Port A) less than or equal to the value in the Almost-Empty A Offset register, X2. AEB Port B Almost- O Programmable Almost-Empty flag synchronized to CLKB. It is LOW when the number of words in FIFO1 is Empty Flag (Port B) less than or equal to the value in the Almost-Empty B Offset register, X1. AFA Port A Almost- O Programmable Almost-Full flag synchronized to CLKA. It is LOW when the number of empty locations in Full Flag (Port A) FIFO1 is less than or equal to the value in the Almost-Full A Offset register, Y1. AFB Port B Almost- O Programmable Almost-Full flag synchronized to CLKB. It is LOW when the number of empty locations in Full Flag (Port B) FIFO2 is less than or equal to the value in the Almost-Full B Offset register, Y2. B0 - B35 Port B Data I/O 36-bit bidirectional data port for side B. CLKA Port A Clock I CLKA is a continuous clock that synchronizes all data transfers through port A and can be asynchronous or coincident to CLKB. FFA/IRA, EFA/ORA, AFA, and AEA are all synchronized to the LOW-to-HIGH transition of CLKA. CLKB Port B Clock I CLKB is a continuous clock that synchronizes all data transfers through port Band can be asynchronous or coincident to CLKA. FFB/IRB, EFB/ORB, AFB, and AEB are synchronized to the LOW-to-HIGH transition of CLKB. CSA Port A Chip I CSA must be LOW to enable a LOW-to-HIGH transition of CLKA to read or write on port A. The A0-A35 Select outputs are in the high-impedance state when CSA is HIGH. CSB Port B Chip I CSB must be LOW to enable a LOW-to-HIGH transition of CLKB to read or write data on port B. The Select B0- B35 outputs are in the high-impedance state when CSB is HIGH. EFA/ORA Port A Empty/ O This is a dual function pin. In the IDT Standard mode, the EFA function is selected. EFA indicates Output Ready whether or not the FIFO2 memory is empty. In the FWFT mode, the ORA function is selected. ORA Flag indicates the presence of valid data on A0-A35 outputs, available for reading. EFA/ORA is synchronized to the LOW-to-HIGH transition of CLKA. EFB/ORB Port B Empty/ O This is a dual function pin. In the IDT Standard mode, the EFB function is selected. EFB indicates Output Ready whether or not the FIFO1 memory is empty. In the FWFT mode, the ORB function is selected. ORB Flag indicates the presence of valid data on B0-B35 outputs, available for reading. EFB/ORB is synchronized to the LOW-to-HIGH transition of CLKB. ENA Port A Enable I ENA must be HIGH to enable a LOW-to-HIGH transition of CLKA to read or write data on port A. ENB Port B Enable I ENB must be HIGH to enable a LOW-to-HIGH transition of CLKB to read or write data on port B. FFA/IRA Port A Full/ O This is a dual function pin. In the IDT Standard mode, the FFA function is selected. FFA indicates whether Input Ready or not the FIFO1 memory is full. In the FWFT mode, the IRA function is selected. IRA indicates whether or Flag not there is space available for writing to the FIFO1 memory. FFA/IRA is synchronized to the LOW-to- HIGH transition of CLKA. FFB/IRB Port B Full/ O This is a dual function pin. In the IDT Standard mode, the FFB function is selected. FFB indicates whether Input Ready or not the FIFO2 memory is full. In the FWFT mode, the IRB function is selected. IRB indicates whether or Flag not there is space available for writing to the FIFO2 memory. FFB/IRB is synchronized to the LOW-to- HIGH transition of CLKB. FWFT First Word Fall I This pin selects the timing mode. A HIGH on FWFT selects IDT Standard mode, a LOW selects First Through Mode Word Fall Through mode. Once the timing mode has been selected, the level on FWFT must be static throughout device operation. FS1, FS0 FlagOffset I A LOW-to-HIGH transition of the FIFO Reset input latches the values of FS0 and FS1. If either FS0 or Selects FS1 is HIGH when the FIFO Reset input goes HIGH, one of three preset values is selected as the offset for FIFOs Almost-Full and Almost-Empty flags. If both FIFOs are reset simultaneously and both FS0 and FS1 are LOW when RST1 and RST2 go HIGH, the first four writes to FIFO1 load the Almost- Empty and Almost-Full offsets for both FIFOs. PIN DESCRIPTIONS |
Similar Part No. - IDT72V3632L10PQF |
|
Similar Description - IDT72V3632L10PQF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |