Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70T35L25PFI Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT70T35L25PFI
Description  HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70T35L25PFI Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT70T35L25PFI Datasheet HTML 5Page - Integrated Device Technology IDT70T35L25PFI Datasheet HTML 6Page - Integrated Device Technology IDT70T35L25PFI Datasheet HTML 7Page - Integrated Device Technology IDT70T35L25PFI Datasheet HTML 8Page - Integrated Device Technology IDT70T35L25PFI Datasheet HTML 9Page - Integrated Device Technology IDT70T35L25PFI Datasheet HTML 10Page - Integrated Device Technology IDT70T35L25PFI Datasheet HTML 11Page - Integrated Device Technology IDT70T35L25PFI Datasheet HTML 12Page - Integrated Device Technology IDT70T35L25PFI Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
6.42
IDT70T35/34L (IDT70T/25/24L)
PRELIMINARY
High-Speed 2.5V 8/4K x 18 (8/4K x 16) Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
9
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range (VDD = 2.5V ± 100mV)
NOTES:
1.
Port "A" may be either left or right port. Port "B" is the opposite from port "A".
2. VDD = 2.5V, TA = +25°C, and are not production tested. IDD dc = 85mA (typ.)
3. At f = fMAX
, address and control lines (except Output Enable) are cycling at the maximum frequency read cycle of 1/tRC, and using “AC Test Conditions” of input levels of GND
to 3V.
4. f = 0 means no address or control lines change.
70T35/34L20
(70T25/24L20)
Com'l Only
70T35/34L25
(70T25/24L25)
Com'l
& Ind
Symbol
Parameter
Test Condition
Version
Typ.(2)
Max.
Typ.(2)
Max.
Unit
IDD
Dynamic Operating
Current
(Both Ports Active)
CE = VIL, Outputs Disabled
SEM = VIH
f = fMAX(3)
COM'L
L
80
140
70
130
mA
IND
L
____
____
100
160
ISB1
Standby Current
(Both Ports - TTL
Level Inputs)
CER and CEL = VIH
SEMR = SEML = VIH
f = fMAX
(3)
COM'L
L
12
20
7
17
mA
IND
L
____
____
12
25
ISB2
Standby Current
(One Port - TTL
Level Inputs)
CE"A" = VIL and CE"B" = VIH(1)
Active Port Outputs Disabled,
f=fMAX(3)
SEMR = SEML = VIH
COM'L
L
559040
80
mA
IND
L
____
____
55
100
ISB3
Full Standby Current
(Both Ports -
CMOS Level Inputs)
Both Ports
CEL and
CER > VDD - 0.2V,
VIN > VDD - 0.2V or
VIN < 0.2V, f = 0(4)
SEMR = SEML > VDD-0.2V
COM'L
L
0.05
2.5
0.05
2.5
mA
IND
L
____
____
0.2
5.0
ISB4
Full Standby Current
(One Port -
CMOS Level Inputs)
CE"A" < 0.2V and
CE"B" > VDD - 0.2V(1)
SEMR = SEML > VDD-0.2V
VIN > VDD - 0.2V or VIN < 0.2V
Active Port Outputs Disabled,
f = fMAX(3)
COM'L
L
559040
80
mA
IND
L
____
____
55
100
5639 tbl 09
AC Test Conditions
Figure 1. AC Output Test Load
Input Pulse Levels
Input Rise/Fall Times
Input Timing Reference Levels
Output Reference Levels
Output Load
GND to 2.5V
3ns Max.
1.25V
1.25V
Figure 1
5639 tbl 10
*(For tLZ, tHZ, tWZ, tOW)
1.25V
50
50
5639 drw 06
10pF / 5pF*
(Tester)
DATAOUT
,
BUSY
INT
Timing of Power-Up Power-Down
CE
5639 drw 07
tPU
ICC
ISB
tPD
50%
50%
,


Similar Part No. - IDT70T35L25PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T3509M IDT-IDT70T3509M Datasheet
259Kb / 23P
   HIGH-SPEED 2.5V 1024K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
List of Unclassifed Man...
IDT70T3509M ETC2-IDT70T3509M Datasheet
275Kb / 23P
   HIGH-SPEED 2.5V 1024K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Integrated Device Techn...
IDT70T3509M IDT-IDT70T3509M Datasheet
212Kb / 23P
   HIGH-SPEED 2.5V SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3509M IDT-IDT70T3509M Datasheet
310Kb / 23P
   HIGH-SPEED 2.5V SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3509MS133BPG IDT-IDT70T3509MS133BPG Datasheet
259Kb / 23P
   HIGH-SPEED 2.5V 1024K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
More results

Similar Description - IDT70T35L25PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V35 IDT-IDT70V35 Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70P35 IDT-IDT70P35 Datasheet
293Kb / 22P
   HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V35 RENESAS-70V35 Datasheet
570Kb / 26P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
OCTOBER 2019
logo
Integrated Device Techn...
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT70T9359 IDT-IDT70T9359 Datasheet
214Kb / 16P
   HIGH-SPEED 2.5V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S Datasheet
200Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S_15 Datasheet
673Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7B134 CYPRESS-CY7B134 Datasheet
588Kb / 15P
   4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
CY7B146 CYPRESS-CY7B146 Datasheet
382Kb / 12P
   4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com