Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ1110QI Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AOZ1110QI
Description  Efficiency up to 95%
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1110QI Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AOZ1110QI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1110QI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1110QI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1110QI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1110QI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1110QI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1110QI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1110QI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1110QI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AOZ1110
Rev. 1.0 October 2010
www.aosmd.com
Page 4 of 16
Electrical Characteristics
TA = 25°C, VIN = VEN = 3.3V, unless otherwise specified
(3)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VIN
Supply Voltage
2.7
5.5
V
VUVLO
Input Under-Voltage Lockout
Threshold
VIN rising
VIN falling
2.20
2.50
2.30
2.60
V
V
IIN
Supply Current (Quiescent)
VFB = 1.0V, L disconnected
1.5
3
mA
IOFF
Shutdown Supply Current
VEN = 0V,
Active PGood = 100k
Ω
Excluding PG current
1
μA
VFB
Feedback Voltage
TA = 25°C
TA = -40°C to 85°C
0.792
0.784
0.800
0.800
0.808
0.816
V
Load Regulation
0A < Iload < 3A,
VIN = 3.3V, VOUT =1 .5V
0.2
%
Line Regulation
2.7V < VIN < 5.5V,
VOUT = 1.5V Iload = 100mA
0.2
%
IFB
FB Input Current
200
nA
ENABLE
VEN
EN Input Threshold
Off threshold
On threshold
1.2
0.4
V
V
VHYS
EN Input Hysteresis
200
mV
OSCILLATOR
fO
Frequency
FSEL = VDD
0.85
1.0
1.15
MHz
FSEL = GND
425
500
575
kHz
DMAX
Maximum Duty Cycle(4)
100
%
tON_MIN
Minimum Controllable on time(4)
200
ns
ERROR AMPLIFIER
GVEA
Error Amplifier Open Loop Voltage
gain(4)
60
dB
GEA
Error Amplifier
Transconductance(4)
200
μA / V
OVER CURRENT, OVER VOLTAGE AND OVER TEMPERATURE
ILIM
Current Limit
VIN = 3.3V
5
6
7
A
Current Limit Response Time(4)
200
ns
TLO
Short Circuit Latch off Time
VFB = 0V
2
ms
OVP
Over Voltage Protection
115
%
OVP Hyteresis
3
%
Over-Temperature shutdown limit
TJ rising
TJ falling
150
100
°C
°C
OSCILLATOR
ISS_OUT
Soft Start Pin Source Current
SS = 0V,
CSS = 0.001μF to 0.1μF
1.5
2.0
3.0
μA
ISS_IN
Soft Start Pin Sink Current
VIN = 2.7V,
CSS = 0.001μF to 0.1μF
1.5
3.0
5.0
mA
tSS
Internal Soft Time
CSS = open
500
μs


Similar Part No. - AOZ1110QI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1110 AOSMD-AOZ1110 Datasheet
702Kb / 16P
   4A Synchronous EZBuck Regulator
More results

Similar Description - AOZ1110QI

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8064ZQW RICHTEK-RT8064ZQW Datasheet
202Kb / 13P
   High Efficiency : Up to 95%, Adjustable Frequency : 200kHz to 2MHz
logo
Total Power Internation...
MPW2000 TOTAL-POWER-MPW2000 Datasheet
435Kb / 8P
   Efficiency up to 89%
logo
Artesyn Technologies
ATA ARTESYN-ATA Datasheet
395Kb / 2P
   Efficiency up to 86%
logo
Emerson Network Power
APC18 EMERSON-NETWORKPOWER-APC18 Datasheet
749Kb / 2P
   High efficiency, 3.3V @ 95% (Typ)
APA18 EMERSON-NETWORKPOWER-APA18 Datasheet
202Kb / 2P
   High efficiency, 3.3V @ 95% (Typ)
logo
Arch Electronics Corp.
AQF120U_SERIES ARCH-AQF120U_SERIES Datasheet
355Kb / 5P
   High Efficiency up to 93%
logo
Recom International Pow...
RO-E RECOM-RO-E Datasheet
90Kb / 2P
   High Efficiency up to 84%
logo
Arch Electronics Corp.
AQC100_SERIES ARCH-AQC100_SERIES Datasheet
291Kb / 4P
   High Efficiency up to 93% Typical
AQF100O_SERIES ARCH-AQF100O_SERIES Datasheet
338Kb / 5P
   High Efficiency up to 93% Typical
logo
Vishay Siliconix
FX5545G008 VISHAY-FX5545G008 Datasheet
662Kb / 5P
   Low Profile 3mm DC/DC Buck Converter 0.8V to 4.5V, 3A with 380W/in3 Power Density Efficiency up to 95%
Revision: 01-Mar-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com