Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N5399D Datasheet(PDF) 6 Page - Keysight Technologies

Part # N5399D
Description  Validation and Compliance Software
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N5399D Datasheet(HTML) 6 Page - Keysight Technologies

Back Button N5399D Datasheet HTML 2Page - Keysight Technologies N5399D Datasheet HTML 3Page - Keysight Technologies N5399D Datasheet HTML 4Page - Keysight Technologies N5399D Datasheet HTML 5Page - Keysight Technologies N5399D Datasheet HTML 6Page - Keysight Technologies N5399D Datasheet HTML 7Page - Keysight Technologies N5399D Datasheet HTML 8Page - Keysight Technologies N5399D Datasheet HTML 9Page - Keysight Technologies N5399D Datasheet HTML 10Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
06 | Keysight | N5399C, N5399D HDMI Electrical Performance Validation and Compliance Software - Data Sheet
Using the HDMI EPVC Software
The HDMI software logically guides the user through the test
process. The graphical user interface is designed to glean test
process and device under test information from the user to
efficiently carry out the testing. (Refer to Figure 5.) The user
will know the device type (which determines the test suite) and
which specification applies (HDMI 1.4b or HDMI 2.0). Though
the specifications for HDMI 2.0 and HDMI 1.4b are different, the
selection of HDMI 2.0 will reveal both 1.4b and 2.0 tests, as seen
in Figure 8.
Device Definition
The device definition screen lets users enter the full functionality
of the device for the purpose of creating the test plan. A test
plan is important in order to guide the test process to test at
the specific data rates and test configurations (single-ended vs.
differential) that are required.
This screen enables the standard DUT identification and test
comments, however, the new key feature is the ability to define
the timings/resolutions at which to test. You can enter these
resolutions by:
1. Using the capability declaration form (CDF)
2. Using a previously stored template
3. Using the default setup (which you can define)
4. Adding your own custom timing
5. Independently editing any of these using the check boxes
in the pixel clock tabs at the top of the bottom section
Once the resolution/timing table is defined, it can be stored as a
template or as a default state. If defined as default, it will show up
on all future application start-ups.
Figure 6. Device definition screen with timings and resolutions table.
New to the Keysight HDMI validation software are the device
definition and connection setup tabs in the setup screen. As
seen in Figure 5, upon start up, these tabs are labeled with a
red status, which indicates that the user has to complete some
actions before proceeding. Also included in the setup screen are
transfer function generation and probe offset calibration. The
probe offset calibration is not new and should be run periodically
to make precision measurements, particularly when measuring
the eye at TP2. The offset calibration is for HDMI measurements
only and will result in the elimination of offsets in the differential
measurements made by the software. The transfer function
generation feature allows the user to create new filters that may
be needed when performing characterizations with different
cable models, different fixtures, equalization and skew. Generally,
the filters, or transfer functions, that are required are already
provided and the user does not have to create any.
Figure 5. Entry screen for HDMI software.


Similar Part No. - N5399D

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N5399D KEYSIGHT-N5399D Datasheet
4Mb / 32P
   Infiniium 9000 Series Oscilloscopes
More results

Similar Description - N5399D

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N5399C KEYSIGHT-N5399C Datasheet
3Mb / 21P
   Validation and Compliance Software
N6468A KEYSIGHT-N6468A Datasheet
2Mb / 13P
   Validation and Conformance Software
logo
List of Unclassifed Man...
020-2955-XX ETC2-020-2955-XX Datasheet
693Kb / 8P
   DDR Memory Bus Electrical Validation and Analysis Software
logo
Keysight Technologies
N8839A KEYSIGHT-N8839A Datasheet
1Mb / 13P
   Compliance Test Software
N6462A KEYSIGHT-N6462A Datasheet
2Mb / 18P
   Compliance Test Software
N5416B KEYSIGHT-N5416B Datasheet
2Mb / 14P
   USB Compliance Test Software
N5416A KEYSIGHT-N5416A Datasheet
2Mb / 14P
   USB Compliance Test Software
N6460B KEYSIGHT-N6460B Datasheet
1Mb / 17P
   MHL Source Compliance Test Software
N5411B KEYSIGHT-N5411B Datasheet
1Mb / 16P
   SATA 6 Gb/s Compliance Test Software
U7232C KEYSIGHT-U7232C Datasheet
7Mb / 19P
   Electrical Performance Validation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com