Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN3404L-7 Datasheet(PDF) 3 Page - ZP Semiconductor

Part # DMN3404L-7
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

DMN3404L-7 Datasheet(HTML) 3 Page - ZP Semiconductor

  DMN3404L-7 Datasheet HTML 1Page - ZP Semiconductor DMN3404L-7 Datasheet HTML 2Page - ZP Semiconductor DMN3404L-7 Datasheet HTML 3Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
30
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
1.0
μA
VDS = 30V, VGS = 0V
Gate-Source Leakage
IGSS
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 8 )
Gate Threshold Voltage
VGS(th)
1.0
1.5
2.0
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance TJ = -40°C (Note 9)
RDS(ON)
23
27
VGS = 4.5V, ID = 4.8A
57
74
VGS=3V, ID =2A
Static Drain-Source On-Resistance TJ = +25°C
RDS(ON)
24
28
mΩ
VGS = 10V, ID = 5.8A
33
42
VGS = 4.5V, ID = 4.8A
63
82
VGS=3V, ID =2A
Static Drain-Source On-Resistance TJ = +85°C (Note 9)
RDS(ON)
71
95
mΩ
VGS=3V, ID =2A
Forward Transfer Admittance
|Yfs|
10
S
VDS = 5V, ID = 5.8A
Diode Forward Voltage
VSD
0.75
1.0
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 10)
Input Capacitance
Ciss
498
pF
VDS = 15V, VGS = 0V, f = 1.0MHz
Output Capacitance
Coss
52
pF
Reverse Transfer Capacitance
Crss
45
pF
Gate Resistance
Rg
1.75
2.8
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 3V)
Qg
3.8
5.3
nC
VGS = 3V, VDS = 15V, ID = 1A
Total Gate Charge (VGS = 4.5V)
Qg
5.3
7.5
nC
VGS = 10V/4.5V, VDS = 15V,
ID = 5.8A
Total Gate Charge (VGS = 10V)
Qg
11.3
16
nC
Gate-Source Charge
Qgs
1.4
nC
Gate-Drain Charge
Qgd
2.1
nC
Turn-On Delay Time
tD(on)
3.41
10
ns
VDD = 15V, VGS = 10V,
RL = 2.6Ω, RG = 3Ω
Turn-On Rise Time
tr
6.18
13
ns
Turn-Off Delay Time
tD(off)
13.92
28
ns
Turn-Off Fall Time
tf
2.84
10
ns
Notes:
5. Short duration pulse test used to minimize self-heating effect.
6. Guaranteed by design and 25°C data. Not subject to production testing
7. Guaranteed by design. Not subject to production testing.
DMN3404L
N-CHANNEL ENHANCEMENT MODE MOSFET
3 of 3
sales@zpsemi.com
www.zpsemi.com


Similar Part No. - DMN3404L-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3404L-7 DIODES-DMN3404L-7 Datasheet
164Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN3404L-7 DIODES-DMN3404L-7 Datasheet
338Kb / 8P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN3404L-7

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com