Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISD1016AP Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ISD1016AP
Description  Single-Chip Voice Record/Playback Devices 16- and 20-Second Durations
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ISD1016AP Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ISD1016AP Datasheet HTML 1Page - List of Unclassifed Manufacturers ISD1016AP Datasheet HTML 2Page - List of Unclassifed Manufacturers ISD1016AP Datasheet HTML 3Page - List of Unclassifed Manufacturers ISD1016AP Datasheet HTML 4Page - List of Unclassifed Manufacturers ISD1016AP Datasheet HTML 5Page - List of Unclassifed Manufacturers ISD1016AP Datasheet HTML 6Page - List of Unclassifed Manufacturers ISD1016AP Datasheet HTML 7Page - List of Unclassifed Manufacturers ISD1016AP Datasheet HTML 8Page - List of Unclassifed Manufacturers ISD1016AP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Product Data Sheets
ISD1000A Series
1–3
1
to achieve longer recording durations. The non-
volatile storage array is based on production-
proven, low-power CMOS EEPROM technology.
The highly integrated ISD1000A Series contains
all the basic functions required for high-quality
voice Recording and Playback. The noise-cancel-
ling Microphone Preamplifier and Automatic Gain
Control (AGC) record both low-volume and high-
volume sounds. The AGC attack and release
times are adjusted by an external resistor and
capacitor. Antialiasing is performed by a continu-
ous fifth-order Chebyshev filter, requiring no exter-
nal components or clocks to give toll-quality
reproduction. The low corner of the passband is
user-settable by two external capacitors. The
devices contain their own temperature-stabilized
timebase oscillator.
The ISD1000A devices drive a speaker directly
through differential outputs. This boosts power by
four times and eliminates the need for a series
capacitor or an output amplifier. The device will
operate from a single power supply or from batter-
ies. The device also includes a power down func-
tion for applications where minimum power
consumption is critical. The CMOS-based design,
combined with the nonvolatile storage array,
assures the lowest possible overall power con-
sumption.
On-chip control functions make the ISD1000A
Series very easy to use in a wide array of applica-
tions. Each device offers a variety of operating
modes and interface options. The devices may be
used in applications that require little more than a
few switches and a battery. The devices may also
be integrated into electronic systems where digital
addresses can be provided for more sophisti-
cated message addressing and control. The
ISD1000A array is organized into 160 segments.
Addresses A0 through A7 provide access to each
segment in the array for message addressing.
Addressing provides the capability of construct-
ing messages by combining stored phrases and
sounds.
PIN DESCRIPTIONS
Voltage Inputs (VCCA, VCCD)
To minimize noise, the analog and digital circuits
in the ISD1000A Series devices use separate
power busses. These voltage busses are brought
out to separate pins and should be tied together
as close to the supply as possible. In addition,
these supplies should be decoupled as close to
the package as possible.
Ground Inputs (VSSA, VSSD)
The ISD1000A Series of devices utilizes separate
analog and digital ground busses.
These pins
should be tied together as close to the package
as possible and connected through a low-imped-
ance path to power supply ground.
Power Down Input (PD)
When not recording or playing back, the PD pin
should be pulled HIGH to place the part in a very
low power mode (see ISB specification). When
EOM pulses LOW for an overflow condition, PD
should be brought HIGH to reset the address
pointer back to the beginning of the Record/Play-
back space.
SSD
SSA
M0/A0
M1/A1
M2/A2
M3/A3
M4/A4
M5/A5
NC
NC
A6
A7
AUX IN
V
V
SP+
V
P/R
XCLK
EOM
PD
CE
NC
ANA OUT
ANA IN
AGC
MIC REF
MIC
V
SP–
CCD
CCA
DIP/SOIC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ISD1000A SERIES PINOUTS
06.DataBook_1000A Dsht Page 3 Friday, September 27, 1996 10:44 AM


Similar Part No. - ISD1016AP

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
ISD1 ISOCOM-ISD1 Datasheet
78Kb / 3P
   HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISD1 ISOCOM-ISD1 Datasheet
85Kb / 3P
   HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
ISD1110P ETC-ISD1110P Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
ISD1110S ETC-ISD1110S Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
More results

Similar Description - ISD1016AP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD1400 ETC-ISD1400 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 16-and 20-Second Durations
ISD1200 ETC-ISD1200 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations
ISD2560 ETC1-ISD2560 Datasheet
801Kb / 26P
   Single-Chip Voice Record/Playback Devices 60-, 75-, 90-, and 120-Second Durations
ISD33060 ETC-ISD33060 Datasheet
1Mb / 30P
   Single-Chip Voice Record/Playback Devices 60-, 75-, 90-, and 120-Second Durations
ISD4002 ETC-ISD4002 Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 120-, 150-, 180-, and 240-Second Durations
logo
Winbond
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
   Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
logo
List of Unclassifed Man...
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
logo
Winbond
ISD4004 WINBOND-ISD4004 Datasheet
980Kb / 28P
   Single-Chip Voice Record/Playback Devices 8-, 10-, 12-, and 16-Minute Durations
logo
List of Unclassifed Man...
ISD2500 ETC1-ISD2500 Datasheet
331Kb / 28P
   Single-Chip Voice Record/Playback Devices 32-, 40-, 48-, 64-,60-,75,90-, and 120-Second Durations
logo
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com