Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP1045U Datasheet(PDF) 2 Page - ZP Semiconductor

Part # DMP1045U
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

DMP1045U Datasheet(HTML) 2 Page - ZP Semiconductor

  DMP1045U Datasheet HTML 1Page - ZP Semiconductor DMP1045U Datasheet HTML 2Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-12
V
Gate-Source Voltage
VGSS
±8
V
Continuous Drain Current (Note 4) VGS = -4.5V
Steady
State
TA = 25°C
TA = 70°C
ID
4.0
3.1
A
Continuous Drain Current (Note 4) VGS = -2.5V
Steady
State
TA = 25°C
TA = 70°C
ID
3.3
2.6
A
Continuous Drain Current (Note 5) VGS = -4.5V
Steady
State
TA = 25°C
TA = 70°C
ID
5.2
4.2
A
Continuous Drain Current (Note 5) VGS = -2.5V
Steady
State
TA = 25°C
TA = 70°C
ID
4.3
3.4
A
Maximum Continuous Body Diode Forward Current (Note 5)
IS
2
A
Pulsed Drain Current (10us pulse, duty cycle=1%) (Note 4)
IDM
40
A
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 4)
PD
0.8
W
Thermal Resistance, Junction to Ambient (Note 4)
RθJA
168
°C/W
Total Power Dissipation (Note 5)
PD
1.3
W
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
99
°C/W
Thermal Resistance, Junction to Case (Note 5)
RθJc
14.8
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 6)
Drain-Source Breakdown Voltage
BVDSS
-12
-
-
V
VGS = 0V, ID = -250μA
Zero Gate Voltage Drain Current
TJ = 25 C
IDSS
-
-
-1.0
μA
VDS = -12V, VGS = 0V
Gate-Source Leakage
IGSS
-
-
±10
μA
VGS = ±8V, VDS = 0V
ON CHARACTERISTICS (Note 6)
Gate Threshold Voltage
VGS(th)
-0.3
-0.55
-1.0
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS (ON)
-
26
31
m
VGS = -4.5V, ID = -4.0A
31
45
VGS = -2.5V, ID = -3.5A
45
75
VGS = -1.8V, ID = -2.7A
Forward Transfer Admittance
|Yfs|
-
12
-
S
VDS = -5V, ID = -4A
Diode Forward Voltage
VSD
-
-0.6
-
V
VGS = 0V, IS = -1A
DYNAMIC CHARACTERISTICS (Note 7)
Input Capacitance
Ciss
-
1357
-
pF
VDS = -10V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
-
504
-
pF
Reverse Transfer Capacitance
Crss
-
235
-
pF
Gate Resistnace
Rg
-
14.1
-
VDS = 0V, VGS = 0V, f = 1.0MHz
SWITCHING CHARACTERISTICS (Note 7)
Total Gate Charge
Qg
-
15.8
-
nC
VGS = -4.5V, VDS = -10V, ID = -4A
Gate-Source Charge
Qgs
-
2.0
-
nC
Gate-Drain Charge
Qgd
-
3.9
-
nC
Turn-On Delay Time
tD(on)
-
15.7
-
ns
VDS = -10V, VGS = -4.5V,
RL = 2.5Ω, RG = 3.0Ω
Turn-On Rise Time
tr
-
23.3
-
ns
Turn-Off Delay Time
tD(off)
-
91.2
-
ns
Turn-Off Fall Time
tf
-
106.9
-
ns
Notes:
2. Device mounted on FR-4 PC board, with minimum recommended pad layout, single sided.
3. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal vias to bottom layer 1inch square copper plate
DMP1045U
P-CHANNEL ENHANCEMENT MODE MOSFET
2 of 2
sales@zpsemi.com
www.zpsemi.com


Similar Part No. - DMP1045U

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP1045U DIODES-DMP1045U Datasheet
440Kb / 6P
   Low On-Resistance
DMP1045U-7 DIODES-DMP1045U-7 Datasheet
440Kb / 6P
   Low On-Resistance
DMP1045UFY4 DIODES-DMP1045UFY4 Datasheet
195Kb / 6P
   Low On-Resistance
DMP1045UFY4-13 DIODES-DMP1045UFY4-13 Datasheet
195Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET
DMP1045UFY4-13 DIODES-DMP1045UFY4-13 Datasheet
195Kb / 6P
   Low On-Resistance
More results

Similar Description - DMP1045U

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com