Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2308ETI Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX2308ETI
Description  Supports Dual-Band, Triple-Mode Operation
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2308ETI Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX2308ETI Datasheet HTML 5Page - Maxim Integrated Products MAX2308ETI Datasheet HTML 6Page - Maxim Integrated Products MAX2308ETI Datasheet HTML 7Page - Maxim Integrated Products MAX2308ETI Datasheet HTML 8Page - Maxim Integrated Products MAX2308ETI Datasheet HTML 9Page - Maxim Integrated Products MAX2308ETI Datasheet HTML 10Page - Maxim Integrated Products MAX2308ETI Datasheet HTML 11Page - Maxim Integrated Products MAX2308ETI Datasheet HTML 12Page - Maxim Integrated Products MAX2308ETI Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
CDMA IF VGAs and I/Q Demodulators
with VCO and Synthesizer
_______________________________________________________________________________________
9
Voltage-Controlled Oscillator,
Buffers, and Quadrature Generation
The LO signal for downconversion is provided by a
voltage-controlled oscillator (VCO) consisting of an on-
chip differential oscillator, and an off-chip high-Q reso-
nant network. Figure 4 shows a simplified schematic of
the VCO oscillator. Multiband operation is supported by
the MAX2306 with dual VCOs. VCO_H and VCO_L are
selectable with the MODE pin or the VCO_SEL (VS)
control bit. They oscillate at twice the desired LO fre-
quency. For applications requiring an external LO, the
VCOs can be bypassed with the VCO_BYP (VB) control
bit.
The MAX2309 buffers the output of the VCO and pro-
vides this signal at the LOOUT pin. This signal is
enabled by the BUFEN (BE) control bit or by the
BUFEN control pin. The frequency of this signal is
selected by the BUF_DIV (BD) control bit, and can be
either the VCO frequency or half the VCO frequency.
Quadrature downconversion is realized by providing in-
phase (I) and quadrature-phase (Q) components of the
LO signal to the LO ports of the demodulator described
above. The quadrature LO signals are generated by
dividing the VCO output frequency using two latches.
Figure 1. MAX2306 Typical Operating Circuit
MAX2306
BYP
BYP
FM-
FM+
CDMA+
CDMA
FM
3-WIRE
DAC
0.1
µF
0.01
µF
0.068
µF
47pF
2pF
33pF
0.01
µF
10k
2.4k
10k
33pF
47pF
33nH
0.01
µF
680
CDMA-
LOCK
VGC
VCC
VCC
VCC
VCC
DATA
CLK
QOUT+
QOUT-
EN
TANKH-
IOUT-
IOUT+
REF
GND
VCC
MODE
TANKH+
TANKL-
GND
CP_OUT
BYP
SHDN
TANKL+
0.01
µF
VCC
47pF
10k
47k
Q
10k
2pF
33pF
10k
10k
33pF
I
33nH


Similar Part No. - MAX2308ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2308EGI MAXIM-MAX2308EGI Datasheet
295Kb / 20P
   CDMA IF VGAs and I/Q Demodulators with VCO and Synthesizer
19-2014; Rev 2; 7/01
MAX2308EVKIT MAXIM-MAX2308EVKIT Datasheet
583Kb / 12P
   SMA Connectors on All Signal Ports
Rev 0; 7/01
More results

Similar Description - MAX2308ETI

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG1411E VISHAY-DG1411E Datasheet
347Kb / 14P
   Supports single and dual supply operation
Rev. C, 23-Jan-17
logo
List of Unclassifed Man...
FC1703 ETC1-FC1703 Datasheet
508Kb / 17P
   Receiver RFIC for Dual-Band Triple Mode
logo
Future Technology Devic...
FT51A FTDI-FT51A Datasheet
1Mb / 43P
   Supports DMA operation
logo
List of Unclassifed Man...
CGGP.25.4.E.02 ETC2-CGGP.25.4.E.02 Datasheet
1Mb / 15P
   Dual-band GNSS Operation
logo
Taoglas antenna solutio...
CGGP.25.4.E.02 TAOGLAS-CGGP.25.4.E.02 Datasheet
1Mb / 15P
   Dual-band GNSS Operation
logo
List of Unclassifed Man...
CPCI-6880 ETC2-CPCI-6880 Datasheet
550Kb / 2P
   Supports system/peripheral operation
logo
Xilinx, Inc
DS570 XILINX-DS570 Datasheet
1Mb / 38P
   Supports full-duplex operation
logo
Integrated Silicon Solu...
IS66WVC2M16ALL ISSI-IS66WVC2M16ALL Datasheet
1Mb / 67P
   Mixed Mode supports asynchronous write and synchronous read operation
IS66WVC4M16ALL ISSI-IS66WVC4M16ALL Datasheet
1Mb / 67P
   Mixed Mode supports asynchronous write and synchronous read operation
IS66WVC1M16ALL ISSI-IS66WVC1M16ALL Datasheet
1Mb / 67P
   Mixed Mode supports asynchronous write and synchronous read operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com