Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2308 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX2308
Description  Supports Dual-Band, Triple-Mode Operation
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2308 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX2308 Datasheet HTML 6Page - Maxim Integrated Products MAX2308 Datasheet HTML 7Page - Maxim Integrated Products MAX2308 Datasheet HTML 8Page - Maxim Integrated Products MAX2308 Datasheet HTML 9Page - Maxim Integrated Products MAX2308 Datasheet HTML 10Page - Maxim Integrated Products MAX2308 Datasheet HTML 11Page - Maxim Integrated Products MAX2308 Datasheet HTML 12Page - Maxim Integrated Products MAX2308 Datasheet HTML 13Page - Maxim Integrated Products MAX2308 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
CDMA IF VGAs and I/Q Demodulators
with VCO and Synthesizer
10
______________________________________________________________________________________
M
S
B
Table 1. MAX2306 Control Register States
PINS
X
L
Shutdown pin completely
powers down the chip
SHUTDOWN
ACTION
RESULT
OPERATIONAL
MODE
X
X
X
X
X
X
X
X
X
X
ML
S
CONTROL REGISTER
S
BB
X
X
X
X
X
X
H
X
0 in shutdown register bit leaves
serial port active
SHUTDOWN
X
X
X
X
X
X
X
0
X
X
X
0
X
H
X
0 in standby register bit turns off
VGA and modulator only
STANDBY
X
X
1
0
0
H
H
Mode pin overrides VCO_SEL,
DIVSEL, and IN_SEL to high
CDMA
X
X
X
X
X
1
X
1
0
F
H
Floating mode pin returns control
to register
CDMA
1
1
X
X
1
1
X
1
0
L
H
Mode pin overrides VCO_SEL,
DIVSEL, and IN_SEL to low
FM_IQ
X
X
X
X
X
1
0
1
0
F
H
Floating mode pin returns control
to register
FM_IQ
X
X
0
1
0
1
0
L
H
Mode pin overrides VCO_SEL,
DIVSEL, and IN_SEL to low
FM_I
X
X
X
X
X
1
1
1
0
F
H
L
Floating pins return control to
register
FM_I
X
X
0
1
1
1
Note: H = high, L = low, F = floating pin, X = don’t care, Blank = independent parameter, 1 = logic high, 0 = logic low.
The appropriate latch outputs provide I and Q signals
at the desired LO frequency.
Synthesizer
The VCO’s output frequency is controlled by an internal
phase-locked-loop (PLL) dual-modulus synthesizer. The
loop filter is off-chip to simplify loop design for emerg-
ing applications. The tunable resonant network is also
off-chip for maximum Q and for system design flexibili-
ty. The VCO output frequency is divided down to the
desired comparison frequency with the M counter. The
M counter consists of a 4-bit A swallow counter and a
10-bit P counter. A reference signal is provided from an
external source and is divided down to the comparison
frequency with the R counter. The two divided signals
are compared with a three-state digital phase-frequen-
cy detector. The phase-detector output drives a
charge-pump as well as lock-detect logic and tur-
bocharge control logic. The charge-pump output
(CP_OUT) pin is processed by the loop filter and drives
the tunable resonant network, altering the VCO frequen-
cy and closing the loop.
Multimode applications are supported by two indepen-
dent programmable registers each for the M counter
(M1, M2), the R counter (R1, R2), and the charge-pump
output current magnitude (CP1, CP2). The DIVSEL (DS)
bit selects which set of registers is used. It can be over-
ridden by the MAX2306’s MODE pin or the MAX2309’s
DIVSEL pin. Programming these registers is discussed
in the 3-Wire Interface and Registers section.


Similar Part No. - MAX2308

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2308 MAXIM-MAX2308 Datasheet
583Kb / 12P
   SMA Connectors on All Signal Ports
Rev 0; 7/01
MAX2308EGI MAXIM-MAX2308EGI Datasheet
295Kb / 20P
   CDMA IF VGAs and I/Q Demodulators with VCO and Synthesizer
19-2014; Rev 2; 7/01
MAX2308EVKIT MAXIM-MAX2308EVKIT Datasheet
583Kb / 12P
   SMA Connectors on All Signal Ports
Rev 0; 7/01
More results

Similar Description - MAX2308

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG1411E VISHAY-DG1411E Datasheet
347Kb / 14P
   Supports single and dual supply operation
Rev. C, 23-Jan-17
logo
List of Unclassifed Man...
FC1703 ETC1-FC1703 Datasheet
508Kb / 17P
   Receiver RFIC for Dual-Band Triple Mode
logo
Future Technology Devic...
FT51A FTDI-FT51A Datasheet
1Mb / 43P
   Supports DMA operation
logo
List of Unclassifed Man...
CGGP.25.4.E.02 ETC2-CGGP.25.4.E.02 Datasheet
1Mb / 15P
   Dual-band GNSS Operation
logo
Taoglas antenna solutio...
CGGP.25.4.E.02 TAOGLAS-CGGP.25.4.E.02 Datasheet
1Mb / 15P
   Dual-band GNSS Operation
logo
List of Unclassifed Man...
CPCI-6880 ETC2-CPCI-6880 Datasheet
550Kb / 2P
   Supports system/peripheral operation
logo
Xilinx, Inc
DS570 XILINX-DS570 Datasheet
1Mb / 38P
   Supports full-duplex operation
logo
Integrated Silicon Solu...
IS66WVC2M16ALL ISSI-IS66WVC2M16ALL Datasheet
1Mb / 67P
   Mixed Mode supports asynchronous write and synchronous read operation
IS66WVC4M16ALL ISSI-IS66WVC4M16ALL Datasheet
1Mb / 67P
   Mixed Mode supports asynchronous write and synchronous read operation
IS66WVC1M16ALL ISSI-IS66WVC1M16ALL Datasheet
1Mb / 67P
   Mixed Mode supports asynchronous write and synchronous read operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com