Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA198AIDBVT Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA198AIDBVT
Description  CURRENT SHUNT MONITOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA198AIDBVT Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button INA198AIDBVT Datasheet HTML 4Page - Burr-Brown (TI) INA198AIDBVT Datasheet HTML 5Page - Burr-Brown (TI) INA198AIDBVT Datasheet HTML 6Page - Burr-Brown (TI) INA198AIDBVT Datasheet HTML 7Page - Burr-Brown (TI) INA198AIDBVT Datasheet HTML 8Page - Burr-Brown (TI) INA198AIDBVT Datasheet HTML 9Page - Burr-Brown (TI) INA198AIDBVT Datasheet HTML 10Page - Burr-Brown (TI) INA198AIDBVT Datasheet HTML 11Page - Burr-Brown (TI) INA198AIDBVT Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
INA193,INA194
INA195,INA196
INA197,INA198
SBOS307B − MAY 2004 − REVISED JUNE 2004
www.ti.com
8
INPUT FILTERING
An obvious and straightforward location for filtering is at
the output of the INA19x series; however, this location
negates the advantage of the low output impedance of the
internal buffer. The only other option for filtering is at the
input pins of the INA19x, which is complicated by the
internal 5k
Ω + 30% input impedance; see Figure 2. Using
the lowest possible resistor values minimizes both the
initial shift in gain and effects of tolerance. The effect on
initial gain is given by:
GainError%
+ 100 * 100
5k
W
5k
W ) R
FILT
Total effect on gain error can be calculated by replacing the
5k
Ω term with 5kΩ − 30%, (or 3.5kΩ) or 5kΩ + 30% (or
6.5k
Ω). The tolerance extremes of RFILT can also be
inserted into the equation. If a pair of 100
Ω 1% resistors
are used on the inputs, the initial gain error will be 1.96%.
Worst-case tolerance conditions will always occur at the
lower excursion of the internal 5k
Ω resistor (3.5kΩ), and
the higher excursion of RFILT − 3% in this case.
Note that the specified accuracy of the INA19x must then
be combined in addition to these tolerances. While this
discussion treated accuracy worst-case conditions by
combining the extremes of the resistor values, it is
appropriate to use geometric mean or root sum square
calculations to total the effects of accuracy variations.
LOAD
V
SUPPLY
f−3dB =
f−3dB
1
2
π (2 R
FILTER)CFILTER
C
FILTER
R
SHUNT << RFILTER
R
FILTER <100
R
FILTER < 100
V
IN+
V
IN
+5V
V+
OUT
INA193 −INA198
5k
5k
Figure 2. Input Filter (Gain Error − 1.5% to −2.2%)
(1)


Similar Part No. - INA198AIDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA198AIDBVT TI1-INA198AIDBVT Datasheet
513Kb / 24P
[Old version datasheet]   CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
INA198AIDBVT TI1-INA198AIDBVT Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA198AIDBVT TI1-INA198AIDBVT Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA198AIDBVTG4 TI1-INA198AIDBVTG4 Datasheet
513Kb / 24P
[Old version datasheet]   CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
INA198AIDBVTG4 TI1-INA198AIDBVTG4 Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
More results

Similar Description - INA198AIDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA199-Q1 TI1-INA199-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Current-Shunt Monitor
INA282-Q1 TI1-INA282-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   Current Shunt Monitor
logo
Analog Devices
AD8215 AD-AD8215_11 Datasheet
234Kb / 16P
   High Voltage, Current Shunt Monitor
REV. A
logo
Texas Instruments
INA199 TI1-INA199 Datasheet
1Mb / 34P
[Old version datasheet]   Voltage Output Current Shunt Monitor
INA301 TI1-INA301 Datasheet
153Kb / 7P
[Old version datasheet]   Current-Shunt Monitor Overcurrent Comparator
logo
Analog Devices
AD8212 AD-AD8212 Datasheet
178Kb / 8P
   High Voltage Current Shunt Monitor
Rev. PrA
AD8215 AD-AD8215_16 Datasheet
258Kb / 13P
   High Voltage, Current Shunt Monitor
AD8212WYRMZ AD-AD8212WYRMZ Datasheet
335Kb / 16P
   High Voltage Current Shunt Monitor
REV. B
AD8212 AD-AD8212_17 Datasheet
371Kb / 13P
   High Voltage Current Shunt Monitor
AD8211 AD-AD8211_15 Datasheet
309Kb / 16P
   High Voltage Current Shunt Monitor
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com