Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70V9269L7PRFI Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT70V9269L7PRFI
Description  HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V9269L7PRFI Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT70V9269L7PRFI Datasheet HTML 1Page - Integrated Device Technology IDT70V9269L7PRFI Datasheet HTML 2Page - Integrated Device Technology IDT70V9269L7PRFI Datasheet HTML 3Page - Integrated Device Technology IDT70V9269L7PRFI Datasheet HTML 4Page - Integrated Device Technology IDT70V9269L7PRFI Datasheet HTML 5Page - Integrated Device Technology IDT70V9269L7PRFI Datasheet HTML 6Page - Integrated Device Technology IDT70V9269L7PRFI Datasheet HTML 7Page - Integrated Device Technology IDT70V9269L7PRFI Datasheet HTML 8Page - Integrated Device Technology IDT70V9269L7PRFI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
6.42
IDT70V9279/69S/L
High-Speed 32/16K x 16 Dual-Port Synchronous Static RAM
Industrial and Commercial Temperature Ranges
5
DC Electrical Characteristics Over the Operating
Temperature Supply Voltage Range(3,6) (VDD = 3.3V ± 0.3V)
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range (VDD = 3.3V ± 0.3V)
NOTE:
1. At VDD < 2.0V input leakages are undefined.
NOTES:
1. At f = fMAX, address and control lines (except Output Enable) are cycling at the maximum frequency clock cycle of 1/tCYC, using "AC TEST CONDITIONS" at input
levels of VSS to 3V.
2. f = 0 means no address, clock, or control lines change. Applies only to input at CMOS level standby.
3. Port "A" may be either left or right port. Port "B" is the opposite from port "A".
4. VDD = 3.3V, TA = 25°C for Typ, and are not production tested. IDD DC(f=0) = 90mA (Typ).
5. CEX = VIL means CE0X = VIL and CE1X = VIH
CEX
= VIH means CE0X = VIH or CE1X = VIL
CEX
< 0.2V means CE0X < 0.2V and CE1X > VDD - 0.2V
CEX
> VDD - 0.2V means CE0X > VDD - 0.2V or CE1X < 0.2V
'X' represents "L" for left port or "R" for right port.
6. 'X' in part numbers indicate power rating (S or L).
Symbol
Parameter
Test Conditions
70V9279/69S
70V9279/69L
Unit
Min.
Max.
Min.
Max.
|ILI|
Input Leakage Current(1)
VDD = 3.6V, VIN = 0V to VDD
___
10
___
5µA
|ILO|
Output Leakage Current
CE0
= VIH or CE1 = VIL, VOUT = 0V to VDD
___
10
___
5µA
VOL
Output Low Voltage
IOL = +4mA
___
0.4
___
0.4
V
VOH
Output High Voltage
IOH = -4mA
2.4
___
2.4
___
V
3743 tbl 08
70V9279/69X6
Com'l Only
70V9279/69X7
Com'l Only
70V9279/69X9
Com'l
& Ind
Symbol
Parameter
Test Condition
Version
Typ.(4)
Max.
Typ.(4)
Max.
Typ.(4)
Max.
Unit
IDD
Dynamic
Operating
Current (Both
Ports Active)
CEL
and CER= VIL,
Outputs Disabled,
f = fMAX(1)
COM'L
S
L
220
220
395
350
200
200
335
290
180
180
260
225
mA
IND
S
L
____
____
____
____
____
____
____
____
180
180
270
235
ISB1
Standby
Current (Both
Ports - TTL
Level Inputs)
CEL
= CER = VIH
f = fMAX(1)
COM'L
S
L
70
70
145
130
60
60
115
100
50
50
75
65
mA
IND
S
L
____
____
____
____
____
____
____
____
50
50
85
75
ISB2
Standby
Current (One
Port - TTL
Level Inputs)
CE"A"
= VIL and
CE"B"
= VIH(5)
Active Port Outputs Disabled,
f=fMAX(1)
COM'L
S
L
150
150
280
250
130
130
240
210
110
110
170
150
mA
IND
S
L
____
____
____
____
____
____
____
____
110
110
180
160
ISB3
Full Standby
Current (Both
Ports - CMOS
Level Inputs)
Both Ports CEL and
CER
> VDD - 0.2V,
VIN > VDD - 0.2V or
VIN < 0.2V, f = 0(2)
COM'L
S
L
1.0
0.4
5
3
1.0
0.4
5
3
1.0
0.4
5
3
mA
IND
S
L
____
____
____
____
____
____
____
____
1.0
0.4
5
3
ISB4
Full Standby
Current (One
Port - CMOS
Level Inputs)
CE"A"
< 0.2V and
CE"B"
> VDD - 0.2V(5)
VIN > VDD - 0.2V or
VIN < 0.2V, Active Port,
Outputs Disabled, f = fMAX(1)
COM'L
S
L
140
140
270
240
120
120
230
200
100
100
160
140
mA
IND
S
L
____
____
____
____
____
____
____
____
100
100
170
150
3743 tbl 09a


Similar Part No. - IDT70V9269L7PRFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9269L IDT-IDT70V9269L Datasheet
190Kb / 15P
   HIGH-SPEED 3.3V 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V9269L7PRFI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V27 RENESAS-70V27 Datasheet
339Kb / 22P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
JANUARY 2019
logo
Integrated Device Techn...
IDT70V27S IDT-IDT70V27S Datasheet
192Kb / 22P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
IDT70V27S IDT-IDT70V27S_12 Datasheet
363Kb / 21P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
IDT70V27S IDT-IDT70V27S_18 Datasheet
243Kb / 21P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
IDT70V3579S IDT-IDT70V3579S_14 Datasheet
184Kb / 17P
   HIGH-SPEED 3.3V 32K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9089 IDT-IDT70V9089_14 Datasheet
168Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9179 RENESAS-70V9179 Datasheet
286Kb / 18P
   HIGH-SPEED 3.3V 32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Feb.18.20
logo
Integrated Device Techn...
IDT70V3379S IDT-IDT70V3379S_15 Datasheet
729Kb / 17P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9379L RENESAS-IDT70V9379L Datasheet
485Kb / 16P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT70V9089 IDT-IDT70V9089 Datasheet
332Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com