Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLML6344TRPBF Datasheet(PDF) 2 Page - ZP Semiconductor

Part # IRLML6344TRPBF
Description  HEXFETPower MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

IRLML6344TRPBF Datasheet(HTML) 2 Page - ZP Semiconductor

  IRLML6344TRPBF Datasheet HTML 1Page - ZP Semiconductor IRLML6344TRPBF Datasheet HTML 2Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
D
S
G
Electric Characteristics @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
ΔV(BR)DSS/ΔTJ Breakdown Voltage Temp. Coefficient
–––
0.02
–––
V/°C
–––
22
29
–––
27
37
VGS(th)
Gate Threshold Voltage
0.5
0.8
1.1
V
IDSS
–––
–––
1.0
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
RG
Internal Gate Resistance
–––
1.7
–––
Ω
gfs
Forward Transconductance
19
–––
–––
S
Qg
Total Gate Charge
–––
6.8
–––
Qgs
Gate-to-Source Charge
–––
0.3
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
2.4
–––
td(on)
Turn-On Delay Time
–––
4.2
–––
tr
Rise Time
–––
5.6
–––
td(off)
Turn-Off Delay Time
–––
22
–––
tf
Fall Time
–––
9.1
–––
Ciss
Input Capacitance
–––
650
–––
Coss
Output Capacitance
–––
65
–––
Crss
Reverse Transfer Capacitance
–––
46
–––
Source - Drain Ratings and Characteristics
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.2
V
trr
Reverse Recovery Time
–––
10
15
ns
Qrr
Reverse Recovery Charge
–––
3.8
5.7
nC
di/dt = 100A/μs
d
VGS = 12V
VGS = -12V
TJ = 25°C, IS = 5.0A, VGS = 0V
d
integral reverse
p-n junction diode.
VDS = 10V, ID = 5.0A
ID = 5.0A
ID = 1.0A
TJ = 25°C, VR = 15V, IF=1.3A
MOSFET symbol
showing the
VDS =15V
Conditions
VGS = 4.5V
VGS = 0V
VDS = 25V
ƒ = 1.0MHz
RG = 6.8
Ω
VGS = 4.5V
d
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 1mA
VGS = 4.5V, ID = 5.0A
d
VDS = VGS, ID = 10μA
VDS =24V, VGS = 0V
VDS = 24V, VGS = 0V, TJ = 125°C
RDS(on)
VGS = 2.5V, ID = 4.0A
d
Static Drain-to-Source On-Resistance
Drain-to-Source Leakage Current
μA
m
Ω
VDD =15V
d
nA
nC
ns
pF
A
1.3
25
–––
–––
–––
–––
IRLML6344TRPbF
HEXFET® Power MOSFET
2 of 2
sales@zpsemi.com
www.zpsemi.com


Similar Part No. - IRLML6344TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML6344TRPBF IRF-IRLML6344TRPBF Datasheet
210Kb / 10P
   HEXFETPower MOSFET
logo
VBsemi Electronics Co.,...
IRLML6344TRPBF VBSEMI-IRLML6344TRPBF Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com