Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP-SERIES Datasheet(PDF) 1 Page - C&K Components

Part # FP-SERIES
Description  Sealed Ultra Miniature Pushbutton Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

FP-SERIES Datasheet(HTML) 1 Page - C&K Components

  FP-SERIES Datasheet HTML 1Page - C&K Components FP-SERIES Datasheet HTML 2Page - C&K Components FP-SERIES Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A-105
Dimensions
are shown: Inches (mm)
Specifications and dimensions subject to
change
www.ck-components.com
A
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown
and described on pages A-106 thru A-107. For additional options not shown in catalog, consult Customer Service Center.
FP Series
Sealed Ultra Miniature Pushbutton Switches
Features/Benefits
Vertical and right angle mount
Extended operating life 50,000 cycles
Optional caps
Sealed against soldering and cleaning
processes
RoHS compliant
Typical Applications
Networking equipment
Modems
Reset functions
Instrumentation
Specifications
CONTACT RATING: Max. 0.4 VA (28 V DC or V AC).
ELECTRICAL LIFE: 50,000 cycles.
CONTACT RESISTANCE: (10mA @ 2 V DC) 80 m
Ω max. initial.
INSULATION RESISTANCE: 500M
Ω min. @ 500 V DC - 1 minute.
OPERATING TEMPERATURE: –20ºC to 80ºC.
SOLDERABILITY: Per MIL-STD-202F method 208D, or
EIA RS-186E method 9.
PACKAGING:
Tray pack - 100 switches per tray.
Caps (optional) - Bulk bag; 100 caps per bag.
.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Materials
MOVABLE CONTACTS:
Base metal: Phosphor bronze
Plating: Gold over nickel plate
FIXED CONTACTS:
Base metal: Brass
Plating: Gold over nickel plate
COVER: PA66 - Black
ACTUATOR: PPS - Black
BASE: PPS - Black
SUPPORT BRACKET (A1 Terminal Style only): Steel with tin plate
Designation
FP11
SPST N.O.
S
1
1
Actuator Length
SP
Standard plunger 3.3mm
Terminal Style
C1
Vertical
A1
Right Angle
Contact Plating
B1
Gold over nickel plate
Packaging
TP
Tray packaging
P
Cap
00
No cap
01
White cap - bulk bagged
02
Black cap - bulk bagged
03
Red cap - bulk bagged
P
F
B
1
T
P


Similar Part No. - FP-SERIES

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FP-SNSDATALOG2 STMICROELECTRONICS-FP-SNSDATALOG2 Datasheet
848Kb / 6P
   STWIN.box - SensorTile Wireless Industrial Node Development Kit
Rev 2 - January 2023
More results

Similar Description - FP-SERIES

ManufacturerPart #DatasheetDescription
logo
C&K Components
FP CK-COMPONENTS-FP Datasheet
365Kb / 3P
   Sealed Ultra Miniature Pushbutton Switches
13 Mar 20
FP11 CK-COMPONENTS-FP11 Datasheet
159Kb / 3P
   Sealed Ultra Miniature Pushbutton Switches
logo
E-SWITCH
800A E-SWITCH-800A Datasheet
142Kb / 2P
   SEALED SUB-MINIATURE PUSHBUTTON SWITCHES
800B E-SWITCH-800B Datasheet
189Kb / 1P
   SEALED SUB-MINIATURE PUSHBUTTON SWITCHES
logo
Copal Electronics
CFP2 COPAL-CFP2 Datasheet
928Kb / 3P
   Ultra-Miniature Pushbutton Switches
LTM3-02 COPAL-LTM3-02 Datasheet
186Kb / 2P
   Ultra-Miniature Pushbutton Switches
logo
GREATECS
PB4 GREATECS-PB4 Datasheet
1Mb / 2P
   Sealed Sub-Miniature Pushbutton Switches
logo
Copal Electronics
TP_SERIES COPAL-TP_SERIES Datasheet
346Kb / 5P
   Ultra-Miniature Pushbutton Switches
logo
GREATECS
PB64 GREATECS-PB64 Datasheet
837Kb / 3P
   Sealed Sub-Miniature SMT Pushbutton Switches
logo
Copal Electronics
LTM3-01 COPAL-LTM3-01 Datasheet
192Kb / 2P
   Ultra-Miniature Illuminated Pushbutton Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com