Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS28F010A-10C4DDQ4 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS28F010A-10C4DDQ4
Description  1048576-BIT FLASH ELECTRICALLY ERASABLE PROGRAMMABLE READ-ONLY MEMORY
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F010A-10C4DDQ4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS28F010A-10C4DDQ4 Datasheet HTML 3Page - Texas Instruments TMS28F010A-10C4DDQ4 Datasheet HTML 4Page - Texas Instruments TMS28F010A-10C4DDQ4 Datasheet HTML 5Page - Texas Instruments TMS28F010A-10C4DDQ4 Datasheet HTML 6Page - Texas Instruments TMS28F010A-10C4DDQ4 Datasheet HTML 7Page - Texas Instruments TMS28F010A-10C4DDQ4 Datasheet HTML 8Page - Texas Instruments TMS28F010A-10C4DDQ4 Datasheet HTML 9Page - Texas Instruments TMS28F010A-10C4DDQ4 Datasheet HTML 10Page - Texas Instruments TMS28F010A-10C4DDQ4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
TMS28F010A
1048576-BIT FLASH
ELECTRICALLY ERASABLE PROGRAMMABLE READ-ONLY MEMORY
SMJS012 – DECEMBER 1992 – REVISED NOVEMBER 1993
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
command register
The command register controls the program and erase functions of the TMS28F010A. The algorithm-selection
mode can be activated using the command register in addition to the above method. When VPP is high, the
contents of the command register and the function being performed can be changed. The command register
is written to when E is low and W is pulsed low. The address is latched on the leading edge of the pulse, while
the data is latched on the trailing edge. Accidental programming or erasure is minimized because two
commands must be executed to invoke either operation.
power supply considerations
Each device should have a 0.1-
µF ceramic capacitor connected between VCC and VSS to suppress circuit noise.
Changes in current drain on VPP require it to have a bypass capacitor as well. Printed-circuit traces for both
power supplies should be appropriate to handle the current demand.
Table 2. Command Definitions
COMMAND
REQUIRED
BUS
FIRST BUS CYCLE
SECOND BUS CYCLE
COMMAND
BUS
CYCLES
OPERATION†
ADDRESS
DATA
OPERATION†
ADDRESS
DATA
Read
1
Write
X
00h
Read
RA
RD
Algorithm-Selection Mode
3
Write
X
90h
Read
0000
0001
89h
B4h
Set-Up-Erase/Erase
2
Write
X
20h
Write
X
20h
Erase Verify
2
Write
EA
A0h
Read
X
EVD
Set-Up-Program/Program
2
Write
X
40h
Write
PA
PD
Program Verify
2
Write
X
C0h
Read
X
PVD
Reset
2
Write
X
FFh
Write
X
FFh
† Modes of operation are defined in Table 1.
Legend:
EA
Address of memory location to be read during erase verify.
RA
Address of memory location to be read.
PA
Address of memory location to be programmed. Address is latched on the falling edge of W.
RD
Data read from location RA during the read operation.
EVD
Data read from location EA during erase verify.
PD
Data to be programmed at location PA. Data is latched on the rising edge of W.
PVD
Data read from location PA during program verify.


Similar Part No. - TMS28F010A-10C4DDQ4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS28F010B TI-TMS28F010B Datasheet
332Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS28F010B-10 TI-TMS28F010B-10 Datasheet
332Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS28F010B-10C5FME TI-TMS28F010B-10C5FME Datasheet
332Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS28F010B-10C5FML TI-TMS28F010B-10C5FML Datasheet
332Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS28F010B-12 TI-TMS28F010B-12 Datasheet
332Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
More results

Similar Description - TMS28F010A-10C4DDQ4

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM2801 MOTOROLA-MCM2801 Datasheet
273Kb / 5P
   ELECTRICALLY ERASABLE PROGRAMMABLE READ ONLY MEMORY
logo
Renesas Technology Corp
HN58X2508I RENESAS-HN58X2508I Datasheet
180Kb / 29P
   Electrically Erasable and Programmable Read Only Memory
logo
ATMEL Corporation
AT24C32D ATMEL-AT24C32D Datasheet
1Mb / 26P
   electrically erasable and programmable read only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25128B ATMEL-AT25128B Datasheet
1Mb / 24P
   serial electrically-erasable programmable read only memory
logo
NEC
UPD28C64 NEC-UPD28C64 Datasheet
250Kb / 10P
   65536-Bit Electrically Erasable And Programmable Read-Only Memory
logo
Texas Instruments
TMS29F256 TI-TMS29F256 Datasheet
997Kb / 18P
[Old version datasheet]   262,144-BIT FLASH ELECTRICALLY ERASABLE PROGRAMMABLE READ-ONLY MEMORIES
logo
Fujitsu Component Limit...
MBM27C1028-15 FUJITSU-MBM27C1028-15 Datasheet
487Kb / 12P
   CMOS 1048576 BIT UV ERASABLE READ ONLY MEMORY
logo
ATMEL Corporation
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com