Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM380P475T800A30 Datasheet(PDF) 4 Page - Vicor Corporation

Part # BCM380P475T800A30
Description  Fixed Ratio DC-DC Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM380P475T800A30 Datasheet(HTML) 4 Page - Vicor Corporation

  BCM380P475T800A30 Datasheet HTML 1Page - Vicor Corporation BCM380P475T800A30 Datasheet HTML 2Page - Vicor Corporation BCM380P475T800A30 Datasheet HTML 3Page - Vicor Corporation BCM380P475T800A30 Datasheet HTML 4Page - Vicor Corporation BCM380P475T800A30 Datasheet HTML 5Page - Vicor Corporation BCM380P475T800A30 Datasheet HTML 6Page - Vicor Corporation BCM380P475T800A30 Datasheet HTML 7Page - Vicor Corporation BCM380P475T800A30 Datasheet HTML 8Page - Vicor Corporation BCM380P475T800A30 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
BCM® Bus Converter
Rev 1.2
vicorpower.com
Page 4 of 25
07/2015
800 927.9474
BCM380x475y800A3z
Absolute Maximum Ratings
The absolute maximum ratings below are stress ratings only. Operation at or beyond these maximum ratings can cause permanent damage to the device.
Parameter
Comments
Min
Max
Unit
+VPRI_DC to –VPRI_DC
-1
480
V
VPRI_DC or VSEC_DC slew rate
(operational)
1
V/µs
+VSEC_DC to –VSEC_DC
-1
60
V
TM to –VPRI_DC
-0.3
4.6
V
EN to –VPRI_DC
5.5
V
VAUX to –VPRI_DC
4.6
V
Part Ordering Information
Device
Input Voltage
Range
Package Type
Output
Voltage x 10
Temperature
Grade
Output
Power
Revision
Package
Size
Version
BCM
380
x
475
y
800
A
3
z
BCM = BCM
380 = 260 to 410 V
P =
ChiP Through Hole
475 = 47.5 V
T = -40 to 125°C
M = -55 to 125°C
800 = 800 W
A
3 = 6123
0 = Analog
R = Reversible
Standard Models
All products shipped in JEDEC standard high profile (0.400” thick) trays (JEDEC Publication 95, Design Guide 4.10).
Part Number
VIN
Package Type
VOUT
Temperature
Power
Package Size
BCM380P475T800A30
260 to 410 V
ChiP Through Hole
47.5 V
32.5 to 51.3 V
-40°C to 125°C
800 W
6123
BCM380P475M800A30
260 to 410 V
ChiP Through Hole
47.5 V
32.5 to 51.3 V
-55°C to 125°C
800 W
6123
BCM380P475T800A3R
260 to 410 V
ChiP Through Hole
47.5 V
32.5 to 51.3 V
-40°C to 125°C
800 W
6123
BCM380P475M800A3R
260 to 410 V
ChiP Through Hole
47.5 V
32.5 to 51.3 V
-55°C to 125°C
800 W
6123


Similar Part No. - BCM380P475T800A30

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM380P475T800A30 VICOR-BCM380P475T800A30 Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
More results

Similar Description - BCM380P475T800A30

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM380X475Y1K2A3Z VICOR-BCM380X475Y1K2A3Z Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM400Y500X1K8A31 VICOR-BCM400Y500X1K8A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM384X120Y800ACZ VICOR-BCM384X120Y800ACZ Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM400P500T1K8A31 VICOR-BCM400P500T1K8A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM380P475T1K2A30 VICOR-BCM380P475T1K2A30 Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM380P475T1K2A31 VICOR-BCM380P475T1K2A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM48B480300A00 VICOR-BCM48B480300A00 Datasheet
2Mb / 18P
   Fixed Ratio DC-DC Converter
BCM6123T60E10AST00 VICOR-BCM6123T60E10AST00 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM6123T60E15A3T00 VICOR-BCM6123T60E15A3T00 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM48B120300A00 VICOR-BCM48B120300A00 Datasheet
2Mb / 18P
   Fixed Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com