Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM384F120M300A00 Datasheet(PDF) 7 Page - Vicor Corporation

Part # BCM384F120M300A00
Description  Isolated Fixed Ratio DC-DC Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM384F120M300A00 Datasheet(HTML) 7 Page - Vicor Corporation

Back Button BCM384F120M300A00 Datasheet HTML 3Page - Vicor Corporation BCM384F120M300A00 Datasheet HTML 4Page - Vicor Corporation BCM384F120M300A00 Datasheet HTML 5Page - Vicor Corporation BCM384F120M300A00 Datasheet HTML 6Page - Vicor Corporation BCM384F120M300A00 Datasheet HTML 7Page - Vicor Corporation BCM384F120M300A00 Datasheet HTML 8Page - Vicor Corporation BCM384F120M300A00 Datasheet HTML 9Page - Vicor Corporation BCM384F120M300A00 Datasheet HTML 10Page - Vicor Corporation BCM384F120M300A00 Datasheet HTML 11Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
BCM® Bus Converter
Rev 1.5
vicorpower.com
Page 7 of 21
08/2016
800 927.9474
BCM384x120y300Azz
Signal Characteristics
Specifications apply over all line and load conditions, unless otherwise noted;
boldface specifications apply over the temperature range of
-40°C ≤ TCASE ≤ 100°C (T-Grade); all other specifications are at TCASE = 25ºC unless otherwise noted.
Primary Control: PC
• The PC pin enables and disables the BCM. When held low, the BCM is disabled.
• In an array of BCM modules, PC pins should be interconnected to synchronize start up and permit start up into full load conditions.
• PC pin outputs 5V during normal operation. PC pin internal bias level drops to 2.5V during fault mode, provided VIN remains
in the valid range.
SIGNAL TYPE
STATE
ATTRIBUTE
SYMBOL
CONDITIONS / NOTES
MIN
TYP
MAX
UNIT
ANALOG
OUTPUT
Regular
Operation
PC voltage
VPC
4.7
5.0
5.3
V
PC available current
IPC_OP
2.0
3.5
5.0
mA
Standby
PC source (current)
IPC_EN
50
100
µA
PC resistance (internal)
RPC_INT
Internal pull down resistor
50
150
400
Transition
PC capacitance (internal)
CPC_INT
1000
pF
Start Up
PC load resistance
RPC_S
To permit regular operation
60
DIGITAL
INPUT /
OUTPUT
Start Up
PC time to start
TON1
340
450
620
ms
Regular
Operation
PC enable threshold
VPC_EN
2.0
2.5
3.0
V
PC disable threshold
VPC_DIS
1.95
V
Standby
PC disable duration
TPC_DIS_T
Minimum time before attempting
re-enable
1
s
Transition
PC threshold hysteresis
VPC_HYSTER
50
mV
PC enable to VOUT time
TON2
VIN = 48V for at least TON1 ms
50
100
150
µs
PC disable to standby time
TPC_DIS
4
10
µs
PC fault response time
TFR_PC
From fault to PC = 2V
100
µs
Temperature Monitor: TM
• The TM pin monitors the internal temperature of the controller IC within an accuracy of ±5°C.
• Can be used as a “Power Good” flag to verify that the BCM module is operating.
• Is used to drive the internal comparator for Overtemperature Shutdown.
SIGNAL TYPE
STATE
ATTRIBUTE
SYMBOL
CONDITIONS / NOTES
MIN
TYP
MAX
UNIT
ANALOG
OUTPUT
Regular
Operation
TM voltage range
VTM
2.12
4.04
V
TM voltage reference
VTM_AMB
TJ controller = 27°C
2.95
3.00
3.05
V
TM available current
ITM
100
µA
TM gain
ATM
10
mV/°C
TM voltage ripple
VTM_PP
CTM = 0pF, VIN = 384V, IOUT = 27.3A
120
200
mV
DIGITAL
INPUT /
OUTPUT
Transition
TM capacitance (external)
CTM_EXT
50
pF
TM fault response time
TFR_TM
From fault to TM = 1.5V
10
µs
Standby
TM voltage
VTM_DIS
0
V
TM pull down (internal)
RTM_INT
Internal pull down resistor
25
40
50
Reserved: RSV
Reserved for factory use. No connection should be made to this pin.


Similar Part No. - BCM384F120M300A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM384F120M300A00 VICOR-BCM384F120M300A00 Datasheet
767Kb / 21P
   BCM짰 Bus Converter
More results

Similar Description - BCM384F120M300A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM48BX096Y240A00 VICOR-BCM48BX096Y240A00 Datasheet
738Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX240Y300A00 VICOR-BCM48BX240Y300A00 Datasheet
782Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E13A3YZZ VICOR-BCM6123XD1E13A3YZZ Datasheet
893Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
BCM3814B60E15A3C02 VICOR-BCM3814B60E15A3C02 Datasheet
1Mb / 38P
   Isolated, Fixed-Ratio DC-DC Converter
BCM3814X60E10A5YZZ VICOR-BCM3814X60E10A5YZZ_18 Datasheet
1Mb / 41P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E5126YZZ VICOR-BCM6123XD1E5126YZZ_17 Datasheet
876Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM4414XD1E2663YZZ VICOR-BCM4414XD1E2663YZZ Datasheet
1Mb / 43P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ Datasheet
895Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E2663YZZ VICOR-BCM6123XD1E2663YZZ Datasheet
850Kb / 28P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ_17 Datasheet
845Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123X60E15A3YZZ VICOR-BCM6123X60E15A3YZZ_17 Datasheet
923Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com