Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM384P120T800AC0 Datasheet(PDF) 1 Page - Vicor Corporation

Part # BCM384P120T800AC0
Description  Fixed Ratio DC-DC Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM384P120T800AC0 Datasheet(HTML) 1 Page - Vicor Corporation

  BCM384P120T800AC0 Datasheet HTML 1Page - Vicor Corporation BCM384P120T800AC0 Datasheet HTML 2Page - Vicor Corporation BCM384P120T800AC0 Datasheet HTML 3Page - Vicor Corporation BCM384P120T800AC0 Datasheet HTML 4Page - Vicor Corporation BCM384P120T800AC0 Datasheet HTML 5Page - Vicor Corporation BCM384P120T800AC0 Datasheet HTML 6Page - Vicor Corporation BCM384P120T800AC0 Datasheet HTML 7Page - Vicor Corporation BCM384P120T800AC0 Datasheet HTML 8Page - Vicor Corporation BCM384P120T800AC0 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
BCM® Bus Converter
Rev 1.2
vicorpower.com
Page 1 of 25
07/2015
800 927.9474
BCM® Bus Converter
Fixed Ratio DC-DC Converter
S
NRTL
CUS
C
US
®
S
NRTL
CUS
C
US
®
BCM384x120y800ACz
Features
Up to 800 W continuous output power
1177 W/in3 power density
97.4% peak efficiency
4,242 Vdc isolation
Parallel operation for multi-kW arrays
OV, OC, UV, short circuit and thermal protection
2361 through-hole ChiP package
n 2.402” x 0.990” x 0.286”
(61.00 mm x 25.14 mm x 7.26 mm)
Typical Applications
380 DC Power Distribution
High End Computing Systems
Automated Test Equipment
Industrial Systems
High Density Power Supplies
Communications Systems
Transportation
Product Description
The VI Chip® Bus Converter (BCM®) is a high efficiency
Sine Amplitude Converter™ (SAC™), operating from a 260 to
410 VDC primary bus to deliver an isolated, ratiometric output
from 8.1 to 12.8 VDC.
The BCM384x120y800ACz offers low noise, fast transient
response, and industry leading efficiency and power density. In
addition, it provides an AC impedance beyond the bandwidth
of most downstream regulators, allowing input capacitance
normally located at the input of a POL regulator to be located at
the primary side of the BCM module. With a primary to
secondary K factor of 1/32, that capacitance value can be
reduced by a factor of 1024x, resulting in savings of board area,
material and total system cost.
Leveraging the thermal and density benefits of Vicor’s ChiP
packaging technology, the BCM module offers flexible thermal
management options with very low top and bottom side
thermal impedances. Thermally-adept ChiP-based power
components, enable customers to achieve low cost power
system solutions with previously unattainable system size,
weight and efficiency attributes, quickly and predictably.
This product can operate in reverse direction, at full rated
power, after being previously started in forward direction.
Product Ratings
VPRI = 384 V (260 – 410 V)
PSEC= up to 800 W
VSEC = 12 V (8.1 – 12.8 V)
(NO LOAD)
K = 1/32


Similar Part No. - BCM384P120T800AC0

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM384P120T800AC0 VICOR-BCM384P120T800AC0 Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM384P120T800AC0 VICOR-BCM384P120T800AC0 Datasheet
574Kb / 14P
   Analog HV and LV 6123 ChiP BCM짰 Bus Converter Evaluation Board User Guide
More results

Similar Description - BCM384P120T800AC0

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM380X475Y1K2A3Z VICOR-BCM380X475Y1K2A3Z Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM400Y500X1K8A31 VICOR-BCM400Y500X1K8A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM380X475Y800A3Z VICOR-BCM380X475Y800A3Z Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM400P500T1K8A31 VICOR-BCM400P500T1K8A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM380P475T1K2A30 VICOR-BCM380P475T1K2A30 Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM380P475T1K2A31 VICOR-BCM380P475T1K2A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM48B480300A00 VICOR-BCM48B480300A00 Datasheet
2Mb / 18P
   Fixed Ratio DC-DC Converter
BCM6123T60E10AST00 VICOR-BCM6123T60E10AST00 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM6123T60E15A3T00 VICOR-BCM6123T60E15A3T00 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM48B120300A00 VICOR-BCM48B120300A00 Datasheet
2Mb / 18P
   Fixed Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com