Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMV30UN Datasheet(PDF) 3 Page - ZP Semiconductor

Part # PMV30UN
Description  N-channel enhancement mode field-effect transistor in a plastic package using TrenchMOS??technology.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

PMV30UN Datasheet(HTML) 3 Page - ZP Semiconductor

  PMV30UN Datasheet HTML 1Page - ZP Semiconductor PMV30UN Datasheet HTML 2Page - ZP Semiconductor PMV30UN Datasheet HTML 3Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
4.
Characteristics
Table 3:
Characteristics
Tj =25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS drain-source breakdown voltage
ID = 250 µA; VGS =0V
Tj =25 °C
20
--V
Tj = −55 °C
18
--V
VGS(th)
gate-source threshold voltage
ID = 1 mA; VDS =VGS; Figure 9
Tj =25 °C
0.45
0.7
-
V
Tj = 150 °C
0.25
0.4
-
V
IDSS
drain-source leakage current
VDS =20V; VGS =0V
Tj =25 °C
--1
µA
Tj = 150 °C
-
-
100
µA
IGSS
gate-source leakage current
VGS = ±8 V; VDS = 0 V
-
10
100
nA
RDSon
drain-source on-state resistance
VGS = 4.5 V; ID =2A; Figure 7 and 8
Tj =25 °C
-
30
36
m
Tj = 150 °C
-
48
57.6
m
VGS = 2.5 V; ID = 1.5 A; Figure 7 and 8
-
3643m
VGS = 1.8 V; ID =1A; Figure 7 and 8
-
4463m
Dynamic characteristics
Qg(tot)
total gate charge
ID = 5 A; VDD =10V; VGS = 4.5 V; Figure 13
-
7.4
-
nC
Qgs
gate-source charge
-
1.2
-
nC
Qgd
gate-drain (Miller) charge
-
1.8
-
nC
Ciss
input capacitance
VGS =0V; VDS = 20 V; f = 1 MHz; Figure 11
-
460
-
pF
Coss
output capacitance
-
100
-
pF
Crss
reverse transfer capacitance
-
70
-
pF
td(on)
turn-on delay time
VDD =10V; RL =10 Ω; VGS = 4.5 V; RG =6 Ω
-7
-ns
tr
rise time
-13
-
ns
td(off)
turn-off delay time
-
53
-
ns
tf
fall time
-13
-
ns
Source-drain diode
VSD
source-drain (diode forward) voltage IS = 1.7 A; VGS =0V; Figure 12
-
0.81
1.2
V
PMV30UN
µTrenchMOS™ ultra low level FET
3 of 3
sales@zpsemi.com
www.zpsemi.com


Similar Part No. - PMV30UN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMV30UN PHILIPS-PMV30UN Datasheet
238Kb / 12P
   UTrenchMOS ultra low level FET
Rev. 01-25 June 2003
logo
Nexperia B.V. All right...
PMV30UN NEXPERIA-PMV30UN Datasheet
342Kb / 13P
   TrenchMOS™ ultra low level FET
Rev. 01 - 25 June 2003
PMV30UN2 NEXPERIA-PMV30UN2 Datasheet
733Kb / 15P
   20 V, N-channel Trench MOSFET
logo
NXP Semiconductors
PMV30UN2 PHILIPS-PMV30UN2_15 Datasheet
273Kb / 15P
   20 V, N-channel Trench MOSFET
24 April 2014
More results

Similar Description - PMV30UN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N7002F215 NXP-2N7002F215 Datasheet
100Kb / 12P
   N-channel enhancement mode Field-Effect Transistor (FET) in a plastic package using TrenchMOS technology.
Rev. 03-28 April 2006
PHB191NQ06LT PHILIPS-PHB191NQ06LT Datasheet
91Kb / 13P
   Logic level N-channel enhancement mode field-effect transistor in a plastic package using TrenchMOS technology
Rev. 01-05 May 2004
PH1955L PHILIPS-PH1955L Datasheet
77Kb / 12P
   Logic level N-channel enhancement mode Field-Effect Transistor (FET) in a plastic package using TrenchMOS technology.
Rev. 01-15 August 2005
PSMN005-75P PHILIPS-PSMN005-75P Datasheet
271Kb / 13P
   N-channel logic level field-effect power transistor in a plastic package using TrenchMOS technology.
Rev. 01-26 April 2002
BUK7520-55A PHILIPS-BUK7520-55A Datasheet
318Kb / 15P
   N-channel enhancement mode field-effect power transistor in a plastic package using TrenchMOS technology, featuring very low on-state resistance.
Rev. 01-18 January 2001
logo
SHIKUES Electronics
SKCS120N03ZB SKTECHNOLGY-SKCS120N03ZB Datasheet
1Mb / 6P
   N-Channel Enhancement Mode Field Effect Transistor in a DFN 3*3A-8L Plastic Package.
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com