Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR10EZPF1000 Datasheet(PDF) 4 Page - Vicor Corporation

Part # MCR10EZPF1000
Description  DC-DC Converter Evaluation Board
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MCR10EZPF1000 Datasheet(HTML) 4 Page - Vicor Corporation

  MCR10EZPF1000 Datasheet HTML 1Page - Vicor Corporation MCR10EZPF1000 Datasheet HTML 2Page - Vicor Corporation MCR10EZPF1000 Datasheet HTML 3Page - Vicor Corporation MCR10EZPF1000 Datasheet HTML 4Page - Vicor Corporation MCR10EZPF1000 Datasheet HTML 5Page - Vicor Corporation MCR10EZPF1000 Datasheet HTML 6Page - Vicor Corporation MCR10EZPF1000 Datasheet HTML 7Page - Vicor Corporation MCR10EZPF1000 Datasheet HTML 8Page - Vicor Corporation MCR10EZPF1000 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
UG:301
vicorpower.com
Applications Engineering: 800 927.9474
Page 4
Thermal Considerations
The PI31xx-xx-EVAL1 is supplied with optional heat sinks. At present, Picor offers four
different heat sink options to accommodate the customers space and cooling needs.
Heatsinks are available in two sizes, one with 6.3mm fins and the other with 11mm fins.
Each of those heatsinks can be ordered with a specific air flow direction in mind, both
cross flow and longitudinal are supported. Please refer to the product website
www.vicorpower.com for more information.
Pin
Type
Description
Name
IN+
Input/Lug
Primary side positive input voltage terminal.
IN-
Input/Lug
Primary side negative input voltage terminal.
OUT+
Output/Lug
Isolated secondary DC output voltage positive terminal.
OUT-
Output/Lug
Isolated secondary DC output voltage negative terminal.
TM
Test/Pin
Temperature measurement output pin with respect to SGND. 3V=300°K 10mV/°K
SGND
Test/Pin
Signal ground, primary side referenced.
TRIM/SS
Test/Pin
Monitor pin for the soft start voltage and trim voltage reference with
respect to SGND.
ENABLE
Test/Pin
Allows for monitoring of the ENABLE signal with respect to SGND.
INN
Test/Pin
Kelvin sense connection for input supply (-) and input voltage measurement
test point.
INP
Test/Pin
Kelvin sense connection for input supply (+) and input voltage measurement
test point.
YN
Output/Pad
Optional test pad for connection of optional “YN” capacitor to external
system ground.
YP
Output/Pad
Optional test pad for connection of optional “YP” capacitor to external
system ground.
OUTP
Test/Pin
Kelvin sense connection for output voltage (+) and output voltage measurement
test point.
OUTN
Test/Pin
Kelvin sense connection for output voltage (-) and output voltage measurement
test point.
OUT
Test/PIn
PCB test jack for low noise measurement of the output voltage.
Name
Description
ENABLE
If strap is installed, unit is turned off. If strap is removed, unit will be enabled.
TRIM_UP
If strap is installed, PI3105 trims output voltage up 10%
TRIM_DN
If strap is installed, PI3105 trims output voltage down 10%
OPT1
Allows optional connection of heat sink assembly to secondary return (-IN)
OPT2
Allows optional connection of heat sink assembly to secondary return (-OUT)
Table 1.
PI31xx-xx-EVAL1
Input-Output Pin Description
Table 2.
PI31xx-xx-EVAL1
Evaluation Board
Pin Strap and Jumper
Description


Similar Part No. - MCR10EZPF1000

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR10EZPF1000 ROHM-MCR10EZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
More results

Similar Description - MCR10EZPF1000

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV6001DN-00A MPS-EV6001DN-00A Datasheet
222Kb / 5P
   Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV6002DN-00A MPS-EV6002DN-00A Datasheet
149Kb / 5P
   Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV6001DN-01A MPS-EV6001DN-01A Datasheet
215Kb / 5P
   Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV6003-N-00A MPS-EV6003-N-00A Datasheet
691Kb / 9P
   Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV28163-Q-00A MPS-EV28163-Q-00A Datasheet
597Kb / 8P
   High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
EV2155-Q-00A MPS-EV2155-Q-00A Datasheet
599Kb / 8P
   High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
logo
STMicroelectronics
STEVALISC004V1 STMICROELECTRONICS-STEVALISC004V1 Datasheet
304Kb / 4P
   STUSB4710A evaluation board (with on-board DC-DC)
September 2017
logo
Monolithic Power System...
EV28164-D-00A MPS-EV28164-D-00A Datasheet
1Mb / 9P
   High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
logo
STMicroelectronics
STEVAL-ISA059V1 STMICROELECTRONICS-STEVAL-ISA059V1 Datasheet
125Kb / 4P
   DC-DC converter demonstration board
March 2009 Rev 1
logo
Murata Manufacturing Co...
LSM-EB MURATA-LSM-EB Datasheet
217Kb / 5P
   10 Amp DC/DC Power Converter Evaluation Boards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com