Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EGVD250ELL822MMP1H Datasheet(PDF) 2 Page - United Chemi-Con, Inc.

Part # EGVD250ELL822MMP1H
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EGVD250ELL822MMP1H Datasheet(HTML) 2 Page - United Chemi-Con, Inc.

  EGVD250ELL822MMP1H Datasheet HTML 1Page - United Chemi-Con, Inc. EGVD250ELL822MMP1H Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
GVD
Series
◆PART NUMBERING SYSTEM
Please refer to "Product code guide (radial lead type)"
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 680
µF:681, 8,200µF:822)
Lead forming·taping code
Terminal code
Voltage code (ex. 25V:250, 50V:500)
Series code
Category
E G V D A A A E A A A A A
A A A H
M
8
1
15 16 17
14
18
11 12 13
5
6
7
2
3
4
9
10
◆STANDARD RATINGS
WV
(Vdc)
Cap
(µF)
Case size
φD×L(mm)
ESR
(Ωmax/100kHz)
Rated ripple current
(mArms/100kHz)
Part No.
20℃
-40℃
125℃
135℃
25
6,200
18
×30
0.023
0.19
5,380
3,330
EGVD250E
□□622MM30H
8,200
18
×35.5
0.019
0.13
6,110
3,750
EGVD250E
□□822MMP1H
35
3,600
18
×30
0.023
0.19
5,380
3,330
EGVD350E
□□362MM30H
4,700
18
×35.5
0.019
0.13
6,110
3,750
EGVD350E
□□472MMP1H 
50
2,000
18
×30
0.029
0.26
5,050
2,910
EGVD500E
□□202MM30H
2,400
18
×35.5
0.024
0.20
5,760
3,330
EGVD500E
□□242MMP1H
63
1,300
18
×30
0.029
0.18
3,930
3,100
EGVD630E
□□132MM30H
1,800
18
×35.5
0.024
0.14
4,920
3,520
EGVD630E
□□182MMP1H
80
820
18
×30
0.029
0.18
3,930
3,100
EGVD800E
□□821MM30H
1,200
18
×35.5
0.024
0.14
4,920
3,520
EGVD800E
□□122MMP1H
100
510
18
×30
0.038
0.25
3,800
2,830
EGVD101E
□□511MM30H
680
18
×35.5
0.030
0.19
4,550
3,210
EGVD101E
□□681MMP1H
□□ : Enter the appropriate lead forming or taping code.
◆RATED RIPPLE CURRENT MULTIPLIERS
・Frequency Multipliers
Frequency(Hz)
Capacitance(µF)
120
1k
10k
100k
510
0.50
0.85
0.94
1.00
680 to 2,000
0.60
0.87
0.95
1.00
2,400 to 3,600
0.75
0.90
0.95
1.00
4,700 to 8,200
0.85
0.95
0.98
1.00
Please contact us for lifetime estimation.
Vibration resistant structure, 135
223
CAT. No. E1001Q
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - EGVD250ELL822MMP1H

ManufacturerPart #DatasheetDescription
logo
GREEGOO Electric Co.,Lt...
EGV2-M GREEGOO-EGV2-M Datasheet
1Mb / 10P
   Motor protection circuit breaker
EGV2-ME GREEGOO-EGV2-ME Datasheet
1Mb / 10P
   Motor protection circuit breaker
EGV2-RS GREEGOO-EGV2-RS Datasheet
1Mb / 10P
   Motor protection circuit breaker
EGV3-M GREEGOO-EGV3-M Datasheet
1Mb / 10P
   Motor protection circuit breaker
EGV3-ME GREEGOO-EGV3-ME Datasheet
1Mb / 10P
   Motor protection circuit breaker
More results

Similar Description - EGVD250ELL822MMP1H

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com