Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERHA501LGC152MCB5M Datasheet(PDF) 2 Page - United Chemi-Con, Inc.

Part # ERHA501LGC152MCB5M
Description  LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

ERHA501LGC152MCB5M Datasheet(HTML) 2 Page - United Chemi-Con, Inc.

  ERHA501LGC152MCB5M Datasheet HTML 1Page - United Chemi-Con, Inc. ERHA501LGC152MCB5M Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
RHA
Series
◆STANDARD RATINGS
WV
(Vdc)
Cap
(µF)
Case size
φD×L(mm)
tanδ
Rated ripple
current
(Arms/
85℃,120Hz)
Part No.
WV
(Vdc)
Cap
(µF)
Case size
φD×L(mm)
tanδ
Rated ripple
current
(Arms/
85℃,120Hz)
Part No.
500
1,200
50
×95
0.25
5.90
ERHA501LGC122MC95M
550
5,600
89
×150
0.25
18.2
ERHA551LGC562MFF0M
1,500
50
×115
0.25
7.20
ERHA501LGC152MCB5M
6,800
89
×170
0.25
21.1
ERHA551LGC682MFH0M
1,800
50
×130
0.25
8.30
ERHA501LGC182MCD0M
8,200
100
×170
0.25
24.8
ERHA551LGC822MGH0M
2,200
50
×150
0.25
9.80
ERHA501LGC222MCF0M
10,000
100
×200
0.25
29.4
ERHA551LGC103MGL0M
2,700
63.5
×120
0.25
11.2
ERHA501LGC272MDC0M
600
1,200
63.5
×95
0.25
6.70
ERHA601LGC122MD95M
3,300
63.5
×140
0.25
13.3
ERHA501LGC332MDE0M
1,500
63.5
×110
0.25
8.00
ERHA601LGC152MDB0M
3,900
63.5
×170
0.25
15.7
ERHA501LGC392MDH0M
1,800
63.5
×125
0.25
9.30
ERHA601LGC182MDC5M
3,900
76.2
×130
0.25
15.4
ERHA501LGC392MED0M
1,800
76.2
×95
0.25
9.10
ERHA601LGC182ME95M
4,700
76.2
×150
0.25
18.1
ERHA501LGC472MEF0M
2,200
63.5
×145
0.25
11.0
ERHA601LGC222MDE5M
5,600
76.2
×170
0.25
20.8
ERHA501LGC562MEH0M
2,200
76.2
×110
0.25
10.8
ERHA601LGC222MEB0M
5,600
89
×130
0.25
17.1
ERHA501LGC562MFD0M
2,700
63.5
×170
0.25
13.1
ERHA601LGC272MDH0M
6,800
89
×150
0.25
20.0
ERHA501LGC682MFF0M
2,700
76.2
×125
0.25
12.6
ERHA601LGC272MEC5M
8,200
89
×190
0.25
24.4
ERHA501LGC822MFK0M
3,300
76.2
×145
0.25
14.9
ERHA601LGC332MEE5M
10,000
89
×210
0.25
28.2
ERHA501LGC103MFM0M
3,900
76.2
×170
0.25
17.3
ERHA601LGC392MEH0M
12,000
100
×210
0.25
32.9
ERHA501LGC123MGM0M
3,900
89
×130
0.25
14.2
ERHA601LGC392MFD0M
15,000
100
×250
0.25
39.8
ERHA501LGC153MGR0M
4,700
76.2
×190
0.25
20.0
ERHA601LGC472MEK0M
550
1,000
50
×95
0.25
5.40
ERHA551LGC102MC95M
4,700
89
×150
0.25
16.6
ERHA601LGC472MFF0M
1,200
50
×110
0.25
6.30
ERHA551LGC122MCB0M
5,600
89
×170
0.25
19.1
ERHA601LGC562MFH0M
1,500
50
×130
0.25
7.60
ERHA551LGC152MCD0M
650
1,000
63.5
×100
0.25
6.30
ERHA651LGC102MDA0M
1,800
63.5
×105
0.25
8.60
ERHA551LGC182MDA5M
1,200
63.5
×110
0.25
7.20
ERHA651LGC122MDB0M
2,200
63.5
×120
0.25
10.1
ERHA551LGC222MDC0M
1,500
63.5
×130
0.25
8.60
ERHA651LGC152MDD0M
2,700
63.5
×150
0.25
12.4
ERHA551LGC272MDF0M
1,800
63.5
×150
0.25
10.1
ERHA651LGC182MDF0M
2,700
76.2
×105
0.25
11.7
ERHA551LGC272MEA5M
2,200
63.5
×170
0.25
11.7
ERHA651LGC222MDH0M
3,300
63.5
×170
0.25
14.5
ERHA551LGC332MDH0M
2,700
76.2
×150
0.25
13.6
ERHA651LGC272MEF0M
3,300
76.2
×130
0.25
14.2
ERHA551LGC332MED0M
3,300
76.2
×170
0.25
15.8
ERHA651LGC332MEH0M
3,900
76.2
×140
0.25
15.9
ERHA551LGC392MEE0M
3,900
89
×155
0.25
15.3
ERHA651LGC392MFF5M
4,700
76.2
×170
0.25
19.1
ERHA551LGC472MEH0M
4,700
89
×190
0.25
18.4
ERHA651LGC472MFK0M
4,700
89
×130
0.25
15.6
ERHA551LGC472MFD0M
◆RATED RIPPLE CURRENT MULTIPLIERS
・Frequency Multipliers
Frequency (Hz)
50
120
300
1k
3k
Coefficient
0.8
1.0
1.2
1.3
1.4
Note : The endurance of capacitors is reduced with internal heating produced by ripple current at the rate of halving the lifetime with every
5 to 10
℃ rise. When long life performance is required in actual use, the rms ripple current has to be reduced. Also, for the RHA series
capacitors, using them at operating voltage less than their rated voltage can extend their lifetime. For details, please contact a representative
of Nippon Chemi-Con.
Inverter-use screw terminal, 85
315
CAT. No. E1001Q
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - ERHA501LGC152MCB5M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ERH VISHAY-ERH Datasheet
230Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
Revision: 29-May-08
ERH-10 VISHAY-ERH-10 Datasheet
230Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
Revision: 29-May-08
ERH-25 VISHAY-ERH-25 Datasheet
230Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
Revision: 29-May-08
ERH-5 VISHAY-ERH-5 Datasheet
230Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
Revision: 29-May-08
ERH-50 VISHAY-ERH-50 Datasheet
230Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
Revision: 29-May-08
More results

Similar Description - ERHA501LGC152MCB5M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELXS161VSN471MP25S ETC2-ELXS161VSN471MP25S Datasheet
278Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
SMQ ETC2-SMQ Datasheet
72Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
SMH ETC2-SMH Datasheet
95Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
ECHA201VSN181MP20S CHEMI-CON-ECHA201VSN181MP20S Datasheet
42Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
ELXM161VSN331MP25S CHEMI-CON-ELXM161VSN331MP25S Datasheet
67Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nippon Precision Circui...
ELXS501VSN391MA50S NPC-ELXS501VSN391MA50S Datasheet
426Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EKMQ161VSN471MP25S CHEMI-CON-EKMQ161VSN471MP25S Datasheet
66Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nippon Precision Circui...
ERLA181LIN901KR35M NPC-ERLA181LIN901KR35M Datasheet
328Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
ESMR401VSN151MP25S CHEMI-CON-ESMR401VSN151MP25S Datasheet
261Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
ETXH201VSN561MR30S CHEMI-CON-ETXH201VSN561MR30S Datasheet
256Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
List of Unclassifed Man...
EKMW401VSN151MP25S ETC2-EKMW401VSN151MP25S Datasheet
260Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com