Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IB054Q096T70N3-BP Datasheet(PDF) 6 Page - Vicor Corporation

Part # IB054Q096T70N3-BP
Description  5:1 Intermediate Bus Converter Module: Up to 750W Output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

IB054Q096T70N3-BP Datasheet(HTML) 6 Page - Vicor Corporation

Back Button IB054Q096T70N3-BP Datasheet HTML 2Page - Vicor Corporation IB054Q096T70N3-BP Datasheet HTML 3Page - Vicor Corporation IB054Q096T70N3-BP Datasheet HTML 4Page - Vicor Corporation IB054Q096T70N3-BP Datasheet HTML 5Page - Vicor Corporation IB054Q096T70N3-BP Datasheet HTML 6Page - Vicor Corporation IB054Q096T70N3-BP Datasheet HTML 7Page - Vicor Corporation IB054Q096T70N3-BP Datasheet HTML 8Page - Vicor Corporation IB054Q096T70N3-BP Datasheet HTML 9Page - Vicor Corporation IB054Q096T70N3-BP Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
IBC Module
Rev 1.2
vicorpower.com
Page 6 of 18
09/2016
800 927.9474
IB0xxQ096T70xx-xx
Electrical Specifications (Cont.)
Specifications valid at 48VIN, 100% rated load and 25ºC ambient, unless otherwise indicated.
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
Common Output Specifications
Output power *
0
750
W
Output current
P ≤ 750W
70
A
Output start up load
of IOUT max, maximum output capacitance
15
%
Effective output resistance
3.1
Line regulation (K factor)
VOUT = K • VIN @ no load
0.198
0.200
0.2020
Current share accuracy
Full power operation; See Parallel Operation
on page 15; up to 3 units
10
%
Efficiency
50% load
See Figures 1–3
97.8
98.1
%
Full load
See Figures 1–3
96.9
97.3
%
Internal output inductance
1.6
nH
Internal output capacitance
92.4
µF
Load capacitance
0
4500
µF
Output voltage ripple
20MHz bandwidth (Figure 16),
using test circuit in Figure 24
60
150
mVp-p
Output overload protection
threshold
Of IOUT max, will not shut down when started into max
COUT and 15% load.
Auto restart with duty cycle < 10%
105
150
%
Overcurrent protection
time constant
1.2
ms
Short circuit current response time
1.5
µs
Switching frequency
1.0
MHz
Dynamic response – load
Load change: ±25% of IOUT max,
Slew rate (dI/dt) = 1A/µs
See Figures 11–14
VOUT overshoot / undershoot
100
mV
VOUT response time
1
µs
Dynamic response – line
Line step of 5V in 1µs, within VIN operating range.
(CIN = 500µF, CO = 350µF)
(Figure 15 illustrates similar converter response
when subjected to a more severe line transient.)
VOUT overshoot
1.25
V
Pre-bias voltage
Unit will start up into a pre-bias voltage on the output
0
12
VDC
* Does not exceed IPC-9592 derating guidelines. At 70ºC ambient, full power operation may exceed IPC-9592 guidelines, but does not exceed component
ratings, does not activate OTP and does not compromise reliability.


Similar Part No. - IB054Q096T70N3-BP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB054Q096T70N3-BP VICOR-IB054Q096T70N3-BP Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 750 W Output
More results

Similar Description - IB054Q096T70N3-BP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB054E096T40N1-00 VICOR-IB054E096T40N1-00 Datasheet
977Kb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB050E096T40N1-00 VICOR-IB050E096T40N1-00 Datasheet
1Mb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB054Q096T64N1-00 VICOR-IB054Q096T64N1-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 650 W Output
IB050Q096T70N1-00 VICOR-IB050Q096T70N1-00 Datasheet
2Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 750 W Output
IB048E096T40N1-00 VICOR-IB048E096T40N1-00 Datasheet
1Mb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB048E096T48N1-00 VICOR-IB048E096T48N1-00 Datasheet
992Kb / 13P
   5:1 Intermediate Bus Converter Module: Up to 500 W Output
IB048Q096T64N1-00 VICOR-IB048Q096T64N1-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 650 W Output
IB048Q096T70N1-00 VICOR-IB048Q096T70N1-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 750 W Output
IB054E096T48N1-00 VICOR-IB054E096T48N1-00 Datasheet
1,002Kb / 13P
   5:1 Intermediate Bus Converter Module: Up to 500 W Output
IB054Q096T70N1-00 VICOR-IB054Q096T70N1-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 750 W Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com