Electronic Components Datasheet Search |
|
ELBK350ELL842AM40S Datasheet(PDF) 1 Page - United Chemi-Con, Inc. |
|
ELBK350ELL842AM40S Datasheet(HTML) 1 Page - United Chemi-Con, Inc. |
1 / 2 page Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications. For airbag module, 105 ℃ LBK Series ・Downsizing of LBG series. ・For airbag application and power supply application ・High capacitance, low ESR and good low temperature behavior ・Endurance with ripple current : 5,000 hours at 105℃ ・Solvent resistant type (see PRECAUTIONS AND GUIDELINES) ・RoHS Compliant ・AEC-Q200 compliant : Please contact Chemi-Con for more details, test data, information. ◆SPECIFICATIONS Items Characteristics Category Temperature Range -55 to +105 ℃ Rated Voltage Range 25 & 35Vdc Capacitance Range 2,500 to 14,000µF (at 20 ℃, 120Hz) Capacitance Tolerance 0 to +30% (A) (at 20 ℃, 120Hz) Leakage Current I=0.01CV Where, I : Max. leakage current (µA), C : Nominal capacitance (µF), V : Rated voltage (V) (at 20 ℃ after 2 minutes) Dissipation Factor (tanδ) Rated voltage (Vdc) 25V 35V tan δ (Max.) 0.20 0.16 When nominal capacitance exceeds 1,000µF, add 0.02 to the value above for each 1,000µF increase. (at 20 ℃, 120Hz) Low Temperature Characteristics (Max. Impedance Ratio) Rated voltage (Vdc) 25V 35V Z(-55 ℃)/Z(+20℃) 3 3 (at 120Hz) Endurance The following specifications shall be satisfied when the capacitors are restored to 20 ℃ after subjected to DC voltage with the rated ripple current is applied (the peak voltage shall not exceed the rated voltage) for 5,000 hours at 105 ℃. Capacitance change ≦±20% of the initial value D.F. (tan δ) ≦200% of the initial specified value Leakage current ≦The initial specified value Shelf Life The following specifications shall be satisfied when the capacitors are restored to 20 ℃ after exposing them for 1,000 hours at 105℃ without voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4. Capacitance change ≦±20% of the initial value D.F. (tan δ) ≦200% of the initial specified value Leakage current ≦The initial specified value ◆DIMENSIONS [mm] L' 15min. 4min. Vent Sleeve (PET : Dark blue) F L' 16 0.8 7.5 18 0.8 7.5 φD+0.5max. L+1.5max. Gas escape end seal ● Terminal Code : E φD φd φD' ◆PART NUMBERING SYSTEM Capacitance code (ex. 3,500 µF:352, 14,000µF:143) Please refer to "Product code guide (radial lead type)" Supplement code Size code Capacitance tolerance code Lead forming·taping code Terminal code Voltage code (ex. 25V:250, 35V:350) Series code Category E L B K A A A E A A A A A A A A S A 1 3 4 2 6 7 8 9 10 13 12 5 18 17 16 11 15 14 Downsized LBK LBG P226 224 CAT. No. E1001Q MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS |
Similar Part No. - ELBK350ELL842AM40S |
|
Similar Description - ELBK350ELL842AM40S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |