Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EGPD350ELL302ML25H Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # EGPD350ELL302ML25H
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EGPD350ELL302ML25H Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  EGPD350ELL302ML25H Datasheet HTML 1Page - United Chemi-Con, Inc. EGPD350ELL302ML25H Datasheet HTML 2Page - United Chemi-Con, Inc. EGPD350ELL302ML25H Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Long life, High ripple, 135
GPD
Series
・Guaranteed short time at 150℃
・Downsized and high-ripple current version of GPA series
・For automobile modules and other high temperature applications
・Endurance with ripple current : 2,000 to 3,000 hours at 125℃ to 135℃
・Solvent resistant type (see PRECAUTIONS AND GUIDELINES)
・RoHS Compliant
・AEC-Q200 compliant : Please contact Chemi-Con for more details, test data, information.
◆SPECIFICATIONS
Items
Characteristics
Category
Temperature Range
-40 to +135
Rated Voltage Range
25 to 100Vdc
Capacitance Tolerance
±20% (M)
(at 20
℃, 120Hz)
Leakage Current
I=0.03CV or 4µA, whichever is greater.
Where, I : Max. leakage current (µA), C : Nominal capacitance (µF), V : Rated voltage (V)
(at 20
℃, 1 minute)
Dissipation Factor
(tanδ)
Rated voltage (Vdc)
25V
35V
50V
63V
80V 100V
tan
δ (Max.)
0.14 0.12 0.10 0.10 0.08 0.08
When nominal capacitance exceeds 1,000µF, add 0.02 to the value above for each 1,000µF increase.
(at 20
℃, 120Hz)
Low Temperature
Characteristics
(Max. Impedance Ratio)
Rated voltage (Vdc)
25V
35V
50V
63V
80V 100V
Z(-25
℃)/Z(+20℃)
2
2
2
2
2
2
Z(-40
℃)/Z(+20℃)
4
4
4
4
4
4
(at 120Hz)
Endurance 1
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after subjected to DC voltage with the rated
ripple current is applied (the peak voltage shall not exceed the rated voltage) for the specified period of time at 125
℃ or 135℃.
Time
125
℃ 3,000hours
135
℃ 25 to 50Vdc:3,000hours
63 to 100Vdc
:2,000hours
Capacitance change
≦±30% of the initial value
D.F. (tan
δ)
≦300% of the initial specified value
Leakage current
≦The initial specified value
Endurance 2
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after the test condition that the rated voltage is
applied for 100 hours at 150
℃ and DC voltage with the rated ripple current is applied (the peak voltage shall not exceed the rated voltage)
for the specified period of time at 125
℃ or 135℃.
Time
125
℃ 2,500hours
135
℃ 25 to 50Vdc:2,500hours
63 to 100Vdc
:1,500hours
Capacitance change
≦±30% of the initial value
D.F. (tan
δ)
≦300% of the initial specified value
Leakage current
≦The initial specified value
Shelf Life
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after exposing them for 1,000 hours at 125℃without
voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4.
Capacitance change
≦±30% of the initial value
D.F. (tan
δ)
≦300% of the initial specified value
Leakage current
≦The initial specified value
◆DIMENSIONS [mm]
L'
Vent
Coated Case
15min.
4min.
φD
φd
F
φD'
L'
12.5
  14.5  16   18
0.6
  0.8   0.8
0.8
5.0
7.5
7.5
7.5
φD+0.5max.
L+1.5max.
Gas escape end seal
Terminal Code : E
◆PART NUMBERING SYSTEM
Please refer to "Product code guide (radial lead type)"
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 470
µF:471, 1,000µF:102)
Lead forming·taping code
Terminal code
Voltage code (ex. 25V:250, 50V:500)
Series code
Category
E G P D A A A E A A A A A
A A A H
M
8
1
15 16 17
14
18
11 12 13
5
6
7
2
3
4
9
10
Downsized
Higher ripple current
GPD
GPA
P207
219
CAT. No. E1001Q
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - EGPD350ELL302ML25H

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EGPD350E CHEMI-CON-EGPD350E Datasheet
446Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EGPD350E CHEMI-CON-EGPD350E Datasheet
446Kb / 3P
   Long life, High ripple, 135?
EGPD350E CHEMI-CON-EGPD350E Datasheet
446Kb / 3P
   Long life, High ripple, 135?
EGPD350E CHEMI-CON-EGPD350E Datasheet
446Kb / 3P
   Long life, High ripple, 135?
EGPD350E CHEMI-CON-EGPD350E Datasheet
446Kb / 3P
   Long life, High ripple, 135?
More results

Similar Description - EGPD350ELL302ML25H

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com