Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6203P192TR Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC6203P192TR
Description  POSITIVE VOLTAGE REGULATORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6203P192TR Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC6203P192TR Datasheet HTML 3Page - Torex Semiconductor XC6203P192TR Datasheet HTML 4Page - Torex Semiconductor XC6203P192TR Datasheet HTML 5Page - Torex Semiconductor XC6203P192TR Datasheet HTML 6Page - Torex Semiconductor XC6203P192TR Datasheet HTML 7Page - Torex Semiconductor XC6203P192TR Datasheet HTML 8Page - Torex Semiconductor XC6203P192TR Datasheet HTML 9Page - Torex Semiconductor XC6203P192TR Datasheet HTML 10Page - Torex Semiconductor XC6203P192TR Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
XC6203
Series
■Electrical Characteristics
XC6203X182
VOUT(T)=1.8V (Note 1)
Ta=25
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum Output Current
Load Regulation
Dropout Voltage (Note3)
Input Voltage
Output Voltage
Temperature Characteristics
Output Voltage
VOUT(E)(Note2)
IOUTmax
ΔVOUT
Vdif1
Vdif2
Supply Current
ISS
Line Regulation
ΔVOUT
ΔVIN・ΔVOUT
VIN
ΔVOUT
ΔTopr・VOUT
Ilim
Short Circuit Current
(XC6203P Series Only)
VIN=2.8V
IOUT=40mA
VIN=2.8V
VOUT
≥VOUT(E)×0.90
VIN=2.8V
1mA
≤IOUT≤200mA
IOUT=100mA
IOUT=200mA
IOUT=40mA
2.8V
≤VIN≤8.0V
VIN=2.8V
IOUT=40mA
-40
°C≤Topr≤85°C
VIN=2.8V
VOUT=0V
1.764
400
1.800
40
200
400
8.0
0.2
±100
60
1.836
100
300
600
16.0
0.3
8
V
mA
mV
mV
µA
%/V
V
ppm
/
°C
mA
245
3
XC6203X252
VOUT(T)=2.5V (Note 1)
Ta=25
°C
MIN
TYP
MAX
IOUTmax
ΔVOUT
Vdif1
Vdif2
ISS
ΔVOUT
ΔVIN・ΔVOUT
VIN
ΔVOUT
ΔTopr・VOUT
Ilim
VIN=3.5V
IOUT=40mA
VIN=3.5V
VOUT>VOUT(E)×0.93
VIN=3.5V
1mA
≤IOUT≤200mA
IOUT=100mA
IOUT=200mA
IOUT=40mA
3.5V
≤VIN≤8.0V
VIN=3.5V
IOUT=40mA
-40
°C≤Topr≤85°C
VIN=3.5V
VOUT=0V
2.450
400
2.500
40
170
320
8.0
0.2
±100
60
2.550
100
250
500
16.0
0.3
8
V
mA
mV
mV
µA
%/V
V
ppm
/
°C
mA
PARAMETER
SYMBOL
CONDITIONS
UNITS
Maximum Output Current
Load Regulation
Dropout Voltage (Note3)
Input Voltage
Output Voltage
Temperature Characteristics
Output Voltage
VOUT(E)(Note2)
Supply Current
Line Regulation
Short Circuit Current
(XC6203P Series Only)
03S_03XC6203 02.9.12 2:54 PM ページ 245


Similar Part No. - XC6203P192TR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6203P18AFB TOREX-XC6203P18AFB Datasheet
1Mb / 20P
   Large Current Positive Voltage Regulators
XC6203P18AFH TOREX-XC6203P18AFH Datasheet
1Mb / 20P
   Large Current Positive Voltage Regulators
XC6203P18AFL TOREX-XC6203P18AFL Datasheet
1Mb / 20P
   Large Current Positive Voltage Regulators
XC6203P18AFR TOREX-XC6203P18AFR Datasheet
1Mb / 20P
   Large Current Positive Voltage Regulators
XC6203P18ALB TOREX-XC6203P18ALB Datasheet
1Mb / 20P
   Large Current Positive Voltage Regulators
More results

Similar Description - XC6203P192TR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com