Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N5461B Datasheet(PDF) 3 Page - Keysight Technologies

Part # N5461B
Description  Serial Data Equalization Software
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N5461B Datasheet(HTML) 3 Page - Keysight Technologies

  N5461B Datasheet HTML 1Page - Keysight Technologies N5461B Datasheet HTML 2Page - Keysight Technologies N5461B Datasheet HTML 3Page - Keysight Technologies N5461B Datasheet HTML 4Page - Keysight Technologies N5461B Datasheet HTML 5Page - Keysight Technologies N5461B Datasheet HTML 6Page - Keysight Technologies N5461B Datasheet HTML 7Page - Keysight Technologies N5461B Datasheet HTML 8Page - Keysight Technologies N5461B Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
03 | Keysight | N5461A Serial Data Equalization Software for Infiniium Series Oscilloscopes - Data Sheet
Equalization FAQ
1. Why do I need equalization?
As data rates go up, the signal deteriorates from the transmitter to the receiver
due to ISI, noise, etc. The more loss that occurs, the more difficult it is for a
receiver comparator to distinguish a “1” from a “0”. A high data rate coupled
with a lossy channel will cause an open eye at a transmitter to be closed at the
receiver. Receivers need to be able to evaluate 1s and 0s. As eyes get more and
more closed, the receiver has a more difficult time interpreting the correct value
as a 1 or a 0. This difficulty ultimately leads to significant data corruption and
errors. Equalization uses advanced filtering techniques to correct the voltage
level of the current bit. By removing much of the intersymbol interference through
filtering, equalization can improve closed eyes into open eyes and significantly
reduce the data corruption. The equalization software provides insight into
designers’ equalizer designs and key data into the viability of the channel link after
equalization.
2. What is the difference between decision feedback equalization (DFE) and feed-
forward equalization (FFE)?
FFE typically looks only at the bits preceding the current bit to open the eye while
DFE dynamically will change based on the current bit in addition to any previous
bits. FFE uses the same filter for each receiver and every bit. DFE is adaptive and
can vary by device. DFE can be used in addition to FFE; however FFE cannot be
used in addition to DFE.
3. Why is it important to use an oscilloscope with low noise when using equalization
software?
If an oscilloscope has the lowest noise, the equalization technique will open the
eye wider. Keep in mind that equalization will amplify any noise not caused by
ISI, which by definition includes oscilloscope noise. Infiniium oscilloscopes have
the industry’s lowest noise floor, so there is much less noise to be amplified. This
results in greater equalization accuracy.
4. Why does the equalization software require serial data analysis software?
Equalization requires the oscilloscope to know where the clock transitions. Clock
data recovery allows the scope to know where the transition occurs, making
equalization possible. Full clock data recovery can only be found in the serial data
analysis software package.


Similar Part No. - N5461B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N5461B-1FP KEYSIGHT-N5461B-1FP Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
N5461B-1TP KEYSIGHT-N5461B-1TP Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
More results

Similar Description - N5461B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N5461A KEYSIGHT-N5461A Datasheet
1Mb / 10P
   Serial Data Equalization Software
logo
SHANGHAI BELLING CO., L...
BL24S64 BELLING-BL24S64 Datasheet
421Kb / 12P
   Software data Protection
logo
Keysight Technologies
MATLAB KEYSIGHT-MATLAB Datasheet
3Mb / 7P
   Data Analysis Software Packages
logo
Micross Components
AS58LC1001 MICROSS-AS58LC1001 Datasheet
196Kb / 19P
   Software Data protection Algorithm
logo
Keysight Technologies
N6171A KEYSIGHT-N6171A Datasheet
1Mb / 18P
   MATLAB Data Analysis Software
N8832A KEYSIGHT-N8832A Datasheet
3Mb / 7P
   Data Analysis Software Packages
logo
ATMEL Corporation
AT28BV64B ATMEL-AT28BV64B_14 Datasheet
398Kb / 17P
   Hardware and Software Data Protection
logo
Keysight Technologies
N8844A KEYSIGHT-N8844A Datasheet
1Mb / 8P
   Data Analytics Web Service Software
logo
Agilent(Hewlett-Packard...
N2640A HP-N2640A Datasheet
214Kb / 8P
   Technical Data, Software Release 3.0
logo
List of Unclassifed Man...
COM-1274 ETC2-COM-1274 Datasheet
369Kb / 3P
   Serial ??8 asynchronous RS232/422/485 serial ports (software configurable)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com