Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR307 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # SR307
Description  Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

SR307 Datasheet(HTML) 1 Page - Mospec Semiconductor

  SR307_16 Datasheet HTML 1Page - Mospec Semiconductor SR307_16 Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MOSPEC
SR307 Thru SR3100
Schottky Barrier Rectifiers
--- Using the Schottky Barrier principle with a Molybdenum barrier metal.
These state-of-the-art geometry features epitaxial construction with oxide
passivation and metal overlay contact. Ideally suited for low voltage, high
frequency rectification, or as free wheeling and polarity protection diodes.
Features
Low Forward Voltage.
Low Switching noise.
High Current Capacity
Guarantee Reverse Avalanche.
Guard-Ring for Stress Protection.
Low Power Loss & High efficiency.
150℃ Operating Junction Temperature
Low Stored Charge Majority Carrier Conduction.
Plastic Material used Carries Underwriters Laboratory
Flammability Classification 94V-O
In compliance with EU RoHs 2002/95/EC directives
SCHOTTKY
BARRIER
RECTIFIERS
3.0 AMPERES
70-100 VOLTS
The marking is indicated by part no. with. “M”. ex:SR307M~SR3100M
MAXIMUM RATINGS
SR
Characteristic
Symbol
307
308
309
3100
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
70
80
90
100
V
RMS Reverse Voltage
VR(RMS)
49
56
63
70
V
Average Rectifier Forward Current
IO
3
A
Non-Repetitive Peak Surge Current
(Surge applied at rate load conditions
half-wave, single phase,60Hz )
IFSM
75
A
Operating and Storage Junction
Temperature Range
TJ , TSTG
-65 to +150
ELECTRIAL CHARACTERISTICS
SR
Characteristic
Symbol
307
308
309
3100
Unit
Maximum Instantaneous Forward Voltage
(IF =3.0 Amp)
VF
0.75
0.85
V
Maximum Instantaneous Reverse Current
(Rated DC Voltage, TC = 25℃)
(Rated DC Voltage, TC = 125℃)
IR
0.01
10
mA
Maximum Thermal Resistance Junction to
Case
RθJC
40
oC/W
Typical Junction Capacitance
(Reverse Voltage of 4 volts & f=1 MHz)
CP
180
150
PF
DO-201AD
MILLIMETERS
DIM
MIN
MAX
A
5.00
5.60
B
25.40
---
C
7.20
9.50
D
1.20
1.30
CASE---
Transfer molded
plastic
POLARITY---
Cathode indicated
polarity band


Similar Part No. - SR307_16

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SR307A104CAR AVX-SR307A104CAR Datasheet
461Kb / 14P
   Radial Leads/SkyCap짰/SR Series
SR307A104CARAP1 AVX-SR307A104CARAP1 Datasheet
461Kb / 14P
   Radial Leads/SkyCap짰/SR Series
SR307A104CARAP1 AVX-SR307A104CARAP1 Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
SR307A104CART AVX-SR307A104CART Datasheet
461Kb / 14P
   Radial Leads/SkyCap짰/SR Series
SR307A104CART AVX-SR307A104CART Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
More results

Similar Description - SR307_16

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com