Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS28F010A-15C4DUQ4 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS28F010A-15C4DUQ4
Description  1048576-BIT FLASH ELECTRICALLY ERASABLE PROGRAMMABLE READ-ONLY MEMORY
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F010A-15C4DUQ4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS28F010A-15C4DUQ4 Datasheet HTML 5Page - Texas Instruments TMS28F010A-15C4DUQ4 Datasheet HTML 6Page - Texas Instruments TMS28F010A-15C4DUQ4 Datasheet HTML 7Page - Texas Instruments TMS28F010A-15C4DUQ4 Datasheet HTML 8Page - Texas Instruments TMS28F010A-15C4DUQ4 Datasheet HTML 9Page - Texas Instruments TMS28F010A-15C4DUQ4 Datasheet HTML 10Page - Texas Instruments TMS28F010A-15C4DUQ4 Datasheet HTML 11Page - Texas Instruments TMS28F010A-15C4DUQ4 Datasheet HTML 12Page - Texas Instruments TMS28F010A-15C4DUQ4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
TMS28F010A
1048576-BIT FLASH
ELECTRICALLY ERASABLE PROGRAMMABLE READ-ONLY MEMORY
SMJS012 – DECEMBER 1992 – REVISED NOVEMBER 1993
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
program-verify command
The TMS28F010A can be programmed sequentially or randomly because it is programmed one byte at a time.
Each byte must be verified after it is programmed. The program-verify operation prepares the device to verify
the most recently programmed byte. To invoke the program-verify operation, C0h must be written into the
command register. The program-verify operation ends on the rising edge of W.
While verifying a byte, the TMS28F010A applies an internal margin voltage to the designated byte. If the true
data and programmed data match, programming continues to the next designated byte location; otherwise, the
byte must be reprogrammed. Figure 1 shows how commands and bus operations are combined for byte
programming.
reset command
To reset the TMS28F010A after set-up-erase command or set-up-program command operations without
changing the contents in memory, write FFh into the command register two consecutive times. After executing
the reset command, a valid command must be written into the command register to change to a new state.
Fastwrite algorithm
The TMS28F010A is programmed using the Texas Instruments Fastwrite algorithm shown in Figure 1. This
algorithm programs in a nominal time of two seconds.
Fasterase algorithm
The TMS28F010A is erased using the Texas Instruments Fasterase algorithm shown in Figure 2. The memory
array needs to be completely programmed (using the Fastwrite algorithm) before erasure begins. Erasure
typically occurs in one second.
parallel erasure
To reduce total erase time, several devices can be erased in parallel. Since each Flash EEPROM can erase
at a different rate, every device must be verified separately after each erase pulse. After a given device has been
successfully erased, the erase command should not be issued to this device again. All devices that complete
erasure should be masked until the parallel erasure process is finished (see Figure 3).
Examples of how to mask a device during parallel erase include driving the E pin high, writing the read command
(00h) to the device when the others receive a set-up-erase or erase command, or disconnecting it from all
electrical signals with relays or other types of switches.


Similar Part No. - TMS28F010A-15C4DUQ4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS28F010B TI-TMS28F010B Datasheet
332Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS28F010B-10 TI-TMS28F010B-10 Datasheet
332Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS28F010B-10C5FME TI-TMS28F010B-10C5FME Datasheet
332Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS28F010B-10C5FML TI-TMS28F010B-10C5FML Datasheet
332Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS28F010B-12 TI-TMS28F010B-12 Datasheet
332Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
More results

Similar Description - TMS28F010A-15C4DUQ4

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM2801 MOTOROLA-MCM2801 Datasheet
273Kb / 5P
   ELECTRICALLY ERASABLE PROGRAMMABLE READ ONLY MEMORY
logo
Renesas Technology Corp
HN58X2508I RENESAS-HN58X2508I Datasheet
180Kb / 29P
   Electrically Erasable and Programmable Read Only Memory
logo
ATMEL Corporation
AT24C32D ATMEL-AT24C32D Datasheet
1Mb / 26P
   electrically erasable and programmable read only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25128B ATMEL-AT25128B Datasheet
1Mb / 24P
   serial electrically-erasable programmable read only memory
logo
NEC
UPD28C64 NEC-UPD28C64 Datasheet
250Kb / 10P
   65536-Bit Electrically Erasable And Programmable Read-Only Memory
logo
Texas Instruments
TMS29F256 TI-TMS29F256 Datasheet
997Kb / 18P
[Old version datasheet]   262,144-BIT FLASH ELECTRICALLY ERASABLE PROGRAMMABLE READ-ONLY MEMORIES
logo
Fujitsu Component Limit...
MBM27C1028-15 FUJITSU-MBM27C1028-15 Datasheet
487Kb / 12P
   CMOS 1048576 BIT UV ERASABLE READ ONLY MEMORY
logo
ATMEL Corporation
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com