Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKYA500ELL181MJC5S Datasheet(PDF) 3 Page - United Chemi-Con, Inc.

Part # EKYA500ELL181MJC5S
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKYA500ELL181MJC5S Datasheet(HTML) 3 Page - United Chemi-Con, Inc.

  EKYA500ELL181MJC5S Datasheet HTML 1Page - United Chemi-Con, Inc. EKYA500ELL181MJC5S Datasheet HTML 2Page - United Chemi-Con, Inc. EKYA500ELL181MJC5S Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Low impedance, 105
KYA
Series
◆STANDARD RATINGS
WV
(Vdc)
Cap
(µF)
Case size
φD×L(mm)
Impedance
(Ω max./100kHz)
Rated
ripple
current
(mArms/
105℃,
100kHz)
Part No.
20℃ -10℃
100
10
6.3
×11
0.57
2.3
205 EKYA101E
□□100MF11D
15
6.3
×11
0.57
2.3
205 EKYA101E
□□150MF11D
27
8
×11.5 0.36
1.4
355 EKYA101E
□□270MHB5D
39
8
×15
0.25
1.0
450 EKYA101E
□□390MH15D
47
10
×12.5 0.17
0.66
480 EKYA101E
□□470MJC5S
56
8
×20
0.19
0.76
565 EKYA101E
□□560MH20D
68
10
×16
0.11
0.47
600 EKYA101E
□□680MJ16S
100
10
×20
0.084 0.34
800 EKYA101E
□□101MJ20S
150
10
×25
0.069 0.28
900 EKYA101E
□□151MJ25S
180 12.5
×20
0.062 0.18
1,100 EKYA101E
□□181MK20S
220 12.5
×25
0.047 0.14
1,250 EKYA101E
□□221MK25S
330
16
×25
0.038 0.12
1,700 EKYA101E
□□331ML25S
470
16
×31.5 0.032 0.095
1,850 EKYA101E
□□471MLN3S
560
16
×35.5 0.029 0.086
2,000 EKYA101E
□□561MLP1S
□□ : Enter the appropriate lead forming or taping code.
◆RATED RIPPLE CURRENT MULTIPLIERS
・Frequency Multipliers
Frequency(Hz)
Capacitance(µF)
120
1k
10k
100k
1.0 to 180
0.40
0.75
0.90
1.00
220 to 560
0.50
0.85
0.94
1.00
680 to 1,800
0.60
0.87
0.95
1.00
2,200 to 3,900
0.75
0.90
0.95
1.00
4,700 to
0.85
0.95
0.98
1.00
The endurance of capacitors is reduced with internal heating produced by ripple current at the rate of halving the lifetime with every 5
℃ rise.
When long life performance is required in actual use, the rms ripple current has to be reduced.
171
CAT. No. E1001Q
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - EKYA500ELL181MJC5S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKYA500E CHEMI-CON-EKYA500E Datasheet
92Kb / 3P
   Low impedance, 105..
logo
List of Unclassifed Man...
EKYA500EXX100ME11D ETC2-EKYA500EXX100ME11D Datasheet
267Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKYA500EXX101MHB5D ETC2-EKYA500EXX101MHB5D Datasheet
267Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKYA500EXX102ML25S ETC2-EKYA500EXX102ML25S Datasheet
267Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKYA500EXX122ML25S ETC2-EKYA500EXX122ML25S Datasheet
267Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - EKYA500ELL181MJC5S

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com