Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIO-CSJM50 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # AIO-CSJM50
Description  Complete line of Metal and Nylon Industrial cable glands available
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

AIO-CSJM50 Datasheet(HTML) 1 Page - Amphenol Corporation

  AIO-CSJM50 Datasheet HTML 1Page - Amphenol Corporation AIO-CSJM50 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.amphenol-industrial.com
Amphenol® Industrial Cable Glands
Amphenol Industrial Global Operations introduces a series
of commercial liquid tight cable glands available both with
Metric and PG threads, Metallic and Non-Metallic. These
glands are suitable for a wide range of applications from
manufacturing machinery to measurement and control
equipment, like automation and robotics. These glands
can connect to Amphenol Industrial Global Operations
circular products with adaptors or be used individually. The
commercial cable glands have been successfully used at
major OEMs.
Features:
• CompletelineofMetalandNylonIndustrialcable
glands available
• EntrythreadsrangefromPG7throughPG48and
M12x1.5 through M90x2
• IP68Rated
• TempRange:-20°C~+105°C
• UL94V-2approvedmaterial
IDS-22-4
Amphenol®


Similar Part No. - AIO-CSJM50

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIO-CAN210-00A1E ADVANTECH-AIO-CAN210-00A1E Datasheet
1Mb / 2P
   EN50155 Intel® Atom™ E3845 Fanless Box PC
12-Jul-2022
AIO-CAN220-00A1E ADVANTECH-AIO-CAN220-00A1E Datasheet
623Kb / 2P
   EN50155 Intel® i7-6600U/i7-7600U Fanless Railway Box PC
15-Pep-2017
AIO-CAN220-00A1E ADVANTECH-AIO-CAN220-00A1E Datasheet
648Kb / 2P
   EN 50155 Intel® i7-6600U/i7-7600U Fanless Railway Box PC
15-Sep-2017
AIO-COM210-00A1E ADVANTECH-AIO-COM210-00A1E Datasheet
1Mb / 2P
   EN50155 Intel® Atom™ E3845 Fanless Box PC
12-Jul-2022
AIO-COM220-00A1E ADVANTECH-AIO-COM220-00A1E Datasheet
623Kb / 2P
   EN50155 Intel® i7-6600U/i7-7600U Fanless Railway Box PC
15-Pep-2017
More results

Similar Description - AIO-CSJM50

ManufacturerPart #DatasheetDescription
logo
SAB North America
CG300 SAB-CG300 Datasheet
169Kb / 1P
   Metal Cable Glands
CG300PG SAB-CG300PG Datasheet
168Kb / 1P
   Metal Cable Glands
CG300NPT SAB-CG300NPT Datasheet
166Kb / 1P
   Metal Cable Glands
logo
Weidmuller
0260700000 WEIDMULLER-0260700000 Datasheet
742Kb / 22P
   Cable glands
logo
SAB North America
CGEMC-4 SAB-CGEMC-4 Datasheet
223Kb / 1P
   EMC Grounding Cable Glands
logo
Richco, Inc.
CG-NPT RICHCO-CG-NPT Datasheet
78Kb / 1P
   CABLE GLANDS - NPT TYPE
logo
SAB North America
CGEMC-2 SAB-CGEMC-2 Datasheet
192Kb / 1P
   EMC Grounding Cable Glands
logo
Laird Tech Smart Techno...
S24493D LSTD-S24493D Datasheet
681Kb / 1P
   Variety of cable lengths and connectors available
logo
Richco, Inc.
CG-PG RICHCO-CG-PG Datasheet
79Kb / 1P
   CABLE GLANDS - PG TYPE
logo
SAB North America
CGEMC-2PG SAB-CGEMC-2PG Datasheet
233Kb / 1P
   EMC Grounding Cable Glands
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com