Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB3M8T3910GMNR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NB3M8T3910GMNR2G
Description  Configurable Differential Clock Fanout Buffer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3M8T3910GMNR2G Datasheet(HTML) 5 Page - ON Semiconductor

  NB3M8T3910GMNR2G Datasheet HTML 1Page - ON Semiconductor NB3M8T3910GMNR2G Datasheet HTML 2Page - ON Semiconductor NB3M8T3910GMNR2G Datasheet HTML 3Page - ON Semiconductor NB3M8T3910GMNR2G Datasheet HTML 4Page - ON Semiconductor NB3M8T3910GMNR2G Datasheet HTML 5Page - ON Semiconductor NB3M8T3910GMNR2G Datasheet HTML 6Page - ON Semiconductor NB3M8T3910GMNR2G Datasheet HTML 7Page - ON Semiconductor NB3M8T3910GMNR2G Datasheet HTML 8Page - ON Semiconductor NB3M8T3910GMNR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
NB3M8T3910G
www.onsemi.com
5
DC ELECTRICAL CHARACTERISTICS
Table 9. DC ELECTRICAL CHARACTERISTICS POWER SUPPLY DC CHARACTERISTICS,
GND = 0.0 V; TA = −40°C to 85°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VDD
Core Supply Voltage
2.375
3.465
V
VDDOx
Output Supply Voltage
2.375
3.465
V
IDD
Core Supply Current
LVPECL Outputs
LVDS Outputs
HCSL Outputs
85
155
90
120
185
120
mA
IDDO
Output Supply Current
All LVPECL Outputs Unloaded
ALL LVDS Outputs Loaded
All HCSL Output Unloaded
50
60
45
70
80
60
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm.
Table 10. LVCMOS/LVTTL DC, VDD/VDDO = 2.5 V/2.5 V, 3.3 V/3.3 V or 3.3 V/2.5 V ±5%; GND = 0.0 V; TA = −40°C to 85°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIH
Input High Voltage
(SEL0/1, SMODEA0/1, SMODEB0/1
OE_SE)
VDD = 3.3 V
VDD = 2.5 V
2
1.7
VDD + 0.3
VDD + 0.3
V
VIL
Input Low Voltage
(SEL0/1, SMODEA0/1, SMODEB0/1
OE_SE)
VDD = 3.3 V
VDD = 2.5 V
−0.3
−0.3
0.8
0.7
V
IIH
Input High Current
(SEL0/1, SMODEA0/1, SMODEB0/1
OE_SE)
VDD = VIN = 3.465 V
150
mA
IIL
Input Low Current
(SEL0/1, SMODEA0/1, SMODEB0/1
OE_SE)
VDD = 3.465V, VIN = 0 V
−150
mA
VOH
Output High Voltage (Note 3) REFOUT
VDDO = 3.3 V ±5%
VDDO = 2.5 V ±5%
2.3
1.5
V
VOL
Output LOW Voltage (Note 3) REFOUT
VDDO = 3.3 V ±5%
VDDO = 2.5 V ±5%
0.5
0.4
V
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm.
3. Outputs terminated with 50
W to VDDO/2. See Parameter Measurement Information.


Similar Part No. - NB3M8T3910GMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3M8T3910GMNR2G ONSEMI-NB3M8T3910GMNR2G Datasheet
183Kb / 20P
   Configurable Differential Clock Fanout Buffer
March, 2014 ??Rev. 1
NB3M8T3910GMNR2G ONSEMI-NB3M8T3910GMNR2G Datasheet
187Kb / 20P
   Configurable Differential Clock Fanout Buffer
May, 2018 ??Rev. 3
More results

Similar Description - NB3M8T3910GMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3M8T3910G ONSEMI-NB3M8T3910G Datasheet
183Kb / 20P
   Configurable Differential Clock Fanout Buffer
March, 2014 ??Rev. 1
NB3M8T3910G ONSEMI-NB3M8T3910G_18 Datasheet
187Kb / 20P
   Configurable Differential Clock Fanout Buffer
May, 2018 ??Rev. 3
NB3N853501E ONSEMI-NB3N853501E Datasheet
223Kb / 9P
   Differential Clock Fanout Buffer Outputs
November, 2011 ??Rev. 2
logo
Renesas Technology Corp
8T39204 RENESAS-8T39204 Datasheet
1Mb / 41P
   Crystal or Differential to Differential Clock Fanout Buffer
February 2, 2023
8T39S06A RENESAS-8T39S06A Datasheet
1Mb / 40P
   Crystal or Differential to Differential Clock Fanout Buffer
May 20, 2016
logo
Integrated Device Techn...
8T39S08A IDT-8T39S08A Datasheet
845Kb / 39P
   Crystal or Differential-to-Differential Clock Fanout Buffer
logo
Renesas Technology Corp
IDT8T39S10I RENESAS-IDT8T39S10I Datasheet
1Mb / 44P
   Crystal or Differential to Differential Clock Fanout Buffer
2019
logo
Integrated Device Techn...
8T39S04A IDT-8T39S04A Datasheet
807Kb / 36P
   Crystal or Differential to Differential Clock Fanout Buffer
logo
Renesas Technology Corp
8T39S04A RENESAS-8T39S04A Datasheet
1Mb / 36P
   Crystal or Differential to Differential Clock Fanout Buffer
July 24, 2019
8T39S08A RENESAS-8T39S08A Datasheet
1Mb / 40P
   Crystal or Differential-to-Differential Clock Fanout Buffer
May 19, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com