Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB3N200S Datasheet(PDF) 4 Page - ON Semiconductor

Part # NB3N200S
Description  3.3 V Differential Multipoint Low Voltage M-LVDS Driver Receiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3N200S Datasheet(HTML) 4 Page - ON Semiconductor

  NB3N200S Datasheet HTML 1Page - ON Semiconductor NB3N200S Datasheet HTML 2Page - ON Semiconductor NB3N200S Datasheet HTML 3Page - ON Semiconductor NB3N200S Datasheet HTML 4Page - ON Semiconductor NB3N200S Datasheet HTML 5Page - ON Semiconductor NB3N200S Datasheet HTML 6Page - ON Semiconductor NB3N200S Datasheet HTML 7Page - ON Semiconductor NB3N200S Datasheet HTML 8Page - ON Semiconductor NB3N200S Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
NB3N200S
www.onsemi.com
4
Table 5. DC CHARACTERISTICS VCC = 3.3
±10% V( 3.0 to 3.6 V), GND = 0 V, TA = −40°C to +85°C (See Notes 4, 5)
Symbol
Unit
Max
Typ
Min
Characteristic
DRIVER
|VAB| /
|VYZ|
Differential output voltage magnitude (see Figure 4)
480
650
mV
D|VAB| /
D|VYZ|
Change in Differential output voltage magnitude between logic states (see Figure 4)
−50
50
mV
VOS(SS)
Steady state common mode output voltage (see Figure 5)
0.8
1.2
V
DVOS(SS) Change in Steady state common mode output voltage between logic states (see
Figure 5)
−50
50
mV
VOS(PP)
Peak−to−peak common−mode output voltage (see Figure 5)
150
mV
VYOC /
VAOC
Maximum steady−state open−circuit output voltage (see Figure 9)
0
2.4
V
VZOC /
VBOC
Maximum steady−state open−circuit output voltage (see Figure 9)
0
2.4
V
VP(H)
Voltage overshoot, low−to−high level output (see Figure 7)
1.2 VSS
V
VP(L)
Voltage overshoot, high−to−low level output (see Figure 7)
−0.2 VSS
V
IIH
High−level input current (D, DE) VIH = 2 V
0
10
uA
IIL
Low−level input current (D, DE) VIL = 0.8 V
0
10
uA
JIOSJ
Differential short−circuit output current magnitude (see Figure 6)
24
mA
IOZ
High−impedance state output current (driver only)
−1.4 V
≤ (VY or VZ) ≤ 3.8 V, other output at 1.2 V
−15
10
uA
IO(OFF)
Power−off output current (0 V
≤ VCC ≤ 1.5 V)
−1.4 V
≤ (VY or VZ) ≤ 3.8 V, other output at 1.2 V
−10
10
uA
CY / CZ
Output Capacitance VI = 0.4 sin(30E6
πt) + 0.5 V, other outputs at 1.2 V using
HP4194A impedance analyzer (or equivalent)
3
pF
CYZ
Differential Output Capacitance VAB = 0.4 sin(30E6
pt) V, other outputs at 1.2 V using
HP4194A impedance analyzer (or equivalent)
2.5
pF
CY/Z
Output Capacitance Balance, (CY/CZ)
99
101
%
RECEIVER
VIT+
Positive−going Differential Input voltage Threshold (See Figure 11 & Table 8)
Type 1
Type 2
50
150
mV
VIT−
Negative−going Differential Input voltage Threshold (See Figure 11 & Table 8)
Type 1
Type 2
−50
50
mV
VHYS
Differential Input Voltage Hysteresis (See Figure 11 and Table 2)
Type 1
Type 2
25
0
mV
VOH
High−level output voltage (IOH = –8 mA
2.4
V
VOL
Low−level output voltage (IOL = 8 mA)
0.4
V
IIH
RE
High-level input current (VIH = 2 V)
−10
0
mA
IIL
RE
Low-level input current (VIL = 0.8 V)
−10
0
mA
IOZ
High−impedance state output current (VO = 0 V of 3.6 V)
−10
15
mA
CA / CB
Input Capacitance VI = 0.4 sin(30E6
πt) + 0.5 V, other outputs at 1.2 V using HP4194A
impedance analyzer (or equivalent)
3
pF
CAB
Differential Input Capacitance VAB = 0.4 sin(30E6
πt) V, other outputs at 1.2 V using
HP4194A impedance analyzer (or equivalent)
2.5
pF
CA/B
Input Capacitance Balance, (CA/CB)
99
101
%


Similar Part No. - NB3N200S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N200S ONSEMI-NB3N200S Datasheet
475Kb / 18P
   3.3 V Differential Multipoint Low Voltage M-LVDS Driver Receiver
January, 2012 ??Rev. 0
More results

Similar Description - NB3N200S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N200S ONSEMI-NB3N200S Datasheet
475Kb / 18P
   3.3 V Differential Multipoint Low Voltage M-LVDS Driver Receiver
January, 2012 ??Rev. 0
NB3N206S ONSEMI-NB3N206S Datasheet
341Kb / 19P
   3.3 V Differential Multipoint Low Voltage M-LVDS Driver Receiver
September, 2012 ??Rev. 0
NB3N201S ONSEMI-NB3N201S_15 Datasheet
292Kb / 19P
   3.3 V Differential Multipoint Low Voltage M-LVDS Driver Receiver
June, 2015 ??Rev. 1
logo
National Semiconductor ...
DS91D180 NSC-DS91D180 Datasheet
607Kb / 13P
   Multipoint LVDS (M-LVDS) Line Driver/Receiver
logo
ON Semiconductor
NBA3N200S ONSEMI-NBA3N200S Datasheet
288Kb / 19P
   3.3 V Automotive Grade M-LVDS Driver Receiver
October, 2015 ??Rev. 3
NBA3N201S ONSEMI-NBA3N201S Datasheet
288Kb / 19P
   3.3 V Automotive Grade M-LVDS Driver Receiver
October, 2015 ??Rev. 3
NBA3N206S ONSEMI-NBA3N206S Datasheet
286Kb / 18P
   3.3 V Automotive Grade M-LVDS Driver Receiver
October, 2015 ??Rev. 3
logo
Texas Instruments
SN65MLVD201 TI-SN65MLVD201_10 Datasheet
749Kb / 28P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201_07 Datasheet
695Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201 Datasheet
329Kb / 10P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com